Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF32F-G003-HNIL3 Datasheet(PDF) 2 Page - Hongfa Technology

Part # HF32F-G003-HNIL3
Description  SUBMINIATURE INTERMEDIATE POWER RELAY
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF32F-G003-HNIL3 Datasheet(HTML) 2 Page - Hongfa Technology

  HF32F-G003-HNIL3 Datasheet HTML 1Page - Hongfa Technology HF32F-G003-HNIL3 Datasheet HTML 2Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
?;
70
-NLMIGCK LJCAE@F AIBC
:3v749
64>
64:
7>4:
649
7648
84;:
784=
/Chmmhf ob^p0
/Chmmhf ob^p0
R^fZkd@ 70 Jg \Zl^ h_ gh mhe^kZg\^ lahpg bg hnmebg^ ]bf^glbhg@ hnmebg^ ]bf^glbhg R7ff2 mhe^kZg\^ lahne][^ u648ffA hnmebg^ ]bf^glbhg V7ff
Zg] R;ff2 mhe^kZg\^ lahne][^ u649ffA hnmebg^ ]bf^glbhg V;ff2 mhe^kZg\^ lahne][^ u64:ff4
80 Ta^ mhe^kZg\^ pbmahnm bg]b\Zmbg` _hk PDC eZrhnm bl ZepZrl u647ff4
90 Ta^ pb]ma h_ ma^ `kb]]bg` bl 84;:ff4
/Chmmhf ob^p0
86
76
96
766
:66
866 966
:
76
86
9
8
;6
MBXJMUM SWJTDIJNH POWFR
FEURBNDF DURVF
DOJL TFMPFRBTURF RJSF
DhgmZ\m VhemZ`^ /V0
DhgmZ\m Dnkk^gm /B0
P^k\^gmZ`^ O_ NhfbgZe Dhbe VhemZ`^
BD R^lblmbo^
ED R^lblmbo^
Ebl\eZbf^k
Ta^ li^\b_b\Zmbhg bl _hk k^_^k^g\^ hger4 S^^ mh ,T^kfbgheh`r Zg]Hnb]^ebg^l, _hk fhk^ bg_hkfZmbhg4 Si^\b_b\Zmbhgl ln[c^\m mh \aZg`^ pbmahnm ghmb\^4
W^ \hne]ghm ^oZenZm^ Zee ma^ i^k_hkfZg\^ Zg]Zee ma^ iZkZf^m^kl _hk ^o^kr ihllb[e^ Ziieb\Zmbhg4 Tanl ma^ nl^k lahne][^ bg Z kb`am ihlbmbhg mh
\ahhl^ ma^ lnbmZ[e^ ikh]n\m _hk ma^bk hpg Ziieb\Zmbhg4 J_ ma^k^ bl Zgr jn^kr2 ie^Zl^ \hgmZ\m Ihg`_Z _hk ma^ m^\agb\Ze l^kob\^4 Ihp^o^k2 bm bl ma^
nl^kwl k^lihglb[bebmr mh ]^m^kfbg^ pab\a ikh]n\m lahne] [^ nl^] hger4
t XbZf^g Ihg`_Z Fe^\mkhZ\hnlmb\ Dh42 Lm]4 Bee kb`aml h_ Ihg`_Z Zk^ k^l^ko^]4
64:;q64:;
;CLM AIHBEMEIHL*
R^lblmbo^ ehZ]2 Rhhf m^fi4 2 7l hg ?l h__
;CLM AIHBEMEIHL* 76B Zm >;S
IG98G3H 5
678
3I
S
9
/XXX0
-IEF OIFM@DC
92 ;2 <2 ?2 782 7>2 8:2 :>VED
79./9361 360795+;376
;PJC
-IHLMKNAMEIH
:* PeZlmb\ l^Ze^]
6EF* Genq ikhh_^]
-IHM@AM @KK@HDCGCHM 2* 7 Ghkf B
-IHM@AM G@MCKE@F
;* B`SgO8
~* B`Nb
6EF* B`D]O
7<;436/ .35/6:376:z >39361 .3+19+5 +6. 8- ,7+9. 4+?7<;
Onmebg^ Ebf^glbhgl
Wbkbg` EbZ`kZf
PDC LZrhnm
Ugbm@ ff
-2+9+-;/93:;3- -<9=/:
^4`4 /99;0 lmZg]l _hk ikh]n\m bg Z\\hk]Zg\^ mh JFD <699;37/HWT0
6IMCL* 70 Ug]^k ma^ Zf[b^g\^ pbma ]Zg`^khnl `Zl ebd^ I8S2 SO8 hk NO82 ieZlmb\ l^Ze^] mri^ bl k^\hff^g]^]A ie^Zl^ m^lm ma^ k^eZr bg k^Ze
Ziieb\Zmbhgl4 J_ ma^ Zf[b^g\^ Zeehpl2 _enq ikhh_^] bl ik^_^k^gmbZeer k^\hff^g]^]4
<
9
6?
766
76
;6
:
7=
;
8>
76
766
6
>6
?6
776
796
786
;6
86
:6
96
76
<6
=6
>6
80 DhgmZ\m bl k^\hff^g]^]_hk lnbmZ[e^ \hg]bmbhg Zg]li^\b_b\Zmbhgl b_ pZm^k \e^Zgbg` hk lnk_Z\^ ikh\^ll bl bgoheo^]bg Zll^f[ebg` k^eZrl
hg PDC4


Similar Part No. - HF32F-G003-HNIL3

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF32F-G HONGFA-HF32F-G Datasheet
55Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF32F-G HONGFA-HF32F-G Datasheet
54Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF32F-G/003-H3XXX HONGFA-HF32F-G/003-H3XXX Datasheet
55Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF32F-G/003-HS3XXX HONGFA-HF32F-G/003-HS3XXX Datasheet
55Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF32F-G/003-HSTXXX HONGFA-HF32F-G/003-HSTXXX Datasheet
55Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
More results

Similar Description - HF32F-G003-HNIL3

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF32FV HONGFA-HF32FV_17 Datasheet
64Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F_15 Datasheet
81Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF42F HONGFA-HF42F Datasheet
56Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF33F HONGFA-HF33F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF36F HONGFA-HF36F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF38F HONGFA-HF38F Datasheet
62Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HFE51 HONGFA-HFE51 Datasheet
1Mb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
logo
List of Unclassifed Man...
JZC-33F ETC-JZC-33F Datasheet
51Kb / 2P
   SUBMINIATURE INTERMEDIATE POWER RELAY
logo
Hongfa Technology
HF43F HONGFA-HF43F Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
JE7 HONGFA-JE7 Datasheet
64Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
HF46F HONGFA-HF46F Datasheet
57Kb / 3P
   SUBMINIATURE INTERMEDIATE POWER RELAY
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com