Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SL18860DC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SL18860DC
Description  3-Channel Clock Distribution Buffer
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

SL18860DC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SL18860DC Datasheet HTML 1Page - List of Unclassifed Manufacturers SL18860DC Datasheet HTML 2Page - List of Unclassifed Manufacturers SL18860DC Datasheet HTML 3Page - List of Unclassifed Manufacturers SL18860DC Datasheet HTML 4Page - List of Unclassifed Manufacturers SL18860DC Datasheet HTML 5Page - List of Unclassifed Manufacturers SL18860DC Datasheet HTML 6Page - List of Unclassifed Manufacturers SL18860DC Datasheet HTML 7Page - List of Unclassifed Manufacturers SL18860DC Datasheet HTML 8Page - List of Unclassifed Manufacturers SL18860DC Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Rev 1.8, March 16 , 2012
Page 1 of 12
400 West Cesar Chavez, Austin, TX 78701
1+(512) 416-8500
1+(512) 416-9669
www.silabs.com
SL18860DC
Key Features
• Low current consumption
- 2.7mA-typ (VDD=1.8V and CL=0)
• 1.7V to 3.65V power supply operation
• 10MHz to 52MHz CLKIN
• Supports LVCMOS and clipped sine wave inputs
• Suports 3 single-ended LVCMOS square wave
outputs
• OE1/2/3 functions for each CLKOUT1/2/3 outputs
• OE_OSC control pin to enable external TCXO/XO
• Ultra-Low phase noise
• Ultra low standby current
• 10-pin TDFN package (1.4x2.0x0.75 mm)
• Industrial -40 ºC to 85 ºC temperature range
Application
• Smart Mobile Handsets
• Multi-mode RF Clock Distribution
• Baseband Peripheral Clock Distribution
Description
The SL18860DC product is a high performance 3 output
clock distribution buffer and provides 3 outputs from a
single input clock by using SLI proprietary low phase
noise and low power dissipation circuit design.
The SL18860DC can be used in baseband mobile RF
applications including WLAN, Bluetooth and DVB-H as an
input clock reference. The product designed to isolate
each device driven by their clock outputs to minimize
interference between these devices.
Each of the clock buffer outputs can be individually
disabled by using OE1/2/3 control pins to reduce the
power consumption if the connected device does not need
the clock. The device operates from single power supply
from 1.7V to 3.65V and from -40 ºC to 85 ºC.
Benefits
• Fast Time-to-market
• Cost Reduction
• Low Power Dissipation
• Low Phase Noise
Block Diagram
CONTROL LOGIC
6
7
5
10
4
8
9
3
2
1
CLKOUT1
CLKOUT2
CLKOUT3
CLKIN
VDD
VSS
OE2
OE3
OE1
OE_OSC
3-Channel Clock Distribution Buffer


Similar Part No. - SL18860DC

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL18860DC SILABS-SL18860DC Datasheet
269Kb / 12P
   3-Channel Clock Distribution Buffer
SL18860DC SILABS-SL18860DC Datasheet
269Kb / 12P
   3-Channel Clock Distribution Buffer
SL18860DCT SILABS-SL18860DCT Datasheet
269Kb / 12P
   3-Channel Clock Distribution Buffer
More results

Similar Description - SL18860DC

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SL18860DC SILABS-SL18860DC Datasheet
269Kb / 12P
   3-Channel Clock Distribution Buffer
SL18860 SILABS-SL18860 Datasheet
269Kb / 12P
   3-Channel Clock Distribution Buffer
SL18861 SILABS-SL18861 Datasheet
267Kb / 12P
   3-Channel Clock Distribution Buffer
logo
PhaseLink Corporation
PLL103-05 PLL-PLL103-05 Datasheet
122Kb / 4P
   1-to-5 Clock Distribution Buffer
PLL103-04 PLL-PLL103-04 Datasheet
122Kb / 4P
   1-to-4 Clock Distribution Buffer
logo
PulseCore Semiconductor
PCS2I99446 PULSECORE-PCS2I99446 Datasheet
579Kb / 14P
   2.5V and 3.3V LVCMOS Clock Distribution Buffer
logo
Alliance Semiconductor ...
ASM2I99446 ALSC-ASM2I99446 Datasheet
575Kb / 14P
   2.5V and 3.3V LVCMOS Clock Distribution Buffer
logo
Dialog Semiconductor
SLG3SY3952 DIALOG-SLG3SY3952 Datasheet
117Kb / 10P
   1:3 Clock Buffer
logo
Integrated Device Techn...
IDT2309 IDT-IDT2309_12 Datasheet
125Kb / 10P
   3.3V ZERO DELAY CLOCK BUFFER Phase-Lock Loop Clock Distribution
logo
Cypress Semiconductor
B9949 CYPRESS-B9949 Datasheet
70Kb / 8P
   3.3V 160-MHz 1:15 Clock Distribution Buffer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com