Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SIO7 Datasheet(PDF) 5 Page - ABCircuits

Part # SIO7
Description  Serial input/output IC for 7 bits of input and 7 bits of output
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABCIRCUITS [ABCircuits]
Direct Link  http://www.abcircuits.com
Logo ABCIRCUITS - ABCircuits

SIO7 Datasheet(HTML) 5 Page - ABCircuits

  SIO7 Datasheet HTML 1Page - ABCircuits SIO7 Datasheet HTML 2Page - ABCircuits SIO7 Datasheet HTML 3Page - ABCircuits SIO7 Datasheet HTML 4Page - ABCircuits SIO7 Datasheet HTML 5Page - ABCircuits SIO7 Datasheet HTML 6Page - ABCircuits SIO7 Datasheet HTML 7Page - ABCircuits  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
Turning Ideas Into Reality
ABCircuits www.abcircuits.com POB 123 New Hill NC 27562 (919) 290-7104
Part Number SIO7
Copyright © 2014 ABCircuits. Revised September 2014 Page 5 of 7
Serial Output Stream
IA4
START
IA2
IA6
IA3
IA0
BIT CELLS
DATA STREAM
IA5
0
IA1
STOP
INPUT IA BITS
When the input bits on IA0-6 change, or the 100 mS delay times out, the SIO7 transmits one byte
on the SOUT- pin. The bits from IA0-6 are transmitted, the eighth bit is a zero. The SIO7
automatically adds start and stop bits to the data stream. The data is transmitted at 9600 BPS, 8
bits, 1 stop, no parity.
Absolute Maximum Ratings
Symbol
Description
Min
Typical
Max
Units
Notes
Tstg
Storage Temperature
-55
25
+100
ºC
Ta
Operating Temperature
-40
+85
ºC
Vdd
Vdd - Vss Voltage
-0.5
+6.0
V
Vio
Input Voltage
Vss - 0.5
Vdd +0.5
V
Imio
Maximum current into any pin
-25
+50
mA
ESD
Electrostatic Discharge Voltage
2000
V
Human Body Model
ESD
LU
Latch up current
200
mA
DC Electrical Characteristics
Symbol
Description
Min
Typical
Max
Units
Notes
Vdd
Supply Voltage
2.4
5.25
V
Idd
Supply Current
5
8
mA
Note 1
Voh
High Output Level
Vdd - 1.0
V
Ioh=10 mA
Vol
Low Output Voltage
0.75
V
Iol=25 mA
Vih
Input High Level
2.1
V
Vil
Input Low Level
0.8
V
Ioh
High Level Source Current
10
mA
Iol
Low Level Sink Current
25
mA
Cio
Capacitive load
3.5
10
pF
Iil
Input leakage
1
nA
Rpu
Pull Up Resistors On Inputs
IA0-6
4
5.6
8
k?
Note 1: Vdd=5VDC, all inputs and outputs open
Theory Of Operation
The SIO7 IC is a custom programmed microprocessor designed to monitor a serial input/output
stream. When a byte is received, bit 8 is checked. If bit 8 is zero, the byte is placed on the OA0-
6 pins, otherwise the byte is ignored.
Anytime an input IA0-6 changes, or the 100 mS timer expires, the part transmits the data on the
IA0-6 pins. Bit 8 of the transmitted byte is a zero.


Similar Part No. - SIO7

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SIO-RTD LITTELFUSE-SIO-RTD Datasheet
147Kb / 1P
   The SIO-RTD is a microprocessor-based
logo
SMSC Corporation
SIO1000 SMSC-SIO1000 Datasheet
210Kb / 5P
   SUPER I/O WITH LPC INTERFACE WITH FIR AND CONSUMER IR SUPPORT
SIO1000 SMSC-SIO1000 Datasheet
202Kb / 5P
   Super I/O with LPC Interface with FIR and Consumer IR Support
SIO1000-JN SMSC-SIO1000-JN Datasheet
210Kb / 5P
   SUPER I/O WITH LPC INTERFACE WITH FIR AND CONSUMER IR SUPPORT
SIO1000-JV SMSC-SIO1000-JV Datasheet
210Kb / 5P
   SUPER I/O WITH LPC INTERFACE WITH FIR AND CONSUMER IR SUPPORT
More results

Similar Description - SIO7

ManufacturerPart #DatasheetDescription
logo
ABCircuits
SIOA7 ABCIRCUITS-SIOA7 Datasheet
219Kb / 10P
   Stand Alone UART IC 7 bits of input and 7 bits of output Expandable and Addressable
SI14 ABCIRCUITS-SI14 Datasheet
222Kb / 6P
   Serial Input IC For 14 Bits of Input
SIO8 ABCIRCUITS-SIO8 Datasheet
198Kb / 8P
   Stand Alone UART IC 8 bits of input and 8 bits of output
logo
STMicroelectronics
MK68564 STMICROELECTRONICS-MK68564 Datasheet
464Kb / 46P
   SERIAL INPUT OUTPUT
logo
Toshiba Semiconductor
TC4021BP TOSHIBA-TC4021BP Datasheet
290Kb / 7P
   8-STAGE STATIC SHIFT REGISTER (ASYNCHRONOUS PARALLEL INPUT OF SYNCHRONOUS SERIAL INPUT SERAL INPUT/SERIAL OUTPUT)
logo
Xilinx, Inc
DS483 XILINX-DS483 Datasheet
198Kb / 5P
   Configurable size of the input and output bus
logo
AIMTEC
AM50E-NZ AIMTEC-AM50E-NZ Datasheet
257Kb / 5P
   Input to Output Isolation of 1500VDC
AM3HW-NZ AIMTEC-AM3HW-NZ Datasheet
154Kb / 3P
   Input to Output Isolation of 1500VDC
logo
WAGO Kontakttechnik Gmb...
750-653-000-001 WAGO-750-653-000-001 Datasheet
519Kb / 12P
   RS-485 Serial Interface; 9600 baud; Even; 7/2 bits
logo
Zilog, Inc.
Z84C4206PEG ZILOG-Z84C4206PEG Datasheet
1Mb / 24P
   SERIAL INPUT/OUTPUT CONTROLLER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com