Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA1813GR-9JG Datasheet(PDF) 3 Page - NEC

Part # UPA1813GR-9JG
Description  P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPA1813GR-9JG Datasheet(HTML) 3 Page - NEC

  UPA1813GR-9JG Datasheet HTML 1Page - NEC UPA1813GR-9JG Datasheet HTML 2Page - NEC UPA1813GR-9JG Datasheet HTML 3Page - NEC UPA1813GR-9JG Datasheet HTML 4Page - NEC UPA1813GR-9JG Datasheet HTML 5Page - NEC UPA1813GR-9JG Datasheet HTML 6Page - NEC UPA1813GR-9JG Datasheet HTML 7Page - NEC UPA1813GR-9JG Datasheet HTML 8Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Data Sheet D13294EJ1V0DS00
3
µµµµPA1813
TYPICAL CHARACTERISTICS (TA = 25 °C)
30
150
60
90
20
60
80
40
0
100
120
DERATING FACTOR OF FORWARD BIAS
SAFE OPERATING AREA
TA - Ambient Temperature - ˚C
FORWARD BIAS SAFE OPERATING AREA
−10
−100
−1
VDS - Drain to Source Voltage - V
−100
−10
−1
−0.1
−0.01
−0.1
PW
=1
m
s
100
m
s
10
ms
RDS(on)
Limited
(@V
GS
=
4.5
V)
ID(pulse)
ID(DC)
DC
TA = 25˚C
Single Pulse
Mounted on Ceramic
Substrate of 50cm x 1.1mm
2
DRAIN CURRENT vs.
DRAIN TO SOURCE VOLTAGE
VDS - Drain to Source Voltage - V
−0.2
−0.8
−1.0
−0.4
−0.6
−5
−15
−20
−10
0
4.0 V
2.5 V
VGS =
−4.5 V
FORWARD TRANSFER CHARACTERISTICS
VGS - Gate to Source Voltage - V
−100
−10
−1
−0.1
−0.01
−0.001
−0.0001
−0.00001
0
−1.0
−2.0
−3.0
VDS =
−10 V
TA = 125˚C
75˚C
TA = 25˚C
−25˚C
GATE TO SOURCE CUT-OFF VOLTAGE vs.
CHANNEL TEMPERATURE
Tch - Channel Temperature - ˚C
VDS =
−10 V
ID =
−1 mA
−50
0
150
50
−0.5
100
−1.0
−1.5
−1
−10
−0.01
0.01
0.1
1
10
100
−0.1
VDS =
−10 V
−100
ID - Drain Current - A
TA =
−25˚C
25˚C
75˚C
125˚C
FORWARD TRANSFER ADMMITTANCE Vs.
DRAIN CURRENT


Similar Part No. - UPA1813GR-9JG

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
UPA1813GR-9JG RENESAS-UPA1813GR-9JG Datasheet
231Kb / 10P
   MOS FIELD EFFECT TRANSISTOR
1999
More results

Similar Description - UPA1813GR-9JG

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1916 NEC-UPA1916 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA653TT NEC-UPA653TT Datasheet
70Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA678TB NEC-UPA678TB Datasheet
60Kb / 6P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ557 NEC-2SJ557 Datasheet
62Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1915 NEC-UPA1915 Datasheet
66Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1856 NEC-UPA1856 Datasheet
77Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
Renesas Technology Corp
PA1815 RENESAS-PA1815_15 Datasheet
200Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1856 RENESAS-PA1856_15 Datasheet
208Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1913 RENESAS-PA1913_15 Datasheet
202Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
PA1914 RENESAS-PA1914_15 Datasheet
201Kb / 10P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
2SJ648 RENESAS-2SJ648_15 Datasheet
269Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com