Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HF14FF012-1ZSTF Datasheet(PDF) 1 Page - Hongfa Technology

Part # HF14FF012-1ZSTF
Description  MINIATURE HIGH POWER RELAY
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

HF14FF012-1ZSTF Datasheet(HTML) 1 Page - Hongfa Technology

  HF14FF012-1ZSTF Datasheet HTML 1Page - Hongfa Technology HF14FF012-1ZSTF Datasheet HTML 2Page - Hongfa Technology HF14FF012-1ZSTF Datasheet HTML 3Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
7>7
3GDQROGP
Fjio\^o m\odib
Idg` Pj4@H79:;7=
Idg` Pj4@T;67:6=;?
Gd`g`^omd^
nom`iboc
Ucj^f m`ndno\i^`
KQPJID THND[
Idg` Pj4@FSF6?66869;6=9
LUQ?6672 LUQ5VU7<?:? 2 LUQ7:6672 QKUDU7>6672 LHFS SF 6>6666 FHTVLILHG
867: T`q4 7467
>U@
76D 8;6XDF
76D 96XGF
Dkkmjs4 ;96hY
Fjdg kjr`m
7s76;QRU /76D 8==XDF2
T`ndnodq` gj\_2 Tjjh o`hk42 7n ji ?n jaa0
7s76;QRU /76D 96XGF2
T`ndnodq` gj\_2 Tjjh o`hk42 7n ji ?n jaa0
Hg`^omd^\g `i_pm\i^`
1
X3; 786XDF
76D 8==XDF J`i`m\g kpmkjn`
76D 96XGF T`ndnodq`
759KR 8;6XDF
75:KR 78;XDF
VX3; 786XDF
76D 8==XDF J`i`m\g kpmkjn`
76D 96XGF T`ndnodq`
759KR 8;6XDF
PQ@75:KR 78;XDF
76D 8==XDF J`i`m\g kpmkjn`
76D 96XGF T`ndnodq`
759KR 8;6XDF
75:KR 78;XDF
VX3; 786XDF
9MQGP- 70 Dgg q\gp`n pink`^dad`_ \m` \o mjjh o`hk`m\opm`4
80 Qigt otkd^\g gj\_n \m` gdno`_ \]jq`4 Qoc`m gj\_ nk`^dad^\odjin
^\i ]` \q\dg\]g` pkji m`lp`no4
53*,33
7D2 7F
;6h h\s4/\o 7D 8:XGF0
DbUiQ82 DbPd2 DbF_Q
T`ndnodq`@ 76D 8==XDF596XGF
VX3; 786XDF
8==XDF 5 96XGF
76D
8==6XD 5 966Y
7s76=QRU
Fjio\^o \mm\ib`h`io
Fjio\^o m`ndno\i^`
Fjio\^o h\o`md\g
O\s4 nrdo^cdib qjgo\b`
O\s4 nrdo^cdib ^pmm`io
O\s4 nrdo^cdib kjr`m
O`^c\id^\g `i_pm\i^`
7666O /\o ;66XGF0
;666XDF 7hdi
7666XDF 7hdi
7;hn h\s4
;hn h\s4
76Ku oj ;;Ku 74;hh GD
?>h5n8
?>6h5n8
;- oj >;- TK
3:6 oj =6
RFE
Dkkmjs4 7>b
8696.>?<2 5645 ;:A2< <27.B
0:9>.0> 1.>.
05.<.0>2<6=>60=
Pjhdi\g
Xjgo\b`
XGF
Fjdg
T`ndno\i^`
Rd^f3pk
Xjgo\b`
XGF
h\s4
Gmjk3jpo
Xjgo\b`
XGF
hdi4
O\s4
Xjgo\b`
XGF
0:67 1.>.
;
<
?
78
7>
8:
:>
94=;
:4;6
<4=;
?466
794;
7>46
9<46
64;
64<
64?
748
74>
84:
:4>
=46
>4:
784<
7<4>
8;48
994<
<=48
9
848;
649
:48
<6
:;46
<46
>:46
9MQGP- 70 Yc`i m`lpdmdib kd^f3pk qjgo\b` B =;- ja ijhdi\g qjgo\b`2
nk`^d\g jm_`m \ggjr`_4
80 1 O\sdhph qjgo\b` m`a`mn oj oc` h\sdhph qjgo\b` rcd^c m`g\t
^jdg ^jpg_ `i_pm` di \ ncjmo k`mdj_ ja odh`4
X 76D nrdo^cdib ^\k\]dgdot
X ;fX _d`g`^omd^ nom`iboc
/]`or``i ^jdg \i_ ^jio\^on0
X Uj^f`on \q\dg\]g`
X Rg\nod^ n`\g`_ \i_ _pno kmjo`^o`_ otk`n \q\dg\]g`
X WN dinpg\odji ntno`h@ Fg\nn I \q\dg\]g`
X Hiqdmjih`io\g amd`i_gt kmj_p^o /TjKU ^jhkgd\io0
X Qpogdi` Gdh`indjin@ /8?46 s 7946 s 8<460 hh
Linpg\odji m`ndno\i^`
E`or``i ^jdg . ^jio\^on
E`or``i jk`i ^jio\^on
Qk`m\o` odh` /\o ijhd4 qjgo40
T`g`\n` odh` /\o ijhd4 qjgo40
Xd]m\odji m`ndno\i^`
Ipi^odji\g
G`nomp^odq`
Kphd_dot
Dh]d`io o`hk`m\opm`
V`mhdi\odji
Wido r`dbco
Fjinomp^odji
:=s/7 76-0
<>s/7 76-0
7<6s/7 76-0
8=;s/7 76-0
<86s/7 76-0
7766s/7 76-0
:7=6 s /7 76-0
7=s/7 76-0
=666 s /7 76-0
\o 89
Rg\nod^ n`\g`_2
Igps kmjja`_
0:67
?7~0?7
=.32>B .;;<:@.7 <.>694=
DbUiQ8
DbPd
DbF_Q
7 Ijmh D
DbF_Q
DbUiQ8
7 Ijmh F
9MQGP- 70 Vc` _\o\ ncjri \]jq` \m` didod\g q\gp`n4
80 Rg`\n` adi_ ^jdg o`hk`m\opm` ^pmq` di oc` ^c\m\^o`mdnod^ ^pmq`n
]`gjr4
90 WN dinpg\odji ntno`h@ Fg\nn I2 Fg\nn E4


Similar Part No. - HF14FF012-1ZSTF

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
HF14FF HONGFA-HF14FF Datasheet
61Kb / 3P
   MINIATURE HIGH POWER RELAY
HF14FF HONGFA-HF14FF Datasheet
58Kb / 3P
   MINIATURE HIGH POWER RELAY
HF14FF/003-1HFXXX HONGFA-HF14FF/003-1HFXXX Datasheet
61Kb / 3P
   MINIATURE HIGH POWER RELAY
HF14FF/003-1HSFXXX HONGFA-HF14FF/003-1HSFXXX Datasheet
61Kb / 3P
   MINIATURE HIGH POWER RELAY
HF14FF/003-1HSTFXXX HONGFA-HF14FF/003-1HSTFXXX Datasheet
61Kb / 3P
   MINIATURE HIGH POWER RELAY
More results

Similar Description - HF14FF012-1ZSTF

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HF2150 ETC1-HF2150 Datasheet
228Kb / 3P
   MINIATURE HIGH POWER RELAY
logo
HuaXinAn Electronics CO...
SM-MP HUAXINAN-SM-MP Datasheet
345Kb / 3P
   Miniature High Power Relay
logo
Hongfa Technology
HF14FW HONGFA-HF14FW_15 Datasheet
62Kb / 3P
   MINIATURE HIGH POWER RELAY
HF115F-S HONGFA-HF115F-S Datasheet
48Kb / 2P
   MINIATURE HIGH POWER RELAY
HF116F-1 HONGFA-HF116F-1_15 Datasheet
79Kb / 4P
   MINIATURE HIGH POWER RELAY
HF116F-2 HONGFA-HF116F-2_15 Datasheet
72Kb / 3P
   MINIATURE HIGH POWER RELAY
HF118F HONGFA-HF118F_15 Datasheet
64Kb / 3P
   MINIATURE HIGH POWER RELAY
HF158F HONGFA-HF158F Datasheet
60Kb / 3P
   MINIATURE HIGH POWER RELAY
HF161F HONGFA-HF161F Datasheet
57Kb / 3P
   MINIATURE HIGH POWER RELAY
HF2110 HONGFA-HF2110_15 Datasheet
94Kb / 6P
   MINIATURE HIGH POWER RELAY
HF2150 HONGFA-HF2150 Datasheet
69Kb / 4P
   MINIATURE HIGH POWER RELAY
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com