Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMP706RCUA Datasheet(PDF) 3 Page - IMP, Inc

Part # IMP706RCUA
Description  3/3.3/4.0V 關P SUPERVISOR CIRCUITS
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP706RCUA Datasheet(HTML) 3 Page - IMP, Inc

  IMP706RCUA Datasheet HTML 1Page - IMP, Inc IMP706RCUA Datasheet HTML 2Page - IMP, Inc IMP706RCUA Datasheet HTML 3Page - IMP, Inc IMP706RCUA Datasheet HTML 4Page - IMP, Inc IMP706RCUA Datasheet HTML 5Page - IMP, Inc IMP706RCUA Datasheet HTML 6Page - IMP, Inc IMP706RCUA Datasheet HTML 7Page - IMP, Inc IMP706RCUA Datasheet HTML 8Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Pin Terminal Voltage with Respect to Ground
VCC . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to 6.0V
All other inputs . . . . . . . . . . . . . . . . . . . . . . . . –0.3V to (VCC + 0.3V)
Input Current at VCC and GND . . . . . . . . . . 20mA
Output Current: All outputs . . . . . . . . . . . . . 20mA
Rate of Rise at VCC . . . . . . . . . . . . . . . . . . . . . 100V/
µs
Plastic DIP Power Dissipation . . . . . . . . . . . 700mW
(Derate 9mW/
°C above 70°C)
SO Power Dissipation . . . . . . . . . . . . . . . . . . 470mW
(Derate 5.9mW/
°C above 70°C)
MicroSO Power Dissipation . . . . . . . . . . . . . 330mW
(Derate 4.1mW/
°C above 70°C)
Operating Temperature Range
IMP706xE, IMP708xE . . . . . . . . . . . . . . . . . . –40
°C to +85°C
IMP706xC, IMP708xC . . . . . . . . . . . . . . . . . . 0
°C to +70°C
Storage Temperature Range . . . . . . . . . . . . . . –65
°C to +160°C
Lead Temperature Soldering (10 sec) . . . . . . 300
°C
These are stress ratings only and functional operation is not implied.
Exposure to absolute maximum ratings for prolonged time periods may
affect device reliability.
©
1999 IMP, Inc.
408-432-9100/www.impweb.com
3
IMP706P/R/S/T/J, IMP708R/S/T/J
IMP706P/R/S/T/J, IMP708R/S/T/J
Absolute Maximum Ratings
Electrical Characteristics
Unless otherwise noted, specifications are over the operating temperature range and VCC supply voltages are 2.7V to 5.5V (IMP706P,
IMP708R), 3.0V to 5.5V (IMP706/8S), 3.15V to 5.5V (IMP706/8T) and 4.1V to 5.5V (IMP706/8J).
r
e
t
e
m
a
r
a
Pl
o
b
m
y
Ss
n
o
i
t
i
d
n
o
Cn
i
Mp
y
Tx
a
Ms
t
i
n
U
e
g
a
t
l
o
V
g
n
i
t
a
r
e
p
O
e
g
n
a
R
V C
C
C
x
8
0
7
P
M
I
,
C
x
6
0
7
P
M
I
E
x
8
0
7
P
M
I
,
E
x
6
0
7
P
M
I
1
.
1
2
.
1
5
.
5
5
.
5
V
t
n
e
r
r
u
C
y
l
p
p
u
S
V C
C
V
6
.
3
<
I C
C
V
=
R
M
,
E
x
6
0
7
P
M
I
,
C
x
6
0
7
P
M
I
C
C
g
n
i
t
a
o
l
F
I
D
W
,5
70
4
1
µA
V
=
R
M
,
E
x
8
0
7
P
M
I
,
C
x
8
0
7
P
M
I
C
C
g
n
i
t
a
o
l
F
I
D
W
,0
50
4
1
t
n
e
r
r
u
C
y
l
p
p
u
S
V C
C
V
5
.
5
<
I C
C
V
=
R
M
,
E
x
6
0
7
P
M
I
,
C
x
6
0
7
P
M
I
C
C
g
n
i
t
a
o
l
F
I
D
W
,5
70
4
1
µA
V
=
R
M
,
E
x
8
0
7
P
M
I
,
C
x
8
0
7
P
M
I
C
C
g
n
i
t
a
o
l
F
I
D
W
,0
50
4
1
d
l
o
h
s
e
r
h
T
T
E
S
E
RV T
R
s
e
c
i
v
e
d
R
d
n
a
P
s
e
c
i
v
e
d
S
s
e
c
i
v
e
d
T
s
e
c
i
v
e
d
J
5
5
.
2
5
8
.
2
0
0
.
3
9
8
.
3
3
6
.
2
3
9
.
2
8
0
.
3
0
0
.
4
0
7
.
2
0
0
.
3
5
1
.
3
0
1
.
4
V
d
l
o
h
s
e
r
h
T
T
E
S
E
R
s
i
s
e
r
e
t
s
y
H
0
4V
m
h
t
d
i
W
e
s
l
u
P
T
E
S
E
Rt S
R
V C
C
,
)
s
e
c
i
v
e
d
R
/
P
,
8
/
6
0
7
P
M
I
(
V
3
=
V C
C
)
s
e
c
i
v
e
d
T
/
S
,
8
/
6
0
7
P
M
I
(
V
3
.
3
=
V C
C
)
s
e
c
i
v
e
d
J
,
8
/
6
0
7
P
M
I
(
V
4
.
4
=
0
4
10
0
20
8
2s
m
V C
C
V
5
=0
0
2
h
t
d
i
W
e
s
l
u
P
R
Mt R
M
V
<
V
5
.
4
C
C
V
5
.
5
<0
5
1s
n
V
<
V
6
.
3
C
C
)
s
e
c
i
v
e
d
J
8
/
6
0
7
P
M
I
(
V
5
.
4
<
V
)
X
A
M
(
T
S
R
V
<
C
C
)
s
e
c
i
v
e
d
T
/
S
/
R
/
P
8
/
6
0
7
P
M
I
(
V
6
.
3
<
0
0
5
y
a
l
e
D
t
u
O
T
E
S
E
R
o
t
R
Mt D
M
V
<
V
6
.
3
C
C
)
s
e
c
i
v
e
d
J
8
/
6
0
7
P
M
I
(
V
5
.
4
<
V
)
X
A
M
(
T
S
R
V
<
C
C
)
s
e
c
i
v
e
d
T
/
S
/
R
/
P
8
/
6
0
7
P
M
I
(
V
6
.
3
<
0
5
7s
n
V
<
V
5
.
4
C
C
V
5
.
5
<0
5
2
d
l
o
h
s
e
r
h
T
t
u
p
n
I
R
MV H
I
V
)
X
A
M
(
T
S
R
V
<
C
C
V
5
.
4
<V
7
.
0
C
C
V
V L
I
V
)
X
A
M
(
T
S
R
V
<
C
C
V
5
.
4
<6
.
0
V H
I
V
<
V
5
.
4
C
C
V
5
.
5
<0
.
2
V L
I
V
<
V
5
.
4
C
C
V
5
.
5
<8
.
0
r
o
t
s
i
s
e
R
p
u
-
ll
u
P
R
MRP
0
10
20
4k
e
g
a
t
l
o
V
t
u
p
t
u
O
T
E
S
E
R
)
s
e
c
i
v
e
d
J
/
T
/
S
/
R
ll
A
(
V H
O
I
E
C
R
U
O
S
0
0
8
=
µ
V
<
V
5
.
4
,
A
C
C
V
5
.
5
<V C
C
V
5
.
1
V
V L
O
I
K
N
I
S
V
<
V
5
.
4
,
A
m
2
.
3
=
C
C
V
5
.
5
<4
.
0
V H
O
I
E
C
R
U
O
S
0
0
5
=
µ V
,
A
)
X
A
M
(
T
S
R
V
<
C
C
V
5
.
4
<V
8
.
0
C
C
V L
O
I
K
N
I
S
V
,
A
m
2
.
1
=
)
X
A
M
(
T
S
R
V
<
C
C
V
5
.
4
<3
.
0
V L
O
I
K
N
I
S
0
5
=
µ V
,
A
C
C
)
s
e
c
i
v
e
d
C
x
8
0
7
P
M
I
,
C
x
6
0
7
P
M
I
(
V
1
.
1
=3
.
0
I
K
N
I
S
0
0
1
=
µ V
,
A
C
C
)
s
e
c
i
v
e
d
E
x
8
0
7
P
M
I
,
E
x
6
0
7
P
M
I
(
V
2
.
1
=3
.
0


Similar Part No. - IMP706RCUA

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
IMP706RCUA A1PROS-IMP706RCUA Datasheet
278Kb / 9P
   3/3..3/4..0V μP Supervisorr Circuits
1999
More results

Similar Description - IMP706RCUA

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
PT7M7803 DIODES-PT7M7803 Datasheet
1Mb / 15P
   關P Supervisor Circuits
5/10/2017
logo
IMP, Inc
IMP705 IMP-IMP705 Datasheet
167Kb / 9P
   LOW-POWER 關P SUPERVISOR CIRCUITS
logo
PulseCore Semiconductor
PCS809 PULSECORE-PCS809 Datasheet
521Kb / 8P
   3-Pin 關P Voltage Supervisor
ASM705 PULSECORE-ASM705 Datasheet
285Kb / 15P
   Low Power 關P Supervisor Circuits
logo
Alliance Semiconductor ...
ASM706 ALSC-ASM706 Datasheet
274Kb / 16P
   3/3.3/4.0 V uP Supervisor Circuits
logo
Fairchild Semiconductor
FM809 FAIRCHILD-FM809 Datasheet
54Kb / 8P
   3-Pin 關C Supervisor Circuits
logo
Protek Devices
PA4101 PROTEC-PA4101 Datasheet
1Mb / 7P
   PUNK with 關P Supervisor
logo
ON Semiconductor
ASM705 ONSEMI-ASM705 Datasheet
180Kb / 13P
   Low Power P Supervisor Circuits
August, 2011 ??Rev. 3
logo
Fairchild Semiconductor
FM1233E FAIRCHILD-FM1233E Datasheet
31Kb / 7P
   3-Pin 關C Supervisor Circuit
FM1233D FAIRCHILD-FM1233D Datasheet
31Kb / 7P
   3-Pin 關C Supervisor Circuit
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com