Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

18FF-4Z-C4 Datasheet(PDF) 1 Page - Hongfa Technology

Part # 18FF-4Z-C4
Description  RELAY SOCKETS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HONGFA [Hongfa Technology]
Direct Link  http://www.hongfa.com
Logo HONGFA - Hongfa Technology

18FF-4Z-C4 Datasheet(HTML) 1 Page - Hongfa Technology

  18FF-4Z-C4 Datasheet HTML 1Page - Hongfa Technology 18FF-4Z-C4 Datasheet HTML 2Page - Hongfa Technology 18FF-4Z-C4 Datasheet HTML 3Page - Hongfa Technology 18FF-4Z-C4 Datasheet HTML 4Page - Hongfa Technology 18FF-4Z-C4 Datasheet HTML 5Page - Hongfa Technology 18FF-4Z-C4 Datasheet HTML 6Page - Hongfa Technology 18FF-4Z-C4 Datasheet HTML 7Page - Hongfa Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
42<Kwd
;dd
C`\c\Zki`Z Pki\e^k_
d`e2
8NJZ[XNY
E`c\ Kf2> D6977;4
GLKFE@ ODI@V
HPL=4450 HPL3QP5:=8= 0 HPL584450 LGP@P5<4450 HDBN NB 4<4444 BDOQHEHDC
6458 O\m2 5244
3+2 MBA k\id`eXc0 MBA fi PZi\n dflek`e^
*I25 Efid B +I26 Efid B ,I2 7 Efid B -I2 8 Efid B
111
111
111
111
5<EE16W1@6
5<EE16W1B5
5<EE16W1B6
5<EE16W1B8
5<EE16W1B9
5<EE16W1B:
5<EE16W1B;
5<EE16W1B<
5<EE17W1B5
5<EE17W1B8
5<EE17W1B9
5<EE18W1@6
5<EE18W1B5
5<EE18W1B6
5<EE18W1B8
5<EE18W1B9
5<EE18W1B:
5<EE18W1B;
5<EE18W1B<
6444S@B
6444S@B
6444S@B
6444S@B
6444S@B
6444S@B
6444S@B
6444S@B
6444S@B
6444S@B
6444S@B
6444S@B
6444S@B
6444S@B
6444S@B
6444S@B
6444S@B
6444S@B
6444S@B
694S@B
694S@B
694S@B
694S@B
694S@B
694S@B
694S@B
694S@B
694S@B
694S@B
694S@B
694S@B
694S@B
694S@B
694S@B
694S@B
694S@B
694S@B
694S@B
;@
;@
;@
;@
;@
;@
;@
;@
;@
;@
;@
;@
;@
;@
;@
;@
;@
;@
;@
184
kf ;4
184
kf ;4
184
kf ;4
184
kf ;4
184
kf ;4
184
kf ;4
184
kf ;4
184
kf ;4
184
kf ;4
184
kf ;4
184
kf ;4
184
kf ;4
184
kf ;4
184
kf ;4
184
kf ;4
184
kf ;4
184
kf ;4
184
kf ;4
184
kf ;4
42<Kwd
42:Kwd
42:Kwd
42:Kwd
42:Kwd
42:Kwd
42<Kwd
42:Kwd
42:Kwd
111
42<Kwd
42<Kwd
42:Kwd
42:Kwd
42:Kwd
42:Kwd
42:Kwd
;dd
;dd
;dd
;dd
;dd
;dd
;dd
;dd
;dd
111
;dd
;dd
;dd
;dd
;dd
;dd
;dd
*188 CVLRNZY
B7=3H C@5<7DC
b Q_\ [`\c\Zki`Z jki\e^k_ ZXe i\XZ_ 6444S@B
Xe[ k_\ `ejlcXk`fe i\j`jkXeZ\ `j 5444J
b Q_i\\ dflek`e^ kpg\j Xi\ XmX`cXYc\> MBA dflek`e^
jZi\n dflek`e^ Xe[ CHK iX`c dflek`e^2
b T`k_ ]`e^\i gifk\Zk`fe [\m`Z\
b JXep b`e[j f] gcl^1`e df[lc\j Xi\ XmX`cXYc\
n`k_ k_\ ]leZk`fe f] \e\i^`q`e^ `e[`ZXk`fe Xe[
n`i`e^ gifk\Zk`fe2
b Bfdgfe\ekj XmX`cXYc\> i\kX`e\i0 dXib\i Xe[ gcl^1`e
df[lc\
b @ggc`ZXYc\ i\cXp kpg\j> GE5<EE3GE5<EG
b Dem`ifed\ekXc ]i`\e[cp gif[lZk ,OfGP Zfdgc`Xek-
5:3B35D7B;CD;5C
Qpg\
PZi\n Qfihl\
Kfd`eXc
SfckX^\
Kfd`eXc
Blii\ek
@B67B;?9 ;?98@B>3D;@?
5<EE
}5W
5VUZJLZ JXXJUONTNUZ
D]WN
DNXTQUJZQVU y
TV[UZQUO
}B5
5*~5/2 PZi\n k\id`eXc0 CHK iX`c fi PZi\n dflek`e^0T`k_flk ]`e^\i gifk\Zk`fe [\m`Z\
5+~5-~5.~50~512 PZi\nc\jj k\id`eXc0 CHK iX`c dflek`e^0T`k_ ]`e^\i gifk\Zk`fe [\m`Z\
@dY`\ek
Q\dg\iXkli\
T`i\ Pki`g
I\e^k_
dd6
@TF
6 o5:
6 o5:
5 o56 3 6 o58
5 o56 3 6 o58
6 o5:
6 o5:
6 o5:
6 o5:
5 o56 3 6 o58
5 o56 3 6 o58
111
6 o5:
6 o5:
5 o56 3 6 o58
5 o56 3 6 o58
6 o5:
6 o5:
6 o5:
6 o529
6 o529
5 o8 3 6 o629
5 o8 3 6 o629
6 o529
6 o529
6 o529
6 o529
5 o8 3 6 o629
5 o8 3 6 o629
111
6 o529
6 o529
5 o8 3 6 o629
5 o8 3 6 o629
6 o529
6 o529
6 o529
JXo n`i\ j`q\
74


Similar Part No. - 18FF-4Z-C4

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
18FF-4Z-C4 HONGFA-18FF-4Z-C4 Datasheet
50Kb / 1P
   RELAY SOCKET
More results

Similar Description - 18FF-4Z-C4

ManufacturerPart #DatasheetDescription
logo
Hongfa Technology
41F HONGFA-41F Datasheet
125Kb / 3P
   RELAY SOCKETS
49F HONGFA-49F_15 Datasheet
48Kb / 1P
   RELAY SOCKETS
41FSOCKETS HONGFA-41FSOCKETS Datasheet
125Kb / 3P
    RELAY SOCKETS
10FFSOCKETS HONGFA-10FFSOCKETS Datasheet
150Kb / 4P
   RELAY SOCKETS
13F HONGFA-13F Datasheet
102Kb / 2P
   RELAY SOCKETS
118F HONGFA-118F Datasheet
56Kb / 2P
   RELAY SOCKETS
118FSOCKETS HONGFA-118FSOCKETS Datasheet
56Kb / 2P
   RELAY SOCKETS
18FFSOCKETS HONGFA-18FFSOCKETS Datasheet
366Kb / 7P
   RELAY SOCKETS
logo
Littelfuse
99025 LITTELFUSE-99025 Datasheet
173Kb / 1P
   RELAY SOCKETS
092016
logo
Hongfa Technology
14FF HONGFA-14FF Datasheet
140Kb / 5P
   RELAY SOCKETS
14FFSOCKETS HONGFA-14FFSOCKETS Datasheet
140Kb / 5P
   RELAY SOCKETS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com