Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6B-Y1 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # P6B-Y1
Description  Subminiature Relay that Switches up to 5 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

P6B-Y1 Datasheet(HTML) 3 Page - Omron Electronics LLC

  P6B-Y1 Datasheet HTML 1Page - Omron Electronics LLC P6B-Y1 Datasheet HTML 2Page - Omron Electronics LLC P6B-Y1 Datasheet HTML 3Page - Omron Electronics LLC P6B-Y1 Datasheet HTML 4Page - Omron Electronics LLC P6B-Y1 Datasheet HTML 5Page - Omron Electronics LLC P6B-Y1 Datasheet HTML 6Page - Omron Electronics LLC P6B-Y1 Datasheet HTML 7Page - Omron Electronics LLC P6B-Y1 Datasheet HTML 8Page - Omron Electronics LLC P6B-Y1 Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
Power PCB Relay
G6B
169
Non-latching, Double Pole
Single Coil Latching
Dual Coil Latching
Note: 1. The rated current and coil resistance are measured at a coil temperature of 23
°C with a tolerance of ±10%.
2. Operating characteristics are measured at a coil temperature of 23
°C.
■ Characteristics
Note: The data shown above are initial values.
Rated
voltage
(VDC)
Rated
current
(mA)
Coil
resistance
(
Ω)
Pick-up voltage
Dropout voltage
Max. voltage
Power
consumption
(mW)
% of rated voltage
5
60
83.30
80% max.
10% min.
140% max.@ 23
°C
Approx. 300
6
50
120
12
25
480
24
12.50
1,920
Rated
voltage
(VDC)
Rated
current
(mA)
Coil
resistance
(
Ω)
Coil inductance
(ref. value) (H)
Set pick-up
voltage
Reset pick-up
voltage
Maximum
voltage
Power
consumption
(mW)
Armature OFF
Armature ON
% of rated voltage
5
40
125
0.28
0.26
70% max.
70% max.
160% max.
at 23
°C
Approx. 200
6
33.30
180
0.31
0.28
12
16.70
720
1.2
1.10
24
8.30
2,880
4.9
4.10
Rated
voltage
(VDC)
Rated
current
(mA)
Coil
resistance
(
Ω)
Coil inductance
(ref. value) (H)
Set
pick-up
voltage
Reset
pick-up
voltage
Maximum
voltage
Power
consumption
(mW)
Armature OFF
Armature ON
% of rated voltage
5
56
89.20
0.15
0.15
70% max.
70% max.
130% max.
at 23°C
Approx. 280
6
46.80
128.50
0.18
0.18
12
23.30
515
0.52
0.52
24
11.70
2,060
1.20
1.20
Contact resistance
30 m
Ω max.
Operate (set) time
10 ms max. (mean value: 1-pole approx. 3 ms, 2-pole approx. 4 ms)
Release (reset) time
Non-latching
10 ms max. (mean value: 1-pole approx. 1 ms, 2-pole approx. 2 ms)
Latching
10 ms max. (mean value: approx. 3 ms)
Min. set/reset signal width
Latching type: 15 ms min. (at 23
°C)
Max. operating
frequency
Mechanical
18,000 operations/hr
Electrical
1,800 operations/hr (under rated load)
Insulation resistance
1,000 M
Ω min. (at 500 VDC, at 250 VDC between set coil and reset coil)
Dielectric strength
3,000 VAC (Latching types: 2,000 VAC), 50/60 Hz for 1 min between coil and contacts
1,000 VAC, 50/60 Hz for 1 min between contacts of same polarity
250 VAC, 50/60 Hz for 1 min between set and reset coils
2,000 VAC, 50/60 Hz for 1 min between contacts of different polarity
Vibration resistance
Mechanical durability
10 to 55 Hz, 1.5-mm double amplitude
Malfunction durability
10 to 55 Hz, 1.5-mm double amplitude
Shock resistance
Mechanical durability
1,000 m/s2 (Approx 100G)
Malfunction durability
Single-side stable: 100 m/s2 (Approx 10G); Latching: 300 m/s2 (Approx 30G)
Service Life
Mechanical
50,000,000 operations min. (at 18,000 operations/hr)
Electrical
100,000 operation min. (at 1,800 operations/hr)
Ambient temperature
Operating:
−25°C to 70°C (with no icing)
Ambient humidity
Operating: 5% to 85%
Weight
Double-winding latching:
Approx. 3.7 g
High-capacity:
Approx. 4.6 g
Double pole:
Approx. 4.5 g
Other:
Approx. 3.5 g


Similar Part No. - P6B-Y1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
P6B-Y1 OMRON-P6B-Y1 Datasheet
263Kb / 6P
   Terminal Relay
More results

Similar Description - P6B-Y1

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6B-1177P-ND-US-DC12 OMRON-G6B-1177P-ND-US-DC12 Datasheet
528Kb / 8P
   Subminiature Relay that Switches up to 5 A
logo
List of Unclassifed Man...
G6B ETC1-G6B Datasheet
423Kb / 7P
   Sub-miniature Relay that Switches up to 5 A
logo
TE Connectivity Ltd
1-1773844-3 TEC-1-1773844-3 Datasheet
2Mb / 2P
   SUBMINIATURE SWITCHES
logo
Eaton All Rights Reserv...
ZB12-4 EATON-ZB12-4 Datasheet
139Kb / 5P
   Overload relay ZB up to 150 A
11/04/2022
logo
ZETTLER Electronics
AZ881 ZETTLER-AZ881 Datasheet
59Kb / 3P
   8 A SPST / 5 A DPST POLARIZED SUBMINIATURE POWER RELAY MONOSTABLE OR LATCHING
logo
ITT Industries
T101P3HABE ITT-T101P3HABE Datasheet
620Kb / 6P
   Subminiature Toggle Switches
logo
C&K Components
T101J1ABE2 CK-COMPONENTS-T101J1ABE2 Datasheet
2Mb / 6P
   Subminiature Rocker Switches
KM11 CK-COMPONENTS-KM11 Datasheet
239Kb / 4P
   Subminiature Pushbutton Switches
logo
Copal Electronics
AP_SERIES COPAL-AP_SERIES Datasheet
858Kb / 5P
   Subminiature Pushbutton Switches
logo
C&K Components
8500 CK-COMPONENTS-8500_V01 Datasheet
784Kb / 5P
   Subminiature Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com