Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD824 Datasheet(PDF) 11 Page - Analog Devices

Part # AD824
Description  Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD824 Datasheet(HTML) 11 Page - Analog Devices

Back Button AD824_15 Datasheet HTML 7Page - Analog Devices AD824_15 Datasheet HTML 8Page - Analog Devices AD824_15 Datasheet HTML 9Page - Analog Devices AD824_15 Datasheet HTML 10Page - Analog Devices AD824_15 Datasheet HTML 11Page - Analog Devices AD824_15 Datasheet HTML 12Page - Analog Devices AD824_15 Datasheet HTML 13Page - Analog Devices AD824_15 Datasheet HTML 14Page - Analog Devices AD824_15 Datasheet HTML 15Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Data Sheet
AD824
Rev. D | Page 11 of 16
Figure 24. Crosstalk vs. Frequency
Figure 25. Output Impedance vs. Frequency, Gain = +1
Figure 26. Small Signal Response, Unity Gain Follower, 10 kΩ||100 pF Load
Figure 27. Large Signal Response
Figure 28. Supply Current vs. Temperature
Figure 29. Output Saturation Voltage
–80
–90
–100
–110
–120
–130
–140
10
100
1k
10k
100k
FREQUENCY (Hz)
1 TO 4
1 TO 2
1 TO 3
10k
1k
100
10
1
0.1
0.01
10
100
1k
10k
100k
1M
10M
FREQUENCY (Hz)
10
0%
100
90
500ns
20mV
10
0%
100
90
5µs
5V
2750
1000
1250
1500
1750
2000
2250
2500
–60
–40
–20
0
20
40
60
80
100
120
140
TEMPERATURE (°C)
VS = ±15V
VS = +3V, 0V
1k
100
10
1
0.01
10
1
0.1
LOAD CURRENT (mA)
VOL – VS
VS = ±15V
VS = 3V, 0V
VS – VOH


Similar Part No. - AD824_15

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AD824-00 ETC2-AD824-00 Datasheet
159Kb / 12P
   Package Drawings and Specifications
logo
Analog Devices
AD8240 AD-AD8240 Datasheet
223Kb / 12P
   LED Driver/Monitor
REV. 0
AD8240YRM AD-AD8240YRM Datasheet
223Kb / 12P
   LED Driver/Monitor
REV. 0
AD8240YRM-REEL AD-AD8240YRM-REEL Datasheet
223Kb / 12P
   LED Driver/Monitor
REV. 0
AD8240YRM-REEL7 AD-AD8240YRM-REEL7 Datasheet
223Kb / 12P
   LED Driver/Monitor
REV. 0
More results

Similar Description - AD824_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD820 AD-AD820_07 Datasheet
588Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power FET-Input Op Amp
Rev. E
AD822ARMZ AD-AD822ARMZ Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
AD824ARZ-14 AD-AD824ARZ-14 Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824_V01 Datasheet
344Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
Rev. E
AD824 AD-AD824_03 Datasheet
552Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824ARZ-14-REEL7 AD-AD824ARZ-14-REEL7 Datasheet
1Mb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. C
AD824 AD-AD824 Datasheet
551Kb / 16P
   Single Supply, Rail-to-Rail Low Power, FET-Input Op Amp
REV. A
AD820ARMZ AD-AD820ARMZ Datasheet
428Kb / 24P
   Single-Supply, Rail-to-Rail, Low Power, FET Input Op Amp
Rev. H
AD822 AD-AD822 Datasheet
320Kb / 16P
   Single Supply, Rail-to-Rail Low Power FET-Input Op Amp
REV. A
AD822AN AD-AD822AN Datasheet
296Kb / 24P
   Single-Supply, Rail-to-Rail Low Power FET-Input Op Amp
Rev. I
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com