Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IMP1817 Datasheet(PDF) 3 Page - IMP, Inc

Part # IMP1817
Description  Low Power 5V/3.0V P Reset
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IMP [IMP, Inc]
Direct Link  http://www.ds-imp.com.cn/index.asp
Logo IMP - IMP, Inc

IMP1817 Datasheet(HTML) 3 Page - IMP, Inc

  IMP1817 Datasheet HTML 1Page - IMP, Inc IMP1817 Datasheet HTML 2Page - IMP, Inc IMP1817 Datasheet HTML 3Page - IMP, Inc IMP1817 Datasheet HTML 4Page - IMP, Inc IMP1817 Datasheet HTML 5Page - IMP, Inc IMP1817 Datasheet HTML 6Page - IMP, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
IMP1
IMP1 233M
233M
2000 © IMP, Inc.
Microprocessor Supervisor
3
Notes: 1. A 1k
Ω external resistor maybe required in some applications for proper operation of the microprocessor reset control circuit.
Absolute Maximum Ratings
Electrical Characteristics
Voltage on VCC . . . . . . . . . . . . . . . . . . . . . . . . –0.5V to 6.5V
Voltage on RESET . . . . . . . . . . . . . . . . . . . . . –0.5V to VCC + 0.5V
Operating Temperature Range . . . . . . . . . . . –40
°C to 85°C
Soldering Temperature . . . . . . . . . . . . . . . . . . 260
°C for 10 seconds
Storage Temperature . . . . . . . . . . . . . . . . . . . –55
°C to 125°C
Voltages measured with respect to ground.
These are stress ratings only and functional operation is not implied.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Supply Voltage
VCC
1.2
5.5
V
Output Voltage
VOH
IOUT < 500
µAVCC – 0.5V VCC – 0.1V
V
Output Current
IOL
Output = 0.4V, VCC
≥ 2.7V
+8
mA
Operating Current
ICC
VCC < 5.5V, RESET output open
8
20
µA
Operating Current
ICC
VCC
≤ 3.6V, RESET output open
6
15
µA
VCC Trip Point (IMP1233M-5)
VCCTP
4.25
4.375
4.49
V
VCC Trip Point (IMP1233M-55)
VCCTP
4.5
4.625
4.75
V
VCC Trip Point (IMP1233M-3)
VCCTP
2.64
2.72
2.8
V
Voltage High Trip Level
VHTL
4.75
V
IMP1233M-5
IMP1233M-55
Voltage Low Trip Level
VLTL
4.00
V
IMP1233M-5
IMP1233M-55
Voltage High Trip Level
VHTL
3.14
V
IMP1233M-3
Voltage Low Trip Level
VLTL
2.48
V
IMP1233M-3
Internal Pull-Up Resistor
RP
3.5
5.0
7.5
k
Output Capacitance
COUT
10
pF
VCC Detect to RESET Low
tRPD
210
µs
VCC Slew Rate
tF
300
µs
(VHTL - VLTL)
VCC Slew Rate
tR
0ns
(VLTL - VHTL)
VCC Detect to RESET High
tRPU
tR = 5
µs
200
350
500
ms
Unless otherwise noted, VCC = 1.2V to 5.5V and specifications are over the operating temperature range of – 40
°C to +85°C.
All voltages are referenced to ground.


Similar Part No. - IMP1817

ManufacturerPart #DatasheetDescription
logo
A1 PROs co., Ltd.
IMP1817 A1PROS-IMP1817 Datasheet
1Mb / 36P
   Low Power,, 5V - Ressett- Acttiive LOW,, Open--Draiin Outtputt
06/15/99
More results

Similar Description - IMP1817

ManufacturerPart #DatasheetDescription
logo
IMP, Inc
IMP1233D IMP-IMP1233D Datasheet
119Kb / 6P
   Low Power, 5V, 關P Reset
logo
Alliance Semiconductor ...
ASM1233M ALSC-ASM1233M Datasheet
204Kb / 9P
   Low Power, 5V/3.0V, uP Reset, Active LOW, Open-Drain Output
logo
PulseCore Semiconductor
ASM1816 PULSECORE-ASM1816 Datasheet
235Kb / 9P
   Low Power 3.3V/3.0V 關P Reset, Active LOW, Open-Drain Output
ASM1233D-L PULSECORE-ASM1233D-L Datasheet
258Kb / 11P
   Low Power, 5V/3.3V, 關P Reset, Active LOW, Open-Drain Output
logo
Alliance Semiconductor ...
ASM1815 ALSC-ASM1815 Datasheet
235Kb / 9P
   Low Power, 3.3V/3.0V uP Reset Active LOW, Push-Pull Output
ASM1816 ALSC-ASM1816 Datasheet
231Kb / 9P
   Low Power 3.3V/3.0V uP Reset, Active LOW, Open-Drain Output
logo
PulseCore Semiconductor
ASM1232LP PULSECORE-ASM1232LP Datasheet
285Kb / 10P
   5V 關P Power Supply Monitor and Reset Circuit
logo
Alliance Semiconductor ...
ASM1817 ALSC-ASM1817 Datasheet
232Kb / 9P
   Low Power, 3.3V/3.0V uP Reset, Active HIGH, Push-Pull Output
ASM1810 ALSC-ASM1810 Datasheet
235Kb / 9P
   Low Power, 5V uP Reset Active LOW, Push-Pull Output
ASM1811 ALSC-ASM1811 Datasheet
215Kb / 9P
   Low Power 5V uP Reset Active LOW, Open - Drain Output
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com