Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G6B Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # G6B
Description  Subminiature Relay that Switches up to 5 A
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

G6B Datasheet(HTML) 6 Page - Omron Electronics LLC

  G6B Datasheet HTML 1Page - Omron Electronics LLC G6B Datasheet HTML 2Page - Omron Electronics LLC G6B Datasheet HTML 3Page - Omron Electronics LLC G6B Datasheet HTML 4Page - Omron Electronics LLC G6B Datasheet HTML 5Page - Omron Electronics LLC G6B Datasheet HTML 6Page - Omron Electronics LLC G6B Datasheet HTML 7Page - Omron Electronics LLC G6B Datasheet HTML 8Page - Omron Electronics LLC G6B Datasheet HTML 9Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
172
Power PCB Relay
G6B
■ Double Pole
G6B-2114P-US
G6B-2214P-US
G6B-2014P-US
G6B-2114P-US
G6B-2214P-US
*Average value
20 max.
(19.9)*
11 max.
(10.9)*
11 max.
(10.9)*
3.5
10.16
7.62
0.8
7.62
0.3
Tolerance:
±0.1
Terminal Arrangement/Internal
Connections (Bottom View)
Mounting Holes
(Bottom View)
8
13
4
-
+
6
5
8
1
3
4
-
+
6
5
G6B-2014P-US
8
13
4
-
+
6
5
(1.1)
(1.2)
10.16
7.62
Six, 1.1-dia.
±0.1 holes
7.62
G6B-2114C-US
G6B-2214C-US
G6B-2014C-US
*Average value
20 max.
(19.9)*
11 max.
(10.9)*
11 max.
(10.9)*
3.5
10.16
3.2
7.62
7.62
0.8
0.3
G6B-2114C-US
G6B-2214C-US
Tolerance:
±0.1
Terminal Arrangement/Internal
Connections (Bottom View)
Mounting Holes
(Bottom View)
(1.1)
(1.2)
10.16
7.62
Six, 1.1-dia.
±0.1 holes
7.62
8
13
4
-
+
6
5
8
1
3
4
-
+
6
5
G6B-2014C-US
8
13
4
-
+
6
5
11 max.
(10.9)*
11 max.
(10.9)*


Similar Part No. - G6B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
G6B ETC1-G6B Datasheet
423Kb / 7P
   Sub-miniature Relay that Switches up to 5 A
logo
Omron Electronics LLC
G6B OMRON-G6B Datasheet
611Kb / 10P
   Power PCB Relay
logo
Gulf Semiconductor
G6B GULFSEMI-G6B Datasheet
835Kb / 2P
   MINIATURE GLASS PASSIVATED RECTIFIER VOLTAGE: 50 TO 1000V CURRENT: 1.0A
logo
List of Unclassifed Man...
G6B-1114C-US ETC1-G6B-1114C-US Datasheet
423Kb / 7P
   Sub-miniature Relay that Switches up to 5 A
logo
Omron Electronics LLC
G6B-1114C-US OMRON-G6B-1114C-US Datasheet
611Kb / 10P
   Power PCB Relay
More results

Similar Description - G6B

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
G6B-1177P-ND-US-DC12 OMRON-G6B-1177P-ND-US-DC12 Datasheet
528Kb / 8P
   Subminiature Relay that Switches up to 5 A
logo
List of Unclassifed Man...
G6B ETC1-G6B Datasheet
423Kb / 7P
   Sub-miniature Relay that Switches up to 5 A
logo
TE Connectivity Ltd
1-1773844-3 TEC-1-1773844-3 Datasheet
2Mb / 2P
   SUBMINIATURE SWITCHES
logo
Eaton All Rights Reserv...
ZB12-4 EATON-ZB12-4 Datasheet
139Kb / 5P
   Overload relay ZB up to 150 A
11/04/2022
logo
ZETTLER Electronics
AZ881 ZETTLER-AZ881 Datasheet
59Kb / 3P
   8 A SPST / 5 A DPST POLARIZED SUBMINIATURE POWER RELAY MONOSTABLE OR LATCHING
logo
ITT Industries
T101P3HABE ITT-T101P3HABE Datasheet
620Kb / 6P
   Subminiature Toggle Switches
logo
C&K Components
T101J1ABE2 CK-COMPONENTS-T101J1ABE2 Datasheet
2Mb / 6P
   Subminiature Rocker Switches
KM11 CK-COMPONENTS-KM11 Datasheet
239Kb / 4P
   Subminiature Pushbutton Switches
logo
Copal Electronics
AP_SERIES COPAL-AP_SERIES Datasheet
858Kb / 5P
   Subminiature Pushbutton Switches
logo
C&K Components
8500 CK-COMPONENTS-8500_V01 Datasheet
784Kb / 5P
   Subminiature Pushbutton Switches
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com