Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LB11920 Datasheet(PDF) 8 Page - ON Semiconductor

Part # LB11920
Description  Three-Phase Brushless Motor Driver
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

LB11920 Datasheet(HTML) 8 Page - ON Semiconductor

Back Button LB11920 Datasheet HTML 2Page - ON Semiconductor LB11920 Datasheet HTML 3Page - ON Semiconductor LB11920 Datasheet HTML 4Page - ON Semiconductor LB11920 Datasheet HTML 5Page - ON Semiconductor LB11920 Datasheet HTML 6Page - ON Semiconductor LB11920 Datasheet HTML 7Page - ON Semiconductor LB11920 Datasheet HTML 8Page - ON Semiconductor LB11920 Datasheet HTML 9Page - ON Semiconductor LB11920 Datasheet HTML 10Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
LB11920
No.7229-8/10
Continued from preceding page.
Pin No.
Pin name
Function
Equivalent circuit
18
17
20
19
22
21
IN1+
IN1-
IN2+
IN2-
IN3+
IN3-
Hall amplifier input.
IN+ > IN- is the input high state, and the reverse is
the input low state.
Connect a capacitor between the IN+ and IN-
inputs if there is noise in the Hall sensor signals.
VCC
300
Ω
300
Ω
19 21 23
18 20 22
23
GND3
SUBGND pin to connect to GND1 that is GND of
the control circuit.
4
27
NC
NC pin that can be used for wiring.
LB11920 Description
1. Output drive circuit
This IC is of a direct PWM drive type that suffers less power loss at the output.
On the basis of the signal (“H” level for OFF and “L” level for ON) entered in the PWMIN pin, the lower output Tr
performs PWM switching, causing change in the motor drive power.
To control by means of the DC voltage, apply the voltage to the TOC pin (in this case, the PWMIN pin should be in the
“L” level input condition). The TOC pin voltage is compared with the oscillation voltage of PWM pin, determining the
duty. As the TOC pin voltage is lower, the output duty increases.
2. Hall input signal
For Hall input, entry of the signal whose amplitude is larger than the hysteresis width (50mV max) is necessary.
Considering effects of noise and phase delay, entry of the amplitude of 120mVp-p (at differential input) or more is
recommended.
When noise causes disturbance in the output waveform (at phase switching) or in the HP output (Hall signal
three-phase composite output), insert a capacitor, etc. as near as possible to the pin between inputs to prevent such
effects.
The Hall input is used as a signal for judgment of the input of the motor lock protection circuit. Though it is designed to
ignore noise to a certain extent, due attention should be paid to check for incorrect operation of the protection circuit.
Both upper and lower outputs are OFF when all three-phases of Hall input signal are in the common-mode input
condition.
When the Hall IC output is to be entered, entry of 0 - VCC can be made for another single-side input by fixing either
one side (+ or -) of input to the voltage within the common-mode input range with the Hall element used.
3. Current limiting circuit
The current limiting circuit performs limiting with the current determined from I = VRF/Rf (VRF = 0.5Vtyp, Rf :
current detector resistance) (that is, this circuit limits the peak current).
The control operation functions to reduce the on state duty of the output and thus reduce the current.
Switching during current limiting is made on the basis of the frequency oscillated with the PWM pin.
The PWM frequency is determined from the capacitance C (F) of capacitor connected to the PWM pin.
fPWM ≈ 1/ (50000 × C)
The PWM frequency of 15k to 25kHz is recommended. As PWM oscillation is used also as a clock signal of the
internal logic circuit, its oscillation is necessary even in the application where current limiting is not needed.
4. Power save circuit
This IC enters the power save condition to decrease the current dissipation in the stop mode. In this condition, the bias
current of most of circuits is cut off.


Similar Part No. - LB11920

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LB11920 SANYO-LB11920 Datasheet
103Kb / 10P
   Three-Phase Brushless Motor Driver for Office Equipment Applications
LB11920 SANYO-LB11920 Datasheet
159Kb / 10P
   For OA Products Three-Phase Brushless Motor Driver
LB11920 SANYO-LB11920_08 Datasheet
159Kb / 10P
   For OA Products Three-Phase Brushless Motor Driver
More results

Similar Description - LB11920

ManufacturerPart #DatasheetDescription
logo
Rohm
BD63006MUV ROHM-BD63006MUV Datasheet
1Mb / 23P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB11923V SANYO-LB11923V_06 Datasheet
169Kb / 20P
   Three-Phase Brushless Motor Driver
LB1695 SANYO-LB1695 Datasheet
99Kb / 7P
   Three-Phase Brushless Motor Driver
logo
Hitachi Semiconductor
HA13563 HITACHI-HA13563 Datasheet
82Kb / 18P
   Three-Phase Brushless Motor Driver
HA13605A HITACHI-HA13605A Datasheet
81Kb / 18P
   Three-Phase Brushless Motor Driver
logo
Sanyo Semicon Device
LB1870 SANYO-LB1870 Datasheet
279Kb / 10P
   Three-Phase Brushless Motor Driver
logo
ON Semiconductor
LB11826 ONSEMI-LB11826 Datasheet
134Kb / 11P
   Three-Phase Brushless Motor Driver
May, 2013
LB11923V ONSEMI-LB11923V Datasheet
340Kb / 20P
   Three-Phase Brushless Motor Driver
September, 2013
logo
Sanyo Semicon Device
LB1955 SANYO-LB1955 Datasheet
127Kb / 7P
   Three-Phase Brushless Motor Driver
LB1881V SANYO-LB1881V Datasheet
142Kb / 6P
   Three-Phase Brushless Motor Driver
logo
Texas Instruments
DRV3203-Q1 TI-DRV3203-Q1_15 Datasheet
456Kb / 37P
[Old version datasheet]   Three-Phase Brushless Motor Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com