Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

73415-0780 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 73415-0780
Description  75 Ohms, MCX Right-Angle PCB Jack Receptacle
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

73415-0780 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  73415-0780 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
73415-0780
Status:
Active
Overview:
MCX RF Connectors
Description:
75 Ohms, MCX Right-Angle PCB Jack Receptacle
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
Product Specification PS-73598-024 (PDF)
General
Product Family
RF/Coax Connectors
Series
73415
Overview
MCX RF Connectors
Product Name
MCX
Style
PCB
UPC
800756038629
Wire/Cable Type
N/A
Physical
Gender
Jack
Keying to Mating Part
None
Net Weight
1.685/g
Orientation
Right Angle
PCB Mounting
Through Hole
PCB Thickness - Recommended
3.20mm
Packaging Type
Bag
Panel Mount
No
Panel Mount Method
N/A
Reverse Polar
No
Electrical
Impedance
75#
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
SMC & Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Product Specification
PS-73598-024
Sales Drawing
SD-73415-078
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant RF
Product
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
73415Series
This document was generated on 12/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 73415-0780

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73415-0780 MOLEX-73415-0780 Datasheet
86Kb / 1P
   MCX JACK 75 OHM R/A PCB TYPE MCX-J/RA/PCB
1998/10/13
More results

Similar Description - 73415-0780

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0734150780 MOLEX11-0734150780 Datasheet
29Kb / 1P
   75 Ohms, MCX Right-Angle PCB Jack Receptacle
73415-4330 MOLEX11-73415-4330 Datasheet
34Kb / 1P
   75 Ohms, MCX Jack, Right-Angle
0734154330 MOLEX11-0734154330 Datasheet
30Kb / 1P
   75 Ohms, MCX Jack, Right-Angle
73366-0030 MOLEX11-73366-0030 Datasheet
31Kb / 1P
   50 Ohms, MCX Right-Angle PCB Jack Receptacle
0733660030 MOLEX11-0733660030 Datasheet
27Kb / 1P
   50 Ohms, MCX Right-Angle PCB Jack Receptacle
73415-5940 MOLEX11-73415-5940 Datasheet
35Kb / 1P
   75 Ohms, MCX Jack, PCB Vertical
0734155940 MOLEX11-0734155940 Datasheet
31Kb / 1P
   75 Ohms, MCX Jack, PCB Vertical
73415-3510 MOLEX11-73415-3510 Datasheet
34Kb / 1P
   75 Ohms, MCX Jack, PCB Vertical
0734153510 MOLEX11-0734153510 Datasheet
30Kb / 1P
   75 Ohms, MCX Jack, PCB Vertical
73415-2740 MOLEX11-73415-2740 Datasheet
42Kb / 1P
   75 Ohms, MCX Jack
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com