Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7143SA55FB Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT7143SA55FB
Description  HIGH-SPEED 2K x 16 CMOS DUAL-PORT STATIC RAMS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7143SA55FB Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT7143SA55FB Datasheet HTML 6Page - Integrated Device Technology IDT7143SA55FB Datasheet HTML 7Page - Integrated Device Technology IDT7143SA55FB Datasheet HTML 8Page - Integrated Device Technology IDT7143SA55FB Datasheet HTML 9Page - Integrated Device Technology IDT7143SA55FB Datasheet HTML 10Page - Integrated Device Technology IDT7143SA55FB Datasheet HTML 11Page - Integrated Device Technology IDT7143SA55FB Datasheet HTML 12Page - Integrated Device Technology IDT7143SA55FB Datasheet HTML 13Page - Integrated Device Technology IDT7143SA55FB Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
6.42
IDT7133SA/LA, IDT7143SA/LA
High-Speed 2K x 16 Dual-Port RAM
Military, Industrial and Commercial Temperature Ranges
10
AC Electrical Characteristics Over the
Operating Temperature and Supply Voltage(6)
NOTES:
1.
Port-to-port delay through RAM cells from writing port to reading port, refer to “Timing Waveform of Write with Port-to-Port Read and Busy".
2.
tBDD is calculated parameter and is greater of 0, tWDD - tWP (actual) or tDDD - tDW (actual).
3.
To ensure that the earlier of the two ports wins.
4.
To ensure that the write cycle is inhibited on port "B" during contention on port "A".
5.
To ensure that a write cycle is completed on port "B" after contention on port "A".
6.
'X' in part number indicates power rating (SA or LA).
7133X20
7143X20
Com'l Only
7133X25
7143X25
Com'l, Ind
& Military
7133X35
7143X35
Com'l, Ind
& Military
Symbol
Parameter
Min.Max.
Min.Max.Min.Max.
Unit
BUSY TIMING (For MASTER 71V33)
tBAA
BUSY Access Time from Address
____
20
____
20
____
30
ns
tBDA
BUSY Disable Time from Address
____
20
____
20
____
30
ns
tBAC
BUSY Access Time from Chip Enable
____
20
____
20
____
25
ns
tBDC
BUSY Disable Time from Chip Enable
____
17
____
20
____
25
ns
tWDD
Write Pulse to Data Delay
(1)
____
40
____
50
____
60
ns
tDDD
Write Data Valid to Read Data Delay
(1)
____
30
____
35
____
45
ns
tBDD
BUSY Disable to Valid Data(2)
____
25
____
30
____
35
ns
tAPS
Arbitration Priority Set-up Time
(3)
5
____
5
____
5
____
ns
tWH
Write Hold After
BUSY(5)
20
____
20
____
25
____
ns
BUSY INPUT TIMING (For SLAVE 71V43)
tWB
BUSY Input to Write(4)
0
____
0
____
0
____
ns
tWH
Write Hold After
BUSY(5)
20
____
20
____
25
____
ns
tWDD
Write Pulse to Data Delay
(1)
____
40
____
50
____
60
ns
tDDD
Write Data Valid to Read Data Delay
(1)
____
30
____
35
____
45
ns
2746 tbl 12a
7133X45
7143X45
Com'l &
Military
7133X55
7143X55
Com'l, Ind
& Military
7133X70/90
7143X70/90
Com'l &
Military
Symbol
Parameter
Min.Max.
Min.Max.Min.Max.
Unit
BUSY TIMING (For MASTER 71V33)
tBAA
BUSY Access Time from Address
____
40
____
40
____
45/45
ns
tBDA
BUSY Disable Time from Address
____
40
____
40
____
45/45
ns
tBAC
BUSY Access Time from Chip Enable
____
30
____
35
____
35/35
ns
tBDC
BUSY Disable Time from Chip Enable
____
25
____
30
____
30/30
ns
tWDD
Write Pulse to Data Delay
(1)
____
80
____
80
____
90/90
ns
tDDD
Write Data Valid to Read Data Delay
(1)
____
55
____
55
____
70/70
ns
tBDD
BUSY Disable to Valid Data(2)
____
40
____
40
____
40/40
ns
tAPS
Arbitration Priority Set-up Time
(3)
5
____
5
____
5/5
____
ns
tWH
Write Hold After
BUSY(5)
30
____
30
____
30/30
____
ns
BUSY INPUT TIMING (For SLAVE 71V43)
tWB
BUSY Input to Write(4)
0
____
0
____
0/0
____
ns
tWH
Write Hold After
BUSY(5)
30
____
30
____
30/30
____
ns
tWDD
Write Pulse to Data Delay
(1)
____
80
____
80
____
90/90
ns
tDDD
Write Data Valid to Read Data Delay
(1)
____
55
____
55
____
70/70
ns
2746 tbl 12b


Similar Part No. - IDT7143SA55FB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7143SA IDT-IDT7143SA Datasheet
174Kb / 17P
   HIGH SPEED 2K X 16 DUAL-PORT SRAM
IDT7143SALA IDT-IDT7143SALA Datasheet
143Kb / 16P
   HIGH SPEED 2K X 16 DUAL-PORT SRAM
More results

Similar Description - IDT7143SA55FB

ManufacturerPart #DatasheetDescription
logo
Pyramid Semiconductor C...
P4C116 PYRAMID-P4C116 Datasheet
239Kb / 14P
   ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
logo
List of Unclassifed Man...
P4C116 ETC-P4C116 Datasheet
76Kb / 8P
   ULTRA HIGH SPEED 2K x 8 STATIC CMOS RAMS
logo
Cypress Semiconductor
CY7C133 CYPRESS-CY7C133 Datasheet
506Kb / 13P
   2K x 16 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7132SA IDT-IDT7132SA_15 Datasheet
203Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_08 Datasheet
143Kb / 17P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
IDT7132SA IDT-IDT7132SA_18 Datasheet
169Kb / 16P
   HIGH SPEED 2K x 8 DUAL PORT STATIC RAM
IDT71321SA IDT-IDT71321SA_18 Datasheet
184Kb / 18P
   HIGH SPEED 2K X 8 DUAL-PORT STATIC RAM
logo
List of Unclassifed Man...
P4C187 ETC-P4C187 Datasheet
70Kb / 8P
   ULTRA HIGH SPEED 64K x 1 STATIC CMOS RAMS
logo
Pyramid Semiconductor C...
P4C1257 PYRAMID-P4C1257 Datasheet
957Kb / 11P
   ULTRA HIGH SPEED 256K x 1 STATIC CMOS RAMS
P4C167 PYRAMID-P4C167 Datasheet
192Kb / 10P
   ULTRA HIGH SPEED 16K X 1 STATIC CMOS RAMS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com