Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT54FCT646CLB Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT54FCT646CLB
Description  FAST CMOS OCTAL TRANSCEIVER/REGISTER
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT646CLB Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT54FCT646CLB Datasheet HTML 1Page - Integrated Device Technology IDT54FCT646CLB Datasheet HTML 2Page - Integrated Device Technology IDT54FCT646CLB Datasheet HTML 3Page - Integrated Device Technology IDT54FCT646CLB Datasheet HTML 4Page - Integrated Device Technology IDT54FCT646CLB Datasheet HTML 5Page - Integrated Device Technology IDT54FCT646CLB Datasheet HTML 6Page - Integrated Device Technology IDT54FCT646CLB Datasheet HTML 7Page - Integrated Device Technology IDT54FCT646CLB Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
IDT54/74FCT646/A/C
FAST CMOS OCTAL TRANSCEIVER/REGISTER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
7.18
5
POWER SUPPLY CHARACTERISTICS
VLC = 0.2V; VHC = VCC – 0.2V
Symbol
Parameter
Test Conditions
(1)
Min.
Typ.
(2)
Max.
Unit
ICC
Quiescent Power Supply Current
VCC = Max.
0.2
1.5
mA
VIN
≥ VHC; VIN ≤ VLC
∆ICC
Quiescent Power Supply Current
VCC = Max.
0.5
2.0
mA
TTL Inputs HIGH
VIN = 3.4V
(3)
ICCD
Dynamic Power Supply Current
(4)
VCC = Max.
VIN
≥ VHC
0.15
0.25
mA/MHz
Outputs Open
VIN
≤ VLC
G = DIR = GND
One Input Toggling
50% Duty Cycle
IC
Total Power Supply Current
(6)
VCC = Max.
VIN
≥ VHC
1.7
4.0
mA
Outputs Open
VIN
≤ VLC
fCP = 10MHz
(FCT)
50% Duty Cycle
G = DIR = GND
VIN = 3.4V
2.2
6.0
One Bit Toggling
VIN = GND
at fi = 5MHz
50% Duty Cycle
VCC = Max.
VIN
≥ VHC
7.0
12.8
(5)
Outputs Open
VIN
≤ VLC
fCP = 10MHz
(FCT)
50% Duty Cycle
G = DIR = GND
VIN = 3.4V
9.2
21.8
(5)
Eight Bits Toggling
VIN = GND
at fi = 5MHz
50% Duty Cycle
NOTES:
2536 tbl 06
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25
°C ambient.
3. Per TTL driven input (VIN = 3.4V); all other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply calculations.
5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fCP/2 + fiNi)
ICC = Quiescent Current
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Output Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
fi = Input Frequency
Ni = Number of Inputs at fi
All currents are in milliamps and all frequencies are in megahertz.


Similar Part No. - IDT54FCT646CLB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT646CT IDT-IDT54FCT646CT Datasheet
189Kb / 9P
   FAST CMOS OCTAL TRANSCEIVER/ REGISTERS (3-STATE)
IDT54FCT646CT IDT-IDT54FCT646CT Datasheet
103Kb / 8P
   FAST CMOS OCTAL TRANSCEIVER/ REGISTER (3-STATE)
IDT54FCT646CTD IDT-IDT54FCT646CTD Datasheet
189Kb / 9P
   FAST CMOS OCTAL TRANSCEIVER/ REGISTERS (3-STATE)
IDT54FCT646CTD IDT-IDT54FCT646CTD Datasheet
103Kb / 8P
   FAST CMOS OCTAL TRANSCEIVER/ REGISTER (3-STATE)
IDT54FCT646CTDB IDT-IDT54FCT646CTDB Datasheet
189Kb / 9P
   FAST CMOS OCTAL TRANSCEIVER/ REGISTERS (3-STATE)
More results

Similar Description - IDT54FCT646CLB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT646T IDT-IDT74FCT646T_02 Datasheet
103Kb / 8P
   FAST CMOS OCTAL TRANSCEIVER/ REGISTER (3-STATE)
IDT74FCT543T IDT-IDT74FCT543T Datasheet
119Kb / 7P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
74FCT245T IDT-74FCT245T Datasheet
58Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
IDT74FCT645T IDT-IDT74FCT645T Datasheet
110Kb / 6P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
IDT74FCT621T IDT-IDT74FCT621T_16 Datasheet
78Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER
logo
Renesas Technology Corp
IDT74FCT2245AT RENESAS-IDT74FCT2245AT Datasheet
388Kb / 8P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
APRIL 2016
logo
Integrated Device Techn...
54F253DMQB IDT-54F253DMQB Datasheet
188Kb / 7P
   FAST CMOS OCTAL BIDIRECTIONAL TRANSCEIVER
IDT74FCT543 IDT-IDT74FCT543 Datasheet
71Kb / 7P
   FAST CMOS OCTAL LATCHED TRANSCEIVER
IDT74FCT621T IDT-IDT74FCT621T_06 Datasheet
70Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER
74FCT621T IDT-74FCT621T_16 Datasheet
51Kb / 6P
   FAST CMOS OCTAL BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com