Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71256S70PB Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT71256S70PB
Description  CMOS STATIC RAM 256K (32K x 8-BIT)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71256S70PB Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT71256S70PB Datasheet HTML 1Page - Integrated Device Technology IDT71256S70PB Datasheet HTML 2Page - Integrated Device Technology IDT71256S70PB Datasheet HTML 3Page - Integrated Device Technology IDT71256S70PB Datasheet HTML 4Page - Integrated Device Technology IDT71256S70PB Datasheet HTML 5Page - Integrated Device Technology IDT71256S70PB Datasheet HTML 6Page - Integrated Device Technology IDT71256S70PB Datasheet HTML 7Page - Integrated Device Technology IDT71256S70PB Datasheet HTML 8Page - Integrated Device Technology IDT71256S70PB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
7.2
2
IDT71256 S/L
CMOS STATIC RAM 256K (32K x 8-BIT)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
PIN CONFIGURATIONS
TRUTH TABLE
(1)
WE
WE
CS
CS
OE
OE
I/O
Function
X
H
X
High-Z
Standby (ISB)
XVHC
X
High-Z
Standby (ISB1)
H
L
H
High-Z
Output Disabled
HL
L
DOUT
Read Data
LL
X
DIN
Write Data
NOTE:
2946 tbl 02
1. H = VIH, L = VIL, X = Don’t Care
ABSOLUTE MAXIMUM RATINGS
(1)
Symbol
Rating
Com’l.
Mil.
Unit
VTERM
Terminal Voltage
–0.5 to +7.0
–0.5 to +7.0
V
with Respect
to GND
TA
Operating
0 to +70
–55 to +125
°C
Temperature
TBIAS
Temperature
–55 to +125
–65 to +135
°C
Under Bias
TSTG
Storage
–55 to +125
–65 to +150
°C
Temperature
PT
Power Dissipation
1.0
1.0
W
IOUT
DC Output
50
50
mA
Current
NOTE:
2946 tbl 03
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating con-
ditions for extended periods may affect reliability.
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
Symbol
Parameter
(1)
Conditions
Max. Unit
CIN
Input Capacitance
VIN = 0V
11
pF
CI/O
I/O Capacitance
VOUT = 0V
11
pF
NOTE:
2946 tbl 04
1. This parameter is determined by device characterization, but is not
production tested.
PIN DESCRIPTIONS
Name
Description
A0–A14
Addresses
I/O0I/O7
Data Input/Output
CS
Chip Select
WE
Write Enable
OE
Output Enable
GND
Ground
VCC
Power
2946 tbl 01
2946 drw 02
5
6
7
8
9
10
11
12
A12
1
2
3
4
24
23
22
21
20
19
18
17
D28-3
P28-1
P28-2
D28-1
SO28-5
13
14
28
27
26
25
A7
A6
A5
A4
A3
A2
A1
A0
I/O 0
I/O 1
V CC
WE
A8
A9
A11
OE
A10
CS
I/O 7
16
15
I/O 2
GND
I/O 6
I/O 5
I/O 4
I/O 3
A14
A13
32-Pin LCC
TOP VIEW
DIP/SOJ
TOP VIEW
5
6
7
8
9
10
11
L32-1
29
28
27
26
25
24
23
15 16 17 18 19
32
1
32 31
INDEX
A3
A2
OE
NC
A8
A9
A11
A10
CS
12
22
13
21
A6
A5
A4
2946 drw 03
A1
A0
I/O0
4
30
20
14
I/O7
I/O6
NC


Similar Part No. - IDT71256S70PB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT71256S ETC2-IDT71256S Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
Integrated Device Techn...
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
IDT71256SA IDT-IDT71256SA Datasheet
260Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit) Low power consumption via chip deselect
IDT71256SA IDT-IDT71256SA Datasheet
69Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256SA12PZ IDT-IDT71256SA12PZ Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
More results

Similar Description - IDT71256S70PB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
5962-8855206XA IDT-5962-8855206XA Datasheet
289Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256SA IDT-IDT71256SA_14 Datasheet
69Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
Renesas Technology Corp
71256SA RENESAS-71256SA Datasheet
191Kb / 9P
   CMOS Static RAM 256K (32K x 8-Bit)
Jun.29.20
logo
Integrated Device Techn...
IDT71256SA70 IDT-IDT71256SA70 Datasheet
62Kb / 6P
   CMOS STATIC RAM 256K (32K x 8-BIT)
IDT71256SA20PZI IDT-IDT71256SA20PZI Datasheet
260Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
71256SA20TPG IDT-71256SA20TPG Datasheet
260Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256S IDT-IDT71256S_14 Datasheet
84Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com