Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD815 Datasheet(PDF) 6 Page - Analog Devices

Part # AD815
Description  High Output Current Differential Driver
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD815 Datasheet(HTML) 6 Page - Analog Devices

Back Button AD815_15 Datasheet HTML 2Page - Analog Devices AD815_15 Datasheet HTML 3Page - Analog Devices AD815_15 Datasheet HTML 4Page - Analog Devices AD815_15 Datasheet HTML 5Page - Analog Devices AD815_15 Datasheet HTML 6Page - Analog Devices AD815_15 Datasheet HTML 7Page - Analog Devices AD815_15 Datasheet HTML 8Page - Analog Devices AD815_15 Datasheet HTML 9Page - Analog Devices AD815_15 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
AD815
REV. C
–6–
FREQUENCY – Hz
100
10
1
10
100k
100
1k
10k
100
10
1
INVERTING INPUT
CURRENT NOISE
NONINVERTING INPUT
CURRENT NOISE
INPUT VOLTAGE
NOISE
Figure 16. Input Current and Voltage Noise vs. Frequency
FREQUENCY – Hz
90
80
10
10k
100M
100k
1M
10M
70
60
50
40
30
20
VS = 15V
SIDE A
SIDE B
562
562
562
562
VOUT
VIN
1/2
AD815
Figure 17. Common-Mode Rejection vs. Frequency
FREQUENCY – MHz
0.01
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0.1
110
100
300
–PSRR
+PSRR
VS = 15V
G = +2
RL = 100
Figure 18. Power Supply Rejection vs. Frequency
FREQUENCY – Hz
100
100M
1k
10k
100k
1M
10M
120
110
100
90
80
70
60
50
40
30
100
500
0
–50
–100
–150
–200
–250
TRANSIMPEDANCE
PHASE
Figure 19. Open-Loop Transimpedance vs. Frequency
FREQUENCY – Hz
–40
–50
–110
100
10M
1k
10k
100k
1M
–60
–70
–80
–90
–100
VS = 15V
G = +10
VOUT = 40V p-p
RL = 50
(DIFFERENTIAL)
RL = 200
(DIFFERENTIAL)
Figure 20. Total Harmonic Distortion vs. Frequency
SETTLING TIME – ns
10
–10
8
2
–2
–6
–8
6
4
0
–4
60
40
80
100
GAIN = +2
VS = 15V
1%
0.1%
020
70
1%
0.1%
Figure 21. Output Swing and Error vs. Settling Time


Similar Part No. - AD815_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD815-EB AD-AD815-EB Datasheet
333Kb / 16P
   High Output Current Differential Driver
REV. B
AD8150 AD-AD8150 Datasheet
995Kb / 35P
   33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV. 0
AD8150-EVAL AD-AD8150-EVAL Datasheet
995Kb / 35P
   33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV. 0
AD8150AST AD-AD8150AST Datasheet
995Kb / 35P
   33 x 17, 1.5 Gbps Digital Crosspoint Switch
REV. 0
AD8150 AD-AD8150_15 Datasheet
756Kb / 44P
   Crosspoint Switch
REV. A
More results

Similar Description - AD815_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD815 AD-AD815 Datasheet
333Kb / 16P
   High Output Current Differential Driver
REV. B
AD815 AD-AD815_05 Datasheet
362Kb / 16P
   High Output Current Differential Driver
REV. C
logo
Maxim Integrated Produc...
MAX4147 MAXIM-MAX4147 Datasheet
81Kb / 8P
   300MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 1; 11/96
logo
Analog Devices
ADA4312-1 AD-ADA4312-1 Datasheet
578Kb / 13P
   Wideband, Differential, High Output Current Line Driver with Shutdown
ADA4312-1 AD-ADA4312-1_17 Datasheet
441Kb / 12P
   Wideband, Differential, High Output Current Line Driver with Shutdown
logo
Maxim Integrated Produc...
MAX4142 MAXIM-MAX4142 Datasheet
120Kb / 12P
   250MHz, Low-Power, High-Output-Current, Differential Line Driver
Rev 0; 7/98
logo
New Japan Radio
NJM2504 NJRC-NJM2504 Datasheet
117Kb / 5P
   VIDEO DIFFERENTIAL OUTPUT DRIVER
logo
Analog Devices
AD8390 AD-AD8390 Datasheet
531Kb / 16P
   Low Power, High Output Current Differential Amplifier
REV. C
AD8390A AD-AD8390A Datasheet
387Kb / 12P
   Low Power, High Output Current Differential Amplifier
REV. B
AD8390A AD-AD8390A_16 Datasheet
471Kb / 13P
   Low Power, High Output Current Differential Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com