Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD811 Datasheet(PDF) 7 Page - Analog Devices

Part # AD811
Description  High Performance Video Op Amp
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD811 Datasheet(HTML) 7 Page - Analog Devices

Back Button AD811_15 Datasheet HTML 3Page - Analog Devices AD811_15 Datasheet HTML 4Page - Analog Devices AD811_15 Datasheet HTML 5Page - Analog Devices AD811_15 Datasheet HTML 6Page - Analog Devices AD811_15 Datasheet HTML 7Page - Analog Devices AD811_15 Datasheet HTML 8Page - Analog Devices AD811_15 Datasheet HTML 9Page - Analog Devices AD811_15 Datasheet HTML 10Page - Analog Devices AD811_15 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 21 page
background image
AD811
Data Sheet
Rev. F | Page 6 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
Figure 5. Differential Gain and Phase
Figure 6. Frequency Response
Figure 7. Input Common-Mode Voltage Range vs. Supply Voltage
Figure 8. Output Voltage Swing vs. Resistive Load
Figure 9. Input Bias Current vs. Junction Temperature
Figure 10. Output Voltage Swing vs. Supply Voltage
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
0.16
0.18
0.20
0
0.01
0.02
0.03
0.04
0.05
0.06
0.07
0.08
0.09
0.10
5
6
7
8
9
10
11
12
13
14
15
SUPPLY VOLTAGE (±V)
RF = 649Ω
FC = 3.58MHz
100 IRE
MODULATED RAMP
RL = 150Ω
PHASE
GAIN
–6
–3
0
3
6
9
12
FREQUENCY (MHz)
1
10
100
VS = ±15V
VS = ±5V
G = +2
RL = 150Ω
RG = RFB
0
5
10
15
20
SUPPLY VOLTAGE (±V)
5
0
10
15
20
TA = 25°C
0
5
10
15
20
25
30
35
LOAD RESISTANCE (
Ω)
10
1k
100
10k
VS = ±15V
VS = ±5V
–30
–25
–20
–15
–10
–5
0
5
10
–60
–40
–20
0
20
40
60
80
100
120
140
JUNCTION TEMPERATURE (°C)
NONINVERTING INPUT
±5 TO ±15V
INVERTING INPUT
VS = ±15V
VS = ±5V
0
5
10
15
20
SUPPLY VOLTAGE (±V)
5
0
10
15
20
TA = 25°C
NO LOAD
RL = 150Ω


Similar Part No. - AD811_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD811 AD-AD811_17 Datasheet
465Kb / 21P
   High Performance Video Op Amp
More results

Similar Description - AD811_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD811 AD-AD811_04 Datasheet
558Kb / 20P
   High Performance Video Op Amp
Rev. E
AD811 AD-AD811 Datasheet
230Kb / 15P
   High Performance Video Op Amp
REV. D
AD811 AD-AD811_17 Datasheet
465Kb / 21P
   High Performance Video Op Amp
AD829 AD-AD829_04 Datasheet
275Kb / 16P
   High Speed, Low Noise Video Op Amp
REV. G
AD829JNZ AD-AD829JNZ Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829 Datasheet
321Kb / 12P
   High-Speed, Low-Noise Video Op Amp
REV. E
AD829 AD-AD829_15 Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829_17 Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
logo
Texas Instruments
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
CLC410 TI1-CLC410 Datasheet
559Kb / 16P
[Old version datasheet]   Fast Settling, Video Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com