Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD811 Datasheet(PDF) 4 Page - Analog Devices

Part # AD811
Description  High Performance Video Op Amp
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD811 Datasheet(HTML) 4 Page - Analog Devices

  AD811_15 Datasheet HTML 1Page - Analog Devices AD811_15 Datasheet HTML 2Page - Analog Devices AD811_15 Datasheet HTML 3Page - Analog Devices AD811_15 Datasheet HTML 4Page - Analog Devices AD811_15 Datasheet HTML 5Page - Analog Devices AD811_15 Datasheet HTML 6Page - Analog Devices AD811_15 Datasheet HTML 7Page - Analog Devices AD811_15 Datasheet HTML 8Page - Analog Devices AD811_15 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 21 page
background image
Data Sheet
AD811
Rev. F | Page 3 of 20
SPECIFICATIONS
At TA = +25°C, VS = ±15 V dc, RLOAD = 150 Ω, unless otherwise noted.
Table 1.
AD811J/A1
AD811S2
Parameter
Conditions
VS
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
Small Signal Bandwidth (No Peaking)
−3 dB
G = +1
RFB = 562 Ω
±15 V
140
140
MHz
G = +2
RFB = 649 Ω
±15 V
120
120
MHz
G = +2
RFB = 562 Ω
±15 V
80
80
MHz
G = +10
RFB = 511 Ω
±15 V
100
100
MHz
0.1 dB Flat
G = +2
RFB = 562 Ω
±15
25
25
MHz
RFB = 649 Ω
±15
35
35
MHz
Full Power Bandwidth3
VOUT = 20 V p-p
±15
40
40
MHz
Slew Rate
VOUT = 4 V p-p
±15
400
400
V/µs
VOUT = 20 V p-p
±15
2500
2500
V/µs
Settling Time to 0.1%
10 V Step, AV = − 1
±15
50
50
ns
Settling Time to 0.01%
10 V Step, AV = − 1
±15
65
65
ns
Settling Time to 0.1%
2 V Step, AV = − 1
±15
25
25
ns
Rise Time, Fall Time
RFB = 649, AV = +2
±15
3.5
3.5
ns
Differential Gain
f = 3.58 MHz
±15
0.01
0.01
%
Differential Phase
f = 3.58 MHz
±15
0.01
0.01
Degree
THD at fC = 10 MHz
VOUT = 2 V p-p, AV = +2
±15
−74
−74
dBc
Third-Order Intercept4
At fC = 10 MHz
±15
36
36
dBm
±15
43
43
dBm
INPUT OFFSET VOLTAGE
±5 V, ±15 V
0.5
3
0.5
3
mV
TMIN to TMAX
5
5
mV
Offset Voltage Drift
5
5
µV/°C
INPUT BIAS CURRENT
−Input
±5 V, ±15 V
2
5
2
5
µA
TMIN to TMAX
15
30
µA
+Input
±5 V, ±1 5 V
2
10
2
10
µA
TMIN to TMAX
20
25
µA
TRANSRESISTANCE
TMIN to TMAX
VOUT = ±10 V
RL = ∞
±15 V
0.75
1.5
0.75
1.5
RL = 200 Ω
±15 V
0.5
0.75
0.5
0.75
VOUT = ±2.5 V
RL = 150 Ω
±5 V
0.25
0.4
0.125
0.4
COMMON-MODE REJECTION
VOS (vs. Common Mode)
TMIN to TMAX
VCM = ±2.5 V
±5 V
56
60
50
60
dB
TMIN to TMAX
VCM = ±10 V
±15 V
60
66
56
66
dB
Input Current (vs. Common Mode)
TMIN to TMAX
1
3
1
3
µA/V
POWER SUPPLY REJECTION
VS = ±4.5 V to ±18 V
VOS
TMIN to TMAX
60
70
60
70
dB
+Input Current
TMIN to TMAX
0.3
2
0.3
2
µA/V
−Input Current
TMIN to TMAX
0.4
2
0.4
2
µA/V


Similar Part No. - AD811_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD811 AD-AD811_17 Datasheet
465Kb / 21P
   High Performance Video Op Amp
More results

Similar Description - AD811_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD811 AD-AD811_04 Datasheet
558Kb / 20P
   High Performance Video Op Amp
Rev. E
AD811 AD-AD811 Datasheet
230Kb / 15P
   High Performance Video Op Amp
REV. D
AD811 AD-AD811_17 Datasheet
465Kb / 21P
   High Performance Video Op Amp
AD829 AD-AD829_04 Datasheet
275Kb / 16P
   High Speed, Low Noise Video Op Amp
REV. G
AD829JNZ AD-AD829JNZ Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829 Datasheet
321Kb / 12P
   High-Speed, Low-Noise Video Op Amp
REV. E
AD829 AD-AD829_15 Datasheet
379Kb / 20P
   High Speed, Low Noise Video Op Amp
Rev. I
AD829 AD-AD829_17 Datasheet
394Kb / 21P
   High Speed, Low Noise Video Op Amp
logo
Texas Instruments
LMH6715 TI1-LMH6715_16 Datasheet
1Mb / 21P
[Old version datasheet]   Dual Wideband Video Op Amp
CLC410 TI1-CLC410 Datasheet
559Kb / 16P
[Old version datasheet]   Fast Settling, Video Op Amp
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com