Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7MB4145S20M Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT7MB4145S20M
Description  256K x 32 CMOS STATIC RAM MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7MB4145S20M Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT7MB4145S20M Datasheet HTML 1Page - Integrated Device Technology IDT7MB4145S20M Datasheet HTML 2Page - Integrated Device Technology IDT7MB4145S20M Datasheet HTML 3Page - Integrated Device Technology IDT7MB4145S20M Datasheet HTML 4Page - Integrated Device Technology IDT7MB4145S20M Datasheet HTML 5Page - Integrated Device Technology IDT7MB4145S20M Datasheet HTML 6Page - Integrated Device Technology IDT7MB4145S20M Datasheet HTML 7Page - Integrated Device Technology IDT7MB4145S20M Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IDT7MP4045/7MP4145
256K x 32 CMOS STATIC RAM MODULE
COMMERCIAL TEMPERATURE RANGE
15.2
4
AC ELECTRICAL CHARACTERISTICS
(VCC = 5V
±10%, TA = 0°C to +70°C)
’4045SxxZ, ’4045/4145SxxM
–15
–20
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
Read Cycle
tRC
Read Cycle Time
15
20
ns
tAA
Address Access Time
15
20
ns
tACS
Chip Select Access Time
15
20
ns
tCLZ
(1)
Chip Select to Output in Low-Z
3
5
ns
tOE
Output Enable to Output Valid
8
10
ns
tOLZ
(1)
Output Enable to Output in Low-Z
0
0
ns
tCHZ
(1)
Chip Deselect to Output in High-Z
8
10
ns
tOHZ
(1)
Output Disable to Output in High-Z
8
10
ns
tOH
Output Hold from Address Change
3
3
ns
tPU
(1)
Chip Select to Power-Up Time
0
0
ns
tPD
(1)
Chip Deselect to Power-Down Time
15
20
ns
Write Cycle
tWC
Write Cycle Time
15
20
ns
tCW
Chip Select to End-of-Write
12
15
ns
tAW
Address Valid to End-of-Write
12
15
ns
tAS
Address Set-up Time
0
0
ns
tWP
Write Pulse Width
12
15
ns
tWR
Write Recovery Time
0
0
ns
tWHZ
(1)
Write Enable to Output in High-Z
8
13
ns
tDW
Data to Write Time Overlap
10
12
ns
tDH
Data Hold from Write Time
0
0
ns
tOW
(1)
Output Active from End-of-Write
0
0
ns
NOTE:
2703 tbl 11
1. This parameter is guaranteed by design but not tested.


Similar Part No. - IDT7MB4145S20M

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7MB4048 IDT-IDT7MB4048 Datasheet
80Kb / 6P
   512K x 8 CMOS STATIC RAM MODULE
IDT7MB4048S25P IDT-IDT7MB4048S25P Datasheet
80Kb / 6P
   512K x 8 CMOS STATIC RAM MODULE
IDT7MB4048S30P IDT-IDT7MB4048S30P Datasheet
80Kb / 6P
   512K x 8 CMOS STATIC RAM MODULE
IDT7MB4048S35P IDT-IDT7MB4048S35P Datasheet
80Kb / 6P
   512K x 8 CMOS STATIC RAM MODULE
More results

Similar Description - IDT7MB4145S20M

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MCM32257B MOTOROLA-MCM32257B Datasheet
158Kb / 8P
   256K x 32 Bit Fast Static RAM Module
logo
Integrated Device Techn...
IDT7MP4120 IDT-IDT7MP4120 Datasheet
83Kb / 8P
   1M x 32 CMOS STATIC RAM MODULE
logo
Mosel Vitelic, Corp
V62C18164096 MOSEL-V62C18164096 Datasheet
51Kb / 10P
   256K x 16, CMOS STATIC RAM
V62C1164096 MOSEL-V62C1164096 Datasheet
178Kb / 10P
   256K x 16, CMOS STATIC RAM
logo
Cypress Semiconductor
CYM1441 CYPRESS-CYM1441 Datasheet
167Kb / 6P
   256K x 8 Static RAM Module
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
logo
Sharp Corporation
LH52256C SHARP-LH52256C Datasheet
97Kb / 11P
   CMOS 256K (32K x 8) Static RAM
LH51256L SHARP-LH51256L Datasheet
430Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
LH52B256 SHARP-LH52B256 Datasheet
469Kb / 11P
   CMOS 256K (32K x 8) Static RAM
logo
Cypress Semiconductor
CY7C1016 CYPRESS-CY7C1016 Datasheet
82Kb / 1P
   256K x Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com