Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7MP4060S20Z Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT7MP4060S20Z
Description  128K x 32 CMOS STATIC RAM MODULES
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7MP4060S20Z Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT7MP4060S20Z Datasheet HTML 1Page - Integrated Device Technology IDT7MP4060S20Z Datasheet HTML 2Page - Integrated Device Technology IDT7MP4060S20Z Datasheet HTML 3Page - Integrated Device Technology IDT7MP4060S20Z Datasheet HTML 4Page - Integrated Device Technology IDT7MP4060S20Z Datasheet HTML 5Page - Integrated Device Technology IDT7MP4060S20Z Datasheet HTML 6Page - Integrated Device Technology IDT7MP4060S20Z Datasheet HTML 7Page - Integrated Device Technology IDT7MP4060S20Z Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 8 page
background image
IDT7MP4060/7MP4095
128K x 32 CMOS STATIC RAM MODULES
COMMERCIAL TEMPERATURE RANGE
7.09
4
AC ELECTRICAL CHARACTERISTICS
(VCC = 5V
±10%, TA = 0°C to +70°C)
-15
-20
Symbol
Parameter
Min.
Max.
Min.
Max.
Unit
Read Cycle
tRC
Read Cycle Time
15
20
ns
tAA
Address Access Time
15
20
ns
tACS
Chip Select Access Time
15
20
ns
tCLZ
(1)
Chip Select to Output in Low Z
3
3
ns
tOE
Output Enable to Output Valid
8
10
ns
tOLZ
(1)
Output Enable to Output in Low Z
0
0
ns
tCHZ
(1)
Chip Deselect to Output in High Z
8
12
ns
tOHZ
(1)
Output Disable to Output in High Z
8
12
ns
tOH
Output Hold from Address Change
3
3
ns
tPU
(1)
Chip Select to Power-Up Time
0
0
ns
tPD
(1)
Chip Deselect to Power-Down Time
15
20
ns
Write Cycle
tWC
Write Cycle Time
15
20
ns
tCW
Chip Select to End of Write
12
18
ns
tAW
Address Valid to End of Write
12
18
ns
tAS
Address Set-up Time
0
0
ns
tWP
Write Pulse Width
12
18
ns
tWR
Write Recovery Time
0
3
ns
tWHZ
(1)
Write Enable to Output in High Z
8
13
ns
tDW
Data to Write Time Overlap
10
12
ns
tDH
Data Hold from Write Time
0
0
ns
tOW
(1)
Output Active from End of Write
3
3
ns
NOTE:
3147 tbl 10
1. This parameter is guaranteed by design, but not tested.


Similar Part No. - IDT7MP4060S20Z

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7MP4045 IDT-IDT7MP4045 Datasheet
96Kb / 8P
   256K x 32 CMOS STATIC RAM MODULE
More results

Similar Description - IDT7MP4060S20Z

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CYM1836 CYPRESS-CYM1836 Datasheet
540Kb / 8P
   128K x 32 Static RAM Module
logo
Winbond
W24100 WINBOND-W24100 Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
W24L01 WINBOND-W24L01 Datasheet
182Kb / 11P
   128K X 8 CMOS STATIC RAM
logo
Integrated Silicon Solu...
62LV12816 ISSI-62LV12816 Datasheet
83Kb / 9P
   128K x 16 CMOS STATIC RAM
logo
List of Unclassifed Man...
IS61SP12832 ETC-IS61SP12832 Datasheet
490Kb / 14P
   128K x 32 SYNCHRONOUS PIPELINED STATIC RAM
logo
Sharp Corporation
LH51BV1000J SHARP-LH51BV1000J Datasheet
77Kb / 11P
   CMOS 1M (128K x 8) Static Ram
LH52D1000 SHARP-LH52D1000 Datasheet
81Kb / 12P
   CMOS 1M (128K x 8) Static Ram
logo
Integrated Silicon Solu...
IS61SF12832 ISSI-IS61SF12832 Datasheet
112Kb / 16P
   128K x 32, 128K x 36 SYNCHRONOUS FLOW-THROUGH STATIC RAM
logo
Sharp Corporation
LH52B256LL SHARP-LH52B256LL Datasheet
389Kb / 9P
   CMOS 32 x 8 Static RAM
logo
Taiwan Memory Technolog...
T14M1024A TMT-T14M1024A Datasheet
74Kb / 10P
   128K X 8 HIGH SPEED CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com