Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7130LA55CB Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT7130LA55CB
Description  HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7130LA55CB Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT7130LA55CB Datasheet HTML 1Page - Integrated Device Technology IDT7130LA55CB Datasheet HTML 2Page - Integrated Device Technology IDT7130LA55CB Datasheet HTML 3Page - Integrated Device Technology IDT7130LA55CB Datasheet HTML 4Page - Integrated Device Technology IDT7130LA55CB Datasheet HTML 5Page - Integrated Device Technology IDT7130LA55CB Datasheet HTML 6Page - Integrated Device Technology IDT7130LA55CB Datasheet HTML 7Page - Integrated Device Technology IDT7130LA55CB Datasheet HTML 8Page - Integrated Device Technology IDT7130LA55CB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
6.01
3
IDT7130SA/LA AND IDT7140SA/LA
HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM WITH INTERRUPTS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
7130SA
7130LA
7140SA
7140LA
Symbol
Parameter
Test Conditions
Min.
Max.
Max.
Max.
Unit
|lLl|
Input Leakage
VCC = 5.5V,
10
5
µA
Current
(1)
VIN = 0V to VCCIN = GND to VCC
|lLO|
Output Leakage
VCC = 5.5V,
10
5
µA
Current
(1)
CE = VIH, VOUT = 0V to VCCC
VOL
Output Low Voltage
lOL = 4mA
0.4
0.4
V
(l/O0-l/O7)
lOL= 16mA
VOL
Open Drain Output
lOL = 16mA
0.5
0.5
V
Low Voltage (
BUSY, INT)
VOH
Output High Voltage
lOH = -4mA
2.4
2.4
V
Sy
mbol
Parameter
Conditions(2)
Max. Unit
CIN
Input Capacitance
VIN = 3dV
9
pF
COUT
Output Capacitance
VIN = 3dV
10
pF
2689 tbl 02
ABSOLUTE MAXIMUM RATINGS(1)
Symbol
Rating
Commercial
Military
Unit
VTERM(2) Terminal Voltage
–0.5 to +7.0
–0.5 to +7.0
V
with Respect to
GND
TA
Operating
0 to +70
–55 to +125
°C
Temperature
TBIAS
Temperature
–55 to +125
–65 to +135
°C
Under Bias
TSTG
Storage
–55 to +125
–65 to +150
°C
Temperature
IOUT
DC Output
50
50
mA
Current
NOTES:
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of the specification is not
implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
2. VTERM must not exceed Vcc + 0.5 for more than 25% of the cycle time
or 10ns maximum, and is limited to < 20mA for the period of VTERM > Vcc
+ 0.5V.
2689 tbl 01
RECOMMENDED
DC OPERATING CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Supply Voltage
0
0
0
V
VIH
Input High Voltage
2.2
6.0
(2)
V
VIL
Input Low Voltage
–0.5
0.8
V
NOTES:
1. VIL (min.) > -1.5V for pulse width less than 10ns.
2. VTERM must not exceed Vcc + 0.5V.
RECOMMENDED OPERATING
TEMPERATURE AND SUPPLY VOLTAGE
Ambient
Grade
Temperature
GND
VCC
Military
–55
°C to +125°C
0V
5.0V
± 10%
Commercial
0
°C to +70°C
0V
5.0V
± 10%
2689 tbl 03
(1)
DC ELECTRICAL CHARACTERISTICS OVER THE
OPERATING TEMPERATURE AND SUPPLY VOLTAGE RANGE (VCC = 5.0V
± 10%)
NOTES:
1. This parameter is determined by device characterization but is not
production tested.
2. 3dv references the interpolated capacitance when the input and
output signals switch from 0V to 3V or from 3V to 0V.
3. 11pF max. for other packages.
2689 tbl 05
CAPACITANCE(1)
(TA = +25
°C, f = 1.0MHz) TQFP ONLY(3)
NOTE:
2689 tbl 04
1. At Vcc < 2.0V leakages are undefined.


Similar Part No. - IDT7130LA55CB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7130LA55CG IDT-IDT7130LA55CG Datasheet
155Kb / 19P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130LA55CGB IDT-IDT7130LA55CGB Datasheet
155Kb / 19P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130LA55CGI IDT-IDT7130LA55CGI Datasheet
155Kb / 19P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
More results

Similar Description - IDT7130LA55CB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
7130SA55P IDT-7130SA55P Datasheet
168Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_17 Datasheet
125Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_15 Datasheet
628Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
71V30 RENESAS-71V30 Datasheet
376Kb / 16P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT71V30 IDT-IDT71V30 Datasheet
120Kb / 14P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130_05 Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
CY7C130 CYPRESS-CY7C130 Datasheet
305Kb / 16P
   1K x 8 Dual-Port Static Ram
logo
Integrated Device Techn...
IDT7130-LA55J IDT-IDT7130-LA55J Datasheet
278Kb / 10P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA IDT-IDT7130SA_16 Datasheet
936Kb / 21P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
IDT7130SA55JI IDT-IDT7130SA55JI Datasheet
278Kb / 10P
   HIGH SPEED 1K X 8 DUAL-PORT STATIC SRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com