Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7M1014S15GB Datasheet(PDF) 3 Page - Integrated Device Technology

Part # IDT7M1014S15GB
Description  4K x 36 BiCMOS DUAL-PORT STATIC RAM MODULE
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7M1014S15GB Datasheet(HTML) 3 Page - Integrated Device Technology

  IDT7M1014S15GB Datasheet HTML 1Page - Integrated Device Technology IDT7M1014S15GB Datasheet HTML 2Page - Integrated Device Technology IDT7M1014S15GB Datasheet HTML 3Page - Integrated Device Technology IDT7M1014S15GB Datasheet HTML 4Page - Integrated Device Technology IDT7M1014S15GB Datasheet HTML 5Page - Integrated Device Technology IDT7M1014S15GB Datasheet HTML 6Page - Integrated Device Technology IDT7M1014S15GB Datasheet HTML 7Page - Integrated Device Technology IDT7M1014S15GB Datasheet HTML 8Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
7.03
3
IDT7M1014 4K x 36 BiCMOS
DUAL-PORT STATIC RAM MODULE
MILITARY AND COMMERCIAL TEMPERATURE RANGES
ABSOLUTE MAXIMUM RATINGS
(1)
Symbol
Rating
Commercial
Military
Unit
VTERM(2) Terminal Voltage
–0.5 to +7.0
–0.5 to +7.0
V
with Respect to
GND
VTERM(3) Terminal Voltage
–0.5 to +7.0
–0.5 to +7.0
V
TA
Operating
0 to +70
–55 to +125
°C
Temperature
TBIAS
Temperature
–10 to +85
–65 to +135
°C
Under Bias
TSTG
Storage
–55 to +125
–65 to +150
°C
Temperature
IOUT
DC Output
50
50
mA
Current
NOTES:
2819 tbl 02
1. Stresses greater than those listed under ABSOLUTE MAXIMUM RATINGS
may cause permanent damage to the device. This is a stress rating only
and functional operation of the device at these or any other conditions
above those indicated in the operational sections of this specification is not
implied. Exposure to absolute maximum rating conditions for extended
periods may affect reliability.
2. Inputs and VCC terminals only.
3. I/O terminals only.
RECOMMENDED OPERATING
TEMPERATURE AND SUPPLY VOLTAGE
Ambient
Grade
Temperature
GND
VCC
Military
–55
°C to +125°C
0V
5.0V
± 10%
Commercial
0
°C to +70°C
0V
5.0V
± 10%
2819 tbl 04
RECOMMENDED DC
OPERATING CONDITIONS
Symbol
Parameter
Min.
Typ.
Max.
Unit
VCC
Supply Voltage
4.5
5.0
5.5
V
GND
Supply Voltage
0
0
0
V
VIH
Input HIGH Voltage
2.2
6.0
V
VIL
Input LOW Voltage
–0.5
(1)
0.8
V
NOTE:
2819 tbl 03
1. VIL
≥ –3.0V for pulse width less than 20ns.
CAPACITANCE TABLE (TA = +25
°C, f = 1.0MHz)
Symbol
Parameter
Conditions
Max.
Unit
C_IN(1)
Input Capacitance (Address)
V_IN = 0V
50
pF
C_IN(2)
Input Capacitance (Data, R/
W)V_IN = 0V
15
pF
C_IN(3)
Input Capacitance (
OE)V_IN = 0V
25
pF
COUT
Output Capacitance (Data)
V_OUT = 0V
15
pF
NOTE:
2819 tbl 05
1. This parameter is guaranteed by design but not tested.


Similar Part No. - IDT7M1014S15GB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7M1001 IDT-IDT7M1001 Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1001S35C IDT-IDT7M1001S35C Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1001S35CB IDT-IDT7M1001S35CB Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1001S40C IDT-IDT7M1001S40C Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1001S40CB IDT-IDT7M1001S40CB Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
More results

Similar Description - IDT7M1014S15GB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7M1024 IDT-IDT7M1024 Datasheet
113Kb / 8P
   4K x 36 BiCMOS SYNCHRONOUS DUAL-PORT STATIC RAM MODULE
logo
Cypress Semiconductor
CY7C138 CYPRESS-CY7C138 Datasheet
300Kb / 15P
   4K x 8/9 Dual-Port Static RAM
CY7B134 CYPRESS-CY7B134 Datasheet
588Kb / 15P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
CY7B146 CYPRESS-CY7B146 Datasheet
382Kb / 12P
   4K x 8 Dual-Port Static RAMs and 4K x 8 Dual-Port Static RAM with Semaphores
logo
Integrated Device Techn...
IDT71342SA IDT-IDT71342SA_12 Datasheet
318Kb / 14P
   HIGH SPEED 4K X 8 DUAL-PORT STATIC RAM
logo
Cypress Semiconductor
CY7C09349A CYPRESS-CY7C09349A Datasheet
337Kb / 17P
   4K/8K x 18 Synchronous Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7024S IDT-IDT7024S_13 Datasheet
192Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S_18 Datasheet
693Kb / 22P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7024S IDT-IDT7024S Datasheet
292Kb / 20P
   HIGH-SPEED 4K x 16 DUAL-PORT STATIC RAM
IDT7134SA IDT-IDT7134SA Datasheet
110Kb / 9P
   HIGH-SPEED 4K x 8 DUAL-PORT STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com