Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7M1002S35GB Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT7M1002S35GB
Description  16K x 32 CMOS DUAL-PORT STATIC RAM MODULE
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7M1002S35GB Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT7M1002S35GB Datasheet HTML 1Page - Integrated Device Technology IDT7M1002S35GB Datasheet HTML 2Page - Integrated Device Technology IDT7M1002S35GB Datasheet HTML 3Page - Integrated Device Technology IDT7M1002S35GB Datasheet HTML 4Page - Integrated Device Technology IDT7M1002S35GB Datasheet HTML 5Page - Integrated Device Technology IDT7M1002S35GB Datasheet HTML 6Page - Integrated Device Technology IDT7M1002S35GB Datasheet HTML 7Page - Integrated Device Technology IDT7M1002S35GB Datasheet HTML 8Page - Integrated Device Technology IDT7M1002S35GB Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
7.02
4
IDT7M1002
16K x 32 CMOS DUAL-PORT STATIC RAM MODULE
MILITARY AND COMMERCIAL TEMPERATURE RANGES
2795 tbl 08
Figure 1. Output Load
AC TEST CONDITIONS
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
5ns
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
Output Load
See Figures 1 and 2
CAPACITANCE(1) (TA = +25
°C, f = 1.0MHz)
Symbol
Parameter
Condition
Max. Unit
CIN (1)
Input Capacitance
VIN = 0V
40
pF
(
CS, OE, SEM, Address)
CIN(2)
Input Capacitance
VIN = 0V
12
pF
(R/
W, I/O, INT)
CIN(3)
Input Capacitance
VIN = 0V
45
pF
(
BUSY, M/S)
COUT
Output Capacitance
VOUT = 0V
12
pF
(I/O)
NOTE:
1. This parameter is guaranteed by design but not tested.
(Continued on next page)
*Including scope and jig capacitances.
2795 drw 04
+5V
480
255
5pF*
DATAOUT
*Including scope and jig capacitances.
2795 drw 03
+5V
480
255
30pF*
BUSY, INT
Figure 2. Output Load
(For tCHZ, tCLZ, tOHZ, tOLZ, tWHZ, tOW)
2795 tbl 07
2795 tbl 09
AC ELECTRICAL CHARACTERISTICS
(VCC = 5V
± 10%, TA = –55°C to +125°C or 0°C to +70°C)
7M1002SxxG
7M1002SxxGB
30
–35
–40
–45
Symbol
Parameter
Min.
Max.
Min.
Max.
Min.
Max.
Min.
Max. Unit
Read Cycle
tRC
Read Cycle Time
30
35
40
45
ns
tAA
Address Access Time
30
35
40
45
ns
tACS
(2)
Chip Select Access Time
30
35
40
45
ns
tOE
Output Enable Access Time
17
20
22
25
ns
tOH
Output Hold from Address Change
3
3
3
3
ns
tLZ
(1)
Output to Low-Z
3
3
3
5
ns
tHZ
(1)
Output to High-Z
15
15
17
20
ns
tPU
(1)
Chip Select to Power Up Time
0
0
0
0
ns
tPD
(1)
Chip Deselect to Power Up Time
50
50
50
50
ns
tSOP
Sem. Flag Update Pulse (
OE or SEM)
15
15
15
15
ns
Write Cycle
tWC
Write Cycle Time
30
35
40
45
ns
tCW
(2)
Chip Select to End-of-Write
25
30
35
40
ns
tAW
Address Valid to End-of-Write
25
30
35
40
ns
tAS
Address Set-Up Time
0
0
0
0
ns
tWP
Write Pulse Width
25
30
35
35
ns
tWR
Write Recovery Time
0
0
0
0
ns


Similar Part No. - IDT7M1002S35GB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7M1001 IDT-IDT7M1001 Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1001S35C IDT-IDT7M1001S35C Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1001S35CB IDT-IDT7M1001S35CB Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1001S40C IDT-IDT7M1001S40C Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1001S40CB IDT-IDT7M1001S40CB Datasheet
171Kb / 11P
   128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
More results

Similar Description - IDT7M1002S35GB

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C026A CYPRESS-CY7C026A_12 Datasheet
318Kb / 21P
   16K x 16 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT709279 IDT-IDT709279_18 Datasheet
222Kb / 17P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709279 IDT-IDT709279 Datasheet
314Kb / 18P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
IDT709279 IDT-IDT709279_15 Datasheet
698Kb / 17P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
709279 RENESAS-709279 Datasheet
339Kb / 18P
   HIGH-SPEED 32/16K x 16 SYNCHRONOUS DUAL-PORT STATIC RAM
FEBRUARY 2018
logo
Integrated Device Techn...
IDT6167SA IDT-IDT6167SA Datasheet
63Kb / 8P
   CMOS STATIC RAM 16K (16K x 1-BIT)
logo
Cypress Semiconductor
CY7C026A CYPRESS-CY7C026A Datasheet
360Kb / 17P
   16K x 16/18 Dual-Port Static RAM
CY7C026A CYPRESS-CY7C026A_05 Datasheet
469Kb / 18P
   16K x 16/18 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7MP4120 IDT-IDT7MP4120 Datasheet
83Kb / 8P
   1M x 32 CMOS STATIC RAM MODULE
IDT7MP4045 IDT-IDT7MP4045 Datasheet
96Kb / 8P
   256K x 32 CMOS STATIC RAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com