Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AD802 Datasheet(PDF) 10 Page - Analog Devices

Part # AD802
Description  Clock Recovery and Data Retiming Phase-Locked Loop
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD802 Datasheet(HTML) 10 Page - Analog Devices

Back Button AD802_15 Datasheet HTML 4Page - Analog Devices AD802_15 Datasheet HTML 5Page - Analog Devices AD802_15 Datasheet HTML 6Page - Analog Devices AD802_15 Datasheet HTML 7Page - Analog Devices AD802_15 Datasheet HTML 8Page - Analog Devices AD802_15 Datasheet HTML 9Page - Analog Devices AD802_15 Datasheet HTML 10Page - Analog Devices AD802_15 Datasheet HTML 11Page - Analog Devices AD802_15 Datasheet HTML 12Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
AD800/AD802
REV. B
–10–
BYPASS
NETWORK
(A, B, C,
OR D)
MICRO
METALS
T50-10
TO
DEVICE
PINS
6, 7, 9
10, 15,
18
PINS
8, 13,
14
AD802-155
PIN
3
IN
0.47
µF
0.47
µF
10 TURNS
10
µF
5V
50
NOISE IN
SENSE
Figure 25. Power Supply Noise Sensitivity Test Circuit, PECL Configuration
1
2
3
4
5
6
7
8
9
10
20
19
18
17
16
15
14
13
12
11
–5.2V
DATAOUT
CLKOUT
VEE
AVEE
ASUBST
FRAC
SUBST
DATAIN
VCC1
AVCC
CF1
CF2
DATAOUT
CLKOUT
FRAC
DATAIN
DATAOUT
CLKOUT
DATAOUT
CLKOUT
1
2
3
4
5
6
7
8
Z2
10H116
Z1
AD800/802
J1
J2
R1
R2
R5 100
R10
C3
R6 100
–5.2V
R9
C4
R12
R11
R7 100
R8 100
R3
R4
J3
J4
–5.2V
C5
100
100
154
154
0.1
0.1
154
154
100
100
0.1
C2
10
C6
0.1
C10
0.1
–5.2V
CD
R14
80.6
R13
80.6
C7
0.1
–5.2V
0.1
R21
274
R22
274
C8 0.1
C9 0.1
R15
130
R16
130
FRAC
–5.2V
16
15
14
13
12
11
10
9
C11
0.1
R20
130
R19
130
J5
J6
R18
80.6
R17
80.6
DATAIN
DATAIN
–5.2V
–5.2V
—5.2V
C12
VCC2
VEE
VEE
VCC1
FRAC
Figure 26. Evaluation Board Schematic, Negative Supply
Table II. Evaluation Board, Negative Supply: Components List
Reference
Designator
Description
Quantity
R1–8
Resistor, 100
Ω, 1%
8
R9–12
Resistor, 154
Ω, 1%
4
R13, 14, 17, 18
Resistor, 80.6
Ω, 1%
4
R15, 16, 19, 20
Resistor, 130
Ω, 1%
4
R21, 22
Resistor, 274
Ω, 1%
2
CD
Capacitor, Loop Damping (See Specifications Page)
1
C2
Capacitor, 10
µF, Tantalum
1
C3–C12
Capacitor, 0.1
µF, Ceramic Chip
10
Z1
AD800/AD802
1
Z2
10H116, ECL Line Receiver
1


Similar Part No. - AD802_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD802-155BR AD-AD802-155BR Datasheet
253Kb / 12P
   Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
AD802-155KR AD-AD802-155KR Datasheet
253Kb / 12P
   Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
More results

Similar Description - AD802_15

ManufacturerPart #DatasheetDescription
logo
Analog Devices
AD800 AD-AD800_15 Datasheet
141Kb / 12P
   Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
AD800 AD-AD800 Datasheet
253Kb / 12P
   Clock Recovery and Data Retiming Phase-Locked Loop
REV. B
AD805 AD-AD805_15 Datasheet
324Kb / 12P
   Data Retiming Phase-Locked Loop
REV. 0
AD805 AD-AD805 Datasheet
318Kb / 12P
   DATA RETIMING PHASE LOCKED LOOP
REV. 0
logo
Pericom Semiconductor C...
PI6C2502 PERICOM-PI6C2502 Datasheet
371Kb / 6P
   Phase-Locked Loop Clock Driver
logo
Arizona Microtek, Inc
AZ12000 AZM-AZ12000 Datasheet
188Kb / 13P
   Phase-Locked Loop Clock Generator
logo
Pericom Semiconductor C...
PI6C2302 PERICOM-PI6C2302 Datasheet
279Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2501A PERICOM-PI6C2501A Datasheet
50Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2502A PERICOM-PI6C2502A Datasheet
276Kb / 4P
   Phase-Locked Loop Clock Driver
PI6C2501 PERICOM-PI6C2501 Datasheet
235Kb / 4P
   Phase-Locked Loop Clock Driver
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com