Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7M1003S40C Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT7M1003S40C
Description  128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7M1003S40C Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT7M1003S40C Datasheet HTML 1Page - Integrated Device Technology IDT7M1003S40C Datasheet HTML 2Page - Integrated Device Technology IDT7M1003S40C Datasheet HTML 3Page - Integrated Device Technology IDT7M1003S40C Datasheet HTML 4Page - Integrated Device Technology IDT7M1003S40C Datasheet HTML 5Page - Integrated Device Technology IDT7M1003S40C Datasheet HTML 6Page - Integrated Device Technology IDT7M1003S40C Datasheet HTML 7Page - Integrated Device Technology IDT7M1003S40C Datasheet HTML 8Page - Integrated Device Technology IDT7M1003S40C Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
7.5
4
IDT7M1001/1003
128K/64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
MILITARY AND COMMERCIAL TEMPERATURE RANGES
DC ELECTRICAL CHARACTERISTICS
(VCC=5.0V
± 10%, TA = –55°C to +125°C and 0°C to +70°C)
IDT7M1001
IDT7M1003
Symbol
Parameter
Test Conditions
Min.
Max.
Min.
Max.
Unit
|ILI|
Input Leakage
VCC = Max.
80
40
µA
(Address, Data & Other Controls)
VIN = GND to VCC
|ILI|
Input Leakage
VCC = Max.
10
10
µA
(
CS and SEM)
VIN = GND to VCC
|ILO|
Output Leakage
VCC = Max.
80
40
µA
(Data)
CS ≥ VIH, VOUT = GND to VCC
VOL
Output Low Voltage
VCC = Min.
IOL = 4mA
0.4
0.4
V
VOH
Output High Voltage
VCC = Min.
IOH = –4mA
2.4
2.4
V
2804 tbl 07
AC TEST CONDITIONS
Input Pulse Levels
GND to 3.0V
Input Rise/Fall Times
5ns
Input Timing Reference Levels
1.5V
Output Reference Levels
1.5V
Output Load
See Figures 1 and 2
2804 tbl 08
*Including scope and jig.
+5 V
30 pF*
DATAOUT
480
255
2804 drw 04
+5 V
5 pF*
DATAOUT
480
255
2804 drw 05
Figure 2. Output Load
(for tCLZ, tCHZ, tOLZ. tOHZ, tWHZ, tOW)
Figure 1. Output Load


Similar Part No. - IDT7M1003S40C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7M1002 IDT-IDT7M1002 Datasheet
166Kb / 12P
   16K x 32 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1002S30G IDT-IDT7M1002S30G Datasheet
166Kb / 12P
   16K x 32 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1002S30GB IDT-IDT7M1002S30GB Datasheet
166Kb / 12P
   16K x 32 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1002S35G IDT-IDT7M1002S35G Datasheet
166Kb / 12P
   16K x 32 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1002S35GB IDT-IDT7M1002S35GB Datasheet
166Kb / 12P
   16K x 32 CMOS DUAL-PORT STATIC RAM MODULE
More results

Similar Description - IDT7M1003S40C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C008 CYPRESS-CY7C008 Datasheet
537Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C008 CYPRESS-CY7C008_05 Datasheet
451Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C09089 CYPRESS-CY7C09089 Datasheet
347Kb / 19P
   64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V_05 Datasheet
451Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V Datasheet
222Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
logo
Winbond
W24100 WINBOND-W24100 Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
W24L01 WINBOND-W24L01 Datasheet
182Kb / 11P
   128K X 8 CMOS STATIC RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
logo
Cypress Semiconductor
CY7C09079V CYPRESS-CY7C09079V_05 Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com