Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT54FCT162646CTE Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT54FCT162646CTE
Description  FAST CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS (3-STATE)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT162646CTE Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT54FCT162646CTE Datasheet HTML 1Page - Integrated Device Technology IDT54FCT162646CTE Datasheet HTML 2Page - Integrated Device Technology IDT54FCT162646CTE Datasheet HTML 3Page - Integrated Device Technology IDT54FCT162646CTE Datasheet HTML 4Page - Integrated Device Technology IDT54FCT162646CTE Datasheet HTML 5Page - Integrated Device Technology IDT54FCT162646CTE Datasheet HTML 6Page - Integrated Device Technology IDT54FCT162646CTE Datasheet HTML 7Page - Integrated Device Technology IDT54FCT162646CTE Datasheet HTML 8Page - Integrated Device Technology IDT54FCT162646CTE Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IDT54/74FCT16646T/AT/CT/ET, 162646T/AT/CT/ET
FAST CMOS 16-BIT BUS TRANSCEIVER/REGISTER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
5.13
7
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
2540 tbl 09
2540 tbl10
NOTES:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design.
4. This limit is guaranteed but not tested.
FCT16646T/162646T
FCT16646AT/162646AT
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
tPHL
Propagation Delay
Bus to Bus
CL = 50pF
RL = 500
2.0
9.0
2.0
11.0
2.0
6.3
2.0
7.7
ns
tPZH
tPZL
Output Enable Time
xDIR or x
OE to Bus
2.0
14.0
2.0
15.0
2.0
9.8
2.0
10.5
ns
tPHZ
tPLZ
Output Disable Time
xDIR or x
OE to Bus
2.0
9.0
2.0
11.0
2.0
6.3
2.0
7.7
ns
tPLH
tPHL
Propagation Delay
Clock to Bus
2.0
9.0
2.0
10.0
2.0
6.3
2.0
7.0
ns
tPLH
tPHL
Propagation Delay
xSBA or xSAB to Bus
2.0
11.0
2.0
12.0
2.0
7.7
2.0
8.4
ns
tSU
Set-up Time HIGH or
LOW Bus to Clock
4.0
4.5
2.0
2.0
ns
tH
Hold Time HIGH or
LOW Bus to Clock
2.0
2.0
1.5
1.5
ns
tW
Clock Pulse Width
HIGH or LOW
6.0
6.0
5.0
5.0
ns
tSK(o)
Output Skew(3)
0.5
0.5
0.5
0.5
ns
FCT16646CT/162646CT
FCT16646ET/162646ET
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
tPHL
Propagation Delay
Bus to Bus
CL = 50pF
RL = 500
1.5
5.4
1.5
6.0
1.5
3.8
ns
tPZH
tPZL
Output Enable Time
xDIR or x
OE to Bus
1.5
7.8
1.5
8.9
1.5
4.8
ns
tPHZ
tPLZ
Output Disable Time
xDIR or x
OE to Bus
1.5
6.3
1.5
7.7
1.5
4.0
ns
tPLH
tPHL
Propagation Delay
Clock to Bus
1.5
5.7
1.5
6.3
1.5
3.8
ns
tPLH
tPHL
Propagation Delay
xSBA or xSAB to Bus
1.5
6.2
1.5
7.0
1.5
4.2
ns
tSU
Set-up Time HIGH or
LOW Bus to Clock
2.0
2.0
2.0
ns
tH
Hold Time HIGH or
LOW Bus to Clock
1.5
1.5
0.0
ns
tW
Clock Pulse Width
HIGH or LOW
5.0
5.0
3.0(4)
———
ns
tSK(o)
Output Skew(3)
0.5
0.5
0.5
ns


Similar Part No. - IDT54FCT162646CTE

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT16260AT IDT-IDT54FCT16260AT Datasheet
132Kb / 8P
   FAST CMOS 12-BIT TRI-PORT BUS EXCHANGER
IDT54FCT16260ATE IDT-IDT54FCT16260ATE Datasheet
132Kb / 8P
   FAST CMOS 12-BIT TRI-PORT BUS EXCHANGER
IDT54FCT16260ATEB IDT-IDT54FCT16260ATEB Datasheet
132Kb / 8P
   FAST CMOS 12-BIT TRI-PORT BUS EXCHANGER
IDT54FCT16260ATPA IDT-IDT54FCT16260ATPA Datasheet
132Kb / 8P
   FAST CMOS 12-BIT TRI-PORT BUS EXCHANGER
IDT54FCT16260ATPAB IDT-IDT54FCT16260ATPAB Datasheet
132Kb / 8P
   FAST CMOS 12-BIT TRI-PORT BUS EXCHANGER
More results

Similar Description - IDT54FCT162646CTE

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT16652T IDT-IDT74FCT16652T Datasheet
180Kb / 9P
   FAST CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
logo
Pericom Semiconductor C...
PI74FCT162374T PERICOM-PI74FCT162374T Datasheet
90Kb / 7P
   Fast CMOS 16-Bit Registers (3-State)
logo
Integrated Device Techn...
IDT74FCT163652 IDT-IDT74FCT163652 Datasheet
166Kb / 9P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74FCT163646 IDT-IDT74FCT163646 Datasheet
154Kb / 9P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74FCT646T IDT-IDT74FCT646T Datasheet
189Kb / 9P
   FAST CMOS OCTAL TRANSCEIVER/ REGISTERS (3-STATE)
logo
NXP Semiconductors
74ABT16245B(1) PHILIPS-74ABT16245B(1)_15 Datasheet
154Kb / 15P
   16-bit bus transceiver; 3-state
Rev. 4-19 August 2014
logo
Nexperia B.V. All right...
74ABT16245B-Q100 NEXPERIA-74ABT16245B-Q100 Datasheet
186Kb / 14P
   16-bit bus transceiver; 3-state
logo
NXP Semiconductors
74ABT16245B PHILIPS-74ABT16245B Datasheet
80Kb / 11P
   16-bit bus transceiver 3-state
1998 Feb 25
logo
Nexperia B.V. All right...
74ABT16245B NEXPERIA-74ABT16245B Datasheet
215Kb / 12P
   16-bit bus transceiver; 3-state
Rev. 6 - 14 July 2021
logo
Texas Instruments
CD74ACT646EN TI1-CD74ACT646EN Datasheet
996Kb / 15P
[Old version datasheet]   OCTAL-BUS TRANSCEIVER/REGISTERS, 3-STATE
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com