Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT7M1003S35C Datasheet(PDF) 11 Page - Integrated Device Technology

Part # IDT7M1003S35C
Description  128K x 8 64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT7M1003S35C Datasheet(HTML) 11 Page - Integrated Device Technology

Back Button IDT7M1003S35C Datasheet HTML 3Page - Integrated Device Technology IDT7M1003S35C Datasheet HTML 4Page - Integrated Device Technology IDT7M1003S35C Datasheet HTML 5Page - Integrated Device Technology IDT7M1003S35C Datasheet HTML 6Page - Integrated Device Technology IDT7M1003S35C Datasheet HTML 7Page - Integrated Device Technology IDT7M1003S35C Datasheet HTML 8Page - Integrated Device Technology IDT7M1003S35C Datasheet HTML 9Page - Integrated Device Technology IDT7M1003S35C Datasheet HTML 10Page - Integrated Device Technology IDT7M1003S35C Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 11 / 11 page
background image
IDT7M1001/1003
128K/64K x 8 CMOS DUAL-PORT STATIC RAM MODULE
MILITARY AND COMMERCIAL TEMPERATURE RANGES
7.5
11
ORDERING INFORMATION
IDT
XXXX
A
999
A
A
Device
Power
Speed
Package
Process/
type
Temperature
range
BLANK Commercial (0
°C to +70°C)
B
Military (-55
°C to +125°C)
Semiconductor components compliant to
MIL-STD-883, Class B
C
Sidebraze DIP (Dual In-line Package)
35
(Commercial Only)
40
Nanoseconds
50
(Military Only)
S
Standard Power
7M1001 128K x 8 Dual-Port Static RAM Module
7M1003 64K x 8 Dual-Port Static RAM Module
2804 drw 15


Similar Part No. - IDT7M1003S35C

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT7M1002 IDT-IDT7M1002 Datasheet
166Kb / 12P
   16K x 32 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1002S30G IDT-IDT7M1002S30G Datasheet
166Kb / 12P
   16K x 32 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1002S30GB IDT-IDT7M1002S30GB Datasheet
166Kb / 12P
   16K x 32 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1002S35G IDT-IDT7M1002S35G Datasheet
166Kb / 12P
   16K x 32 CMOS DUAL-PORT STATIC RAM MODULE
IDT7M1002S35GB IDT-IDT7M1002S35GB Datasheet
166Kb / 12P
   16K x 32 CMOS DUAL-PORT STATIC RAM MODULE
More results

Similar Description - IDT7M1003S35C

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C008 CYPRESS-CY7C008 Datasheet
537Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C008 CYPRESS-CY7C008_05 Datasheet
451Kb / 19P
   64K/128K x 8/9 Dual-Port Static RAM
CY7C09089 CYPRESS-CY7C09089 Datasheet
347Kb / 19P
   64K/128K x 8/9 Synchronous Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V_05 Datasheet
451Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
CY7C008V CYPRESS-CY7C008V Datasheet
222Kb / 18P
   3.3V 64K/128K x 8/9 Dual-Port Static RAM
logo
Winbond
W24100 WINBOND-W24100 Datasheet
172Kb / 11P
   128K X 8 CMOS STATIC RAM
W24L01 WINBOND-W24L01 Datasheet
182Kb / 11P
   128K X 8 CMOS STATIC RAM
logo
Sharp Corporation
LH5164A SHARP-LH5164A Datasheet
105Kb / 11P
   CMOS 64K (8K x 8) Static RAM
LH5164AV SHARP-LH5164AV Datasheet
84Kb / 11P
   CMOS 64K (8K x 8) Static RAM
logo
Cypress Semiconductor
CY7C09079V CYPRESS-CY7C09079V_05 Datasheet
535Kb / 18P
   3.3V 32K/64K/128K x 8/9 Synchronous Dual-Port Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com