Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT71256S150YB Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT71256S150YB
Description  CMOS STATIC RAM 256K (32K x 8-BIT)
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT71256S150YB Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT71256S150YB Datasheet HTML 1Page - Integrated Device Technology IDT71256S150YB Datasheet HTML 2Page - Integrated Device Technology IDT71256S150YB Datasheet HTML 3Page - Integrated Device Technology IDT71256S150YB Datasheet HTML 4Page - Integrated Device Technology IDT71256S150YB Datasheet HTML 5Page - Integrated Device Technology IDT71256S150YB Datasheet HTML 6Page - Integrated Device Technology IDT71256S150YB Datasheet HTML 7Page - Integrated Device Technology IDT71256S150YB Datasheet HTML 8Page - Integrated Device Technology IDT71256S150YB Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 9 page
background image
7.2
5
IDT71256S/L
CMOS STATIC RAM 256K (32K x 8-BIT)
MILITARY AND COMMERCIAL TEMPERATURE RANGES
LOW VCC DATA RETENTION WAVEFORM
2946 drw 06
DATA
RETENTION
MODE
4.5V
4.5V
VDR
≥2V
VIH
VIH
tR
tCDR
VCC
CS
VDR
AC ELECTRICAL CHARACTERISTICS (VCC = 5.0V
± 10%, All Temperature Ranges)
71256S25
71256S30
(3)
71256S35
71256S45
71256L20
(1)
71256L25
71256L30
(3)
71256L35
71256L45
Symbol
Parameter
Min.
Max.
Min. Max.
Min.
Max.
Min.
Max.
Min. Max. Unit
Read Cycle
tRC
Read Cycle Time
20
25
30
35
45
ns
tAA
Address Access Time
20
25
30
35
45
ns
tACS
Chip Select Access Time
20
25
30
35
45
ns
tCLZ
(2)
Chip Select to Output in Low-Z
5
5
5
5
5
ns
tCHZ
(2)
Chip Deselect to Output in High-Z
10
11
15
15
20
ns
tOE
Output Enable to Output Valid
10
11
13
15
20
ns
tOLZ
(2)
Output Enable to Output in Low-Z
2
2
2
2
0
ns
tOHZ
(2)
Output Disable to Output in High-Z
2
8
2
10
2
12
2
15
20
ns
tOH
Output Hold from Address Change
5
5
5
5
5
ns
Write Cycle
tWC
Write Cycle Time
20
25
30
35
45
ns
tCW
Chip Select to End-of-Write
15
20
25
30
40
ns
tAW
Address Valid to End-of-Write
15
20
25
30
40
ns
tAS
Address Set-up Time
0
0
0
0
0
ns
tWP
Write Pulse Width
15
20
25
30
35
ns
tWR
Write Recovery Time
0
0
0
0
0
ns
tDW
Data to Write Time Overlap
11
13
—14
15
20
ns
tWHZ
(2)
Write Enable to Output in High-Z
10
11
15
15
20
ns
tDH
Data Hold from Write Time
0
0
0
0
0
ns
tOW
(2)
Output Active from End-of-Write
5
5
5
5
5
ns
NOTES:
2946 tbl 11
1. 0
° to +70°C temperature range only.
2. This parameter guaranteed by device characterization, but is not production tested.
3. –55
° to +125°C temperature range only.


Similar Part No. - IDT71256S150YB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
IDT71256S ETC2-IDT71256S Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
Integrated Device Techn...
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
IDT71256SA IDT-IDT71256SA Datasheet
260Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit) Low power consumption via chip deselect
IDT71256SA IDT-IDT71256SA Datasheet
69Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256SA12PZ IDT-IDT71256SA12PZ Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
More results

Similar Description - IDT71256S150YB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
5962-8855206XA IDT-5962-8855206XA Datasheet
289Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256SA IDT-IDT71256SA_14 Datasheet
69Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
Renesas Technology Corp
71256SA RENESAS-71256SA Datasheet
191Kb / 9P
   CMOS Static RAM 256K (32K x 8-Bit)
Jun.29.20
logo
Integrated Device Techn...
IDT71256SA70 IDT-IDT71256SA70 Datasheet
62Kb / 6P
   CMOS STATIC RAM 256K (32K x 8-BIT)
IDT71256SA20PZI IDT-IDT71256SA20PZI Datasheet
260Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
71256SA20TPG IDT-71256SA20TPG Datasheet
260Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256S IDT-IDT71256S_14 Datasheet
84Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
LH51256 ETC1-LH51256 Datasheet
435Kb / 7P
   CMOS 256K (32K X 8) STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com