Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAX3222CPN Datasheet(PDF) 10 Page - Tiger Electronic Co.,Ltd

Part # MAX3222CPN
Description  3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1關F External Capacitors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TGS [Tiger Electronic Co.,Ltd]
Direct Link  http://www.tgselec.com
Logo TGS - Tiger Electronic Co.,Ltd

MAX3222CPN Datasheet(HTML) 10 Page - Tiger Electronic Co.,Ltd

Back Button MAX3222CPN Datasheet HTML 6Page - Tiger Electronic Co.,Ltd MAX3222CPN Datasheet HTML 7Page - Tiger Electronic Co.,Ltd MAX3222CPN Datasheet HTML 8Page - Tiger Electronic Co.,Ltd MAX3222CPN Datasheet HTML 9Page - Tiger Electronic Co.,Ltd MAX3222CPN Datasheet HTML 10Page - Tiger Electronic Co.,Ltd MAX3222CPN Datasheet HTML 11Page - Tiger Electronic Co.,Ltd MAX3222CPN Datasheet HTML 12Page - Tiger Electronic Co.,Ltd MAX3222CPN Datasheet HTML 13Page - Tiger Electronic Co.,Ltd MAX3222CPN Datasheet HTML 14Page - Tiger Electronic Co.,Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
6
5
4
3
VCC = 3.0V
2
1
T1
0
-1
T2
-2
VOUT+
VOUT+
-3
VCC
T3
-4
-5
-6
VOUT-
VOUT-
0
1
2
3
4
5
6
7
LOAD CURRENT PER TRANSMITTER (mA)
Figure 4a. MAX3241 Transmitter Output Voltage vs. Load Current per Transmitter
VCC = 3V
to 5.5V
0.1 F
26
C1
C2
VCC
28
C1+
24
C1-
1
C2+
2
C2-
14
T1IN
13
T2IN
12
T3IN
21
R1OUTB
20
R2OUTB
19
R1OUT
VCC
MAX3241
27
V+
C3
3
V-
C4
T1OUT
9
T2OUT
10
T3OUT
11
R1IN
4
COMPUTER SERIAL PORT
+V
+V
-V
GND
Tx
18
R2OUT
5k
R2IN
5
17
R3OUT
5k
R3IN
6
16
R4OUT
15
R5OUT
5k
R4IN
7
5k
R5IN
8
MOUSE
23
EN
GND
25
5k
SHDN
22
Figure 4b. Mouse Driver Test Circuit


Similar Part No. - MAX3222CPN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3222CPN MAXIM-MAX3222CPN Datasheet
268Kb / 16P
   3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1uF External Capacitors
Rev 5; 3/99
MAX3222CPN MAXIM-MAX3222CPN Datasheet
464Kb / 17P
   3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1μF External Capacitors
Rev 7; 1/07
logo
ARTSCHIP ELECTRONICS CO...
MAX3222CPN ARTSCHIP-MAX3222CPN Datasheet
1Mb / 15P
   Transceivers Transmitter
logo
Maxim Integrated Produc...
MAX3222CPN++ MAXIM-MAX3222CPN+ Datasheet
1Mb / 17P
   3.0V to 5.5V, Low-Power, Up to 1Mbps, True RS-232 Transceivers
19-0273; Rev 10; 5/19
More results

Similar Description - MAX3222CPN

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
MAX3222 MAXIM-MAX3222_14 Datasheet
464Kb / 17P
   3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1μF External Capacitors
Rev 7; 1/07
MAX3222 MAXIM-MAX3222 Datasheet
268Kb / 16P
   3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1uF External Capacitors
Rev 5; 3/99
MAX3232CUE-T MAXIM-MAX3232CUE-T Datasheet
1Mb / 17P
   3.0V to 5.5V, Low-Power, up to 1Mbps, True RS-232 Transceivers Using Four 0.1μF External Capacitors
Rev 7; 1/07
MAX3222 MAXIM-MAX3222_V01 Datasheet
1Mb / 17P
   3.0V to 5.5V, Low-Power, Up to 1Mbps, True RS-232 Transceivers
19-0273; Rev 10; 5/19
logo
Sipex Corporation
SP3222 SIPEX-SP3222 Datasheet
131Kb / 20P
   True 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3222EEY-L-TR EXAR-SP3222EEY-L-TR Datasheet
1Mb / 23P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EUEY-L-TR EXAR-SP3232EUEY-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
logo
Guangdong Youtai Semico...
ADM3222A UMW-ADM3222A Datasheet
592Kb / 16P
   True 3.0V to 5.5V RS-232 Transceivers
logo
Exar Corporation
SP3222EEA-L-TR EXAR-SP3222EEA-L-TR Datasheet
1Mb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
SP3232EBCY-L-TR EXAR-SP3232EBCY-L-TR Datasheet
644Kb / 24P
   True 3.0V to 5.5V RS-232 Transceivers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com