Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VNQ6040S-E Datasheet(PDF) 9 Page - STMicroelectronics

Part # VNQ6040S-E
Description  for car body applications
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNQ6040S-E Datasheet(HTML) 9 Page - STMicroelectronics

Back Button VNQ6040S-E Datasheet HTML 5Page - STMicroelectronics VNQ6040S-E Datasheet HTML 6Page - STMicroelectronics VNQ6040S-E Datasheet HTML 7Page - STMicroelectronics VNQ6040S-E Datasheet HTML 8Page - STMicroelectronics VNQ6040S-E Datasheet HTML 9Page - STMicroelectronics VNQ6040S-E Datasheet HTML 10Page - STMicroelectronics VNQ6040S-E Datasheet HTML 11Page - STMicroelectronics VNQ6040S-E Datasheet HTML 12Page - STMicroelectronics VNQ6040S-E Datasheet HTML 13Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 22 page
background image
8
HIGH-SIDE SWITCHES WITH SPI AND ASYMMETRICAL OUTPUT
Part number
Package
Technology
Supply voltage (V
CC)
Absolute
max supply
voltage (V)
Max on-state
resistance R
DS(on)
max (mΩ)
Drain current
limit (I
lim) typ
(A)
Current sense
SPI
Description
min (V)
max (V)
VNQ6040S-E
PowerSSO‑36
M0‑6
4.5
28
40
4x40
25
Rear corner lights
VNQ6004SA-E
PowerSSO‑36
M0‑6
4.5
28
40
2x10
50
Front corner lights
2x30
25
HIGH-SIDE SWITCHES FOR 24 V APPLICATIONS – TRUCK DEVICES
Part number
Package
Technology
Supply voltage (V
CC)
min (V)
Supply voltage (V
DD)
max (V)
Absolute max supply
voltage (V)
Max on-state
resistance R
DS(on) max
(mΩ)
Drain current limit
(I
lim) typ (A)
Current sense
VND5T100A-E (*)
SO‑16N
M0‑5T
8
36
58
100
22
VND5T100AJ-E
PowerSSO‑12
M0‑5T
8
36
58
100
22
VND5T100LAJ-E
PowerSSO‑12
M0‑5T
8
36
58
100
22
Optimized for LED
applications
VND5T050AK-E
PowerSSO‑24
M0‑5T
8
36
58
50
34
VND5T035AK-E
PowerSSO‑24
M0‑5T
8
36
58
35
42
VND5T035LAK-E
PowerSSO‑24
M0‑5T
8
36
58
35
42
Optimized for LED
applications
VN5T016AH-E
HPAK
M0‑5T
8
36
58
16
67
VND5T016ASP-E
PowerSO‑16
M0‑5T
8
36
58
16
60
VN5T006ASP-E
PowerSO‑10
M0‑5T
8
36
58
6
84
(*) In development. Available in Q4/2013


Similar Part No. - VNQ6040S-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNQ600 STMICROELECTRONICS-VNQ600 Datasheet
339Kb / 18P
   QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
VNQ60013TR STMICROELECTRONICS-VNQ60013TR Datasheet
339Kb / 18P
   QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
VNQ600A STMICROELECTRONICS-VNQ600A Datasheet
339Kb / 18P
   QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
VNQ600A STMICROELECTRONICS-VNQ600A Datasheet
339Kb / 18P
   QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
VNQ600A-1 STMICROELECTRONICS-VNQ600A-1 Datasheet
339Kb / 18P
   QUAD CHANNEL HIGH SIDE SOLID STATE RELAY
More results

Similar Description - VNQ6040S-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST26025A STMICROELECTRONICS-ST26025A Datasheet
1Mb / 18P
   Smart power solutions for car body applications
VN1160-1-E STMICROELECTRONICS-VN1160-1-E Datasheet
1Mb / 18P
   Smart power solutions for car body applications
VN1160C-1-E STMICROELECTRONICS-VN1160C-1-E Datasheet
1Mb / 22P
   Smart power solutions for car body applications
VN1160TR-E STMICROELECTRONICS-VN1160TR-E Datasheet
1Mb / 18P
   Smart power solutions for car body applications
TDA7410ND STMICROELECTRONICS-TDA7410ND Datasheet
416Kb / 34P
   Signal processor for car radio applications
TDA7518 STMICROELECTRONICS-TDA7518 Datasheet
124Kb / 8P
   MULTICHIP MODULE FOR CAR-RADIO APPLICATIONS
TDA7519 STMICROELECTRONICS-TDA7519 Datasheet
94Kb / 7P
   MULTICHIP MODULE FOR CAR-RADIO APPLICATIONS
L4952D STMICROELECTRONICS-L4952D Datasheet
167Kb / 8P
   VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
L4952 STMICROELECTRONICS-L4952 Datasheet
84Kb / 8P
   VOLTAGE REGULATOR FOR CAR RADIO APPLICATIONS
TDA7511 STMICROELECTRONICS-TDA7511 Datasheet
792Kb / 41P
   AM/FM TUNER FOR CAR RADIO AND HIFI APPLICATIONS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com