Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT273CTSOB Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT74FCT273CTSOB
Description  FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT273CTSOB Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT74FCT273CTSOB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT273CTSOB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT273CTSOB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT273CTSOB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT273CTSOB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT273CTSOB Datasheet HTML 6Page - Integrated Device Technology IDT74FCT273CTSOB Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IDT54/74FCT273T/AT/CT FAST CMOS
OCTAL D FLIP-FLOP WITH MASTER RESET
MILITARY AND COMMERCIAL TEMPERATURE RANGES
6.10
5
IDT54/74FCT273T
IDT54/74FCT273AT
IDT54/74FCT273CT
Com'l.
Mil.
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition(1)
Min.
(2)
Max. Min.
(2)
Max. Min.
(2)
Max. Min.
(2)
Max. Min.
(2)
Max. Min.
(2)
Max.
Unit
tPLH
tPHL
Propagation Delay
CP to ON
CL = 50pF
RL = 500
2.0
13.0
2.0
15.0
2.0
7.2
2.0
8.3
2.0
5.8
2.0
6.5
ns
tPHL
Propagation Delay
MR to ON
2.0
13.0
2.0
15.0
2.0
7.2
2.0
8.3
2.0
6.1
2.0
6.8
ns
tSU
Set-up Time HIGH or LOW
DN to CP
3.0
3.5
2.0
2.0
2.0
2.0
ns
tH
Hold Time HIGH or LOW DN
to CP
2.0
2.0
1.5
1.5
1.5
1.5
ns
tW
CP Pulse Width HIGH or
LOW
7.0
7.0
6.0
6.0
6.0
6.0
ns
tW
MR Pulse Width LOW
7.0
7.0
6.0
6.0
6.0
6.0
ns
tREM
Recovery Time
MR
to CP
4.0
5.0
2.0
2.5
2.0
2.5
ns
NOTES:
2568 tbl 07
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
SWITCHING CHARACTERISTICS OVER OPERATING RANGE


Similar Part No. - IDT74FCT273CTSOB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT273C IDT-IDT74FCT273C Datasheet
60Kb / 7P
   FAST CMOS OCTAL FLIP-FLOP WITH MASTER RESET
IDT74FCT273CD IDT-IDT74FCT273CD Datasheet
60Kb / 7P
   FAST CMOS OCTAL FLIP-FLOP WITH MASTER RESET
IDT74FCT273CDB IDT-IDT74FCT273CDB Datasheet
60Kb / 7P
   FAST CMOS OCTAL FLIP-FLOP WITH MASTER RESET
IDT74FCT273CE IDT-IDT74FCT273CE Datasheet
60Kb / 7P
   FAST CMOS OCTAL FLIP-FLOP WITH MASTER RESET
IDT74FCT273CEB IDT-IDT74FCT273CEB Datasheet
60Kb / 7P
   FAST CMOS OCTAL FLIP-FLOP WITH MASTER RESET
More results

Similar Description - IDT74FCT273CTSOB

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
P174FCT2273T PERICOM-P174FCT2273T Datasheet
49Kb / 4P
   Fast CMOS Octal D Flip-Flop with Master Reset
logo
Integrated Device Techn...
7028L20PFI IDT-7028L20PFI Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
logo
Pericom Semiconductor C...
PI74FCT273T PERICOM-PI74FCT273T Datasheet
148Kb / 6P
   Fast CMOS Octal D Flip-Flop with Master Reset
logo
Integrated Device Techn...
74ALVCH245PG IDT-74ALVCH245PG Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74FCT244P IDT-74FCT244P Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
74FCT521CTQG IDT-74FCT521CTQG Datasheet
81Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH MASTER RESET
IDT74FCT273 IDT-IDT74FCT273 Datasheet
60Kb / 7P
   FAST CMOS OCTAL FLIP-FLOP WITH MASTER RESET
logo
AVG Semiconductors(HITE...
DV74ACT174 AVG-DV74ACT174 Datasheet
310Kb / 4P
   Hex D Flip-flop with Master Reset
DV74ACT175 AVG-DV74ACT175 Datasheet
319Kb / 4P
   Quad D Flip-flop with Master Reset
logo
National Semiconductor ...
54F174DM NSC-54F174DM Datasheet
166Kb / 8P
   Hex D Flip-Flop with Master Reset
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com