Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CSMS0410D6R8M Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CSMS0410D6R8M
Description  SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CSMS0410D6R8M Datasheet(HTML) 1 Page - Frontier Electronics.

  CSMS0410D6R8M Datasheet HTML 1Page - Frontier Electronics. CSMS0410D6R8M Datasheet HTML 2Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
CSMS0410D Series
SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
Rev. A
A. Electrical Specifications:
P/N
Marking
Inductance
@100KHz
(μH)
Inductance
Tolerance
DCR
±20%
(Ω)
Rated Current (mA)
SRF Min.
(MHz)
I sat
I rms
CSMS0410D-1R0N
A
1.0
± 30%
0.056
2000
1900
116
CSMS0410D-2R2M
C
2.2
± 20%
0.085
1200
1500
73
CSMS0410D-3R3M
E
3.3
± 20%
0.100
1100
1400
58
CSMS0410D-4R7M
H
4.7
± 20%
0.140
950
1200
47
CSMS0410D-6R8M
I
6.8
± 20%
0.200
800
1000
38
CSMS0410D-100M
K
10
± 20%
0.300
620
750
31
CSMS0410D-150M
M
15
± 20%
0.430
540
600
24
CSMS0410D-220M
N
22
± 20%
0.570
450
500
19
B. Dimensions: mm (Inch)
Series
a
b
c
d
e
f
g
h
CSMS0410D
4.0
(0.157)
4.0
(0.157)
1.0
(0.039)
1.1
(0.043)
2.5
(0.098)
2.8
(0.110)
1.2
(0.047)
3.7
(0.146)
Tol.
±0.2
(0.008)
±0.2
(0.008)
Max.
±0.2
(0.008)
±0.2
(0.008)
Typ.
Typ.
Typ.
C. General Information:
1.
CSMS0410D-xxx_, “CSMS0410D” = P/N, “xxx” = Inductance, “_” = Tolerance.
2.
Tolerance “_”: M: ± 20%, N: ± 30%
3.
Magnetically shielded
4.
High saturation current
5.
Storage temperature: -40ºC to +85ºC.
6.
Operating temperature range: -25ºC to +125ºC (Including self-heating).
7.
Inductance measured using the HP4285A and Chroma1320 & 3302.
8.
DCR measured using Chroma 16502.
9.
SRF measured using the HP4291B.
10. Saturation Current Idc1: The value of current causes a 30% Inductance reduction from initial value. ( at : 20 ºC ambient)
11. Temperature rise current Idc2: The value of current causes a 40ºC temperature rise. ( at : 20 ºC ambient)
12. Rated Current: Either Idc1 or Idc2 whichever is smaller.
13. MSL: Level 1.
14. Inductance and Current range: From 1.0 µH (1900mA) to 22.0 µH (500mA).
D. Applications:
1.
Game Consoles
2.
Set Top Boxes
3.
Cables Modems
4.
Computers
5.
Mobile Communication Devices (Cell Phones, Radios, etc.)
6.
PDA, LCD, DVD, BRP, HD.
Frontier Electronics Corp.
®
Page 1 of 2
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - CSMS0410D6R8M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSMS0410D-100M FRONTIER-CSMS0410D-100M Datasheet
167Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSMS0410D-150M FRONTIER-CSMS0410D-150M Datasheet
167Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSMS0410D-1R0N FRONTIER-CSMS0410D-1R0N Datasheet
167Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSMS0410D-220M FRONTIER-CSMS0410D-220M Datasheet
167Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
CSMS0410D-2R2M FRONTIER-CSMS0410D-2R2M Datasheet
167Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS
More results

Similar Description - CSMS0410D6R8M

ManufacturerPart #DatasheetDescription
logo
Frontier Electronics.
CSS0211P FRONTIER-CSS0211P_15 Datasheet
174Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0214P FRONTIER-CSS0214P_15 Datasheet
178Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0218P FRONTIER-CSS0218P_15 Datasheet
173Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0628P FRONTIER-CSS0628P_15 Datasheet
190Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS105D FRONTIER-CSS105D_15 Datasheet
194Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS0518P-4R1L FRONTIER-CSS0518P-4R1L Datasheet
225Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS1050G-R80L FRONTIER-CSS1050G-R80L Datasheet
282Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSMS0612D FRONTIER-CSMS0612D Datasheet
183Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSS124P FRONTIER-CSS124P_15 Datasheet
236Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSMS0412D FRONTIER-CSMS0412D Datasheet
169Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
CSMS0628D FRONTIER-CSMS0628D Datasheet
188Kb / 2P
   SMD WIRE WOUND POWER INDUCTORS (SHIELDED)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com