Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CMF03G900 Datasheet(PDF) 1 Page - Frontier Electronics.

Part # CMF03G900
Description  THIN FILM COMMON MODE FILTERS
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FRONTIER [Frontier Electronics.]
Direct Link  http://www.frontierusa.com
Logo FRONTIER - Frontier Electronics.

CMF03G900 Datasheet(HTML) 1 Page - Frontier Electronics.

  CMF03G900 Datasheet HTML 1Page - Frontier Electronics. CMF03G900 Datasheet HTML 2Page - Frontier Electronics. CMF03G900 Datasheet HTML 3Page - Frontier Electronics. CMF03G900 Datasheet HTML 4Page - Frontier Electronics. CMF03G900 Datasheet HTML 5Page - Frontier Electronics. CMF03G900 Datasheet HTML 6Page - Frontier Electronics.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
CMF Series –THIN FILM COMMON MODE FILTERS
Rev. A
A. Electrical Specifications:
Part No.
Impedance
(
Ω)
Tolerance
Test
Condition
(MHz)
DCR (
Ω)
[1 line]
I DC (mA)
Max.
Rated Voltage
Edc (V) Max.
Cutoff
Frequency
(GHz) typ.
Insulation
Resistance
(m
Ω) Min.
CMF03G_900
90
M
100
2.8 ± 30%
100
10
4.0
10
CMF03U_350
35
M, K
100
1.8 ± 30%
100
10
8.0
10
CMF03H_650
65
M, K
100
2.5 ± 30%
100
10
5.0
10
CMF04H_900
90
M, K
100
2.8 ± 25%
100
10
5.0
10
B. Dimensions: mm (Inch)
Series
Size
A
B
C
D
E
F
G
H
I
Packaging
CMF03G/
CMF03U/
CMF03H
03025
0.88
(0.035)
0.68
(0.027)
0.5
(0.020)
0.15
(0.006)
0.5
(0.020)
0.2
(0.008)
0.27
(0.011)
0.82
(0.032)
0.62
(0.024)
10,000EA
Tol.
±0.05
(0.002)
±0.05
(0.002)
±0.05
(0.002)
Typ.
±0.1
(0.004)
±0.05
(0.002)
±0.1
(0.004)
Typ.
Typ.
CMF04H
0504
1.25
(0.049)
1.00
(0.039)
0.5
(0.020)
0.15
(0.006)
0.55
(0.022)
0.30
(0.012)
0.25
(0.010)
1.19
(0.047)
0.94
(0.037)
4,000EA
Tol.
±0.15
(0.006)
±0.15
(0.006)
±0.15
(0.006)
Typ.
±0.10
(0.004)
±0.1
(0.004)
±0.15
(0.006)
Typ.
Typ.
CMF03G/CMF03U/CMF03H
CMF04H
C. Recommended Land Pattern: mm(Inch)
Type
A
B
C
D
CMF03G/
CMF03U/CMF03H
0.9
(0.035)
0.5
(0.020)
0.3
(0.012)
0.3
(0.012)
CMF04H
1.8
(0.071)
0.55
(0.022)
0.6
(0.024)
0.3
(0.012)
Frontier Electronics Corp.
®
Page 1 of 6
667 E. Cochran St., Simi Valley, CA 93065
http://www.frontierusa.com
Phone: 1-805-522-9998, Fax: 1-805-522-9989


Similar Part No. - CMF03G900

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
CMF03 TOSHIBA-CMF03 Datasheet
168Kb / 4P
   Switching Mode Power Supply Applications
logo
Shenzhen Taychipst Elec...
CMF03 TAYCHIPST-CMF03 Datasheet
1Mb / 2P
   Switching Mode Power Supply Applications
More results

Similar Description - CMF03G900

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ACMF-03 ABRACON-ACMF-03 Datasheet
1Mb / 3P
   Thin Film Common Mode Filter
08.15.13
ACMF-04 ABRACON-ACMF-04 Datasheet
2Mb / 3P
   Thin Film Common Mode Filter
05.14.13
logo
TDK Electronics
TFSB10055375-1103A1 TDK-TFSB10055375-1103A1 Datasheet
54Kb / 3P
   Thin-Film Band Pass Filters
logo
Kyocera Kinseki Corpota...
HP0805 KSS-HP0805 Datasheet
550Kb / 6P
   Thin-Film RF/Microwave Filters
Rev 1
HP2816 KSS-HP2816 Datasheet
385Kb / 3P
   Thin-Film RF/Microwave Filters
Rev 1
logo
TDK Electronics
ACM2012H-900-2P-T00 TDK-ACM2012H-900-2P-T00 Datasheet
119Kb / 10P
   Common Mode Filters
ACM3225-102-2P TDK-ACM3225-102-2P Datasheet
184Kb / 9P
   Common Mode Filters
logo
SAMWHA ELECTRIC
CMV2012 SAMWHA-CMV2012 Datasheet
130Kb / 1P
   COMMON MODE FILTERS
logo
TDK Electronics
MCZ1210DH TDK-MCZ1210DH Datasheet
193Kb / 4P
   Common mode filters
MCZ1210CH TDK-MCZ1210CH Datasheet
171Kb / 4P
   Common mode filters
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com