Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT77905D Datasheet(PDF) 1 Page - Integrated Device Technology

Part # IDT77905D
Description  NICStAR??Reference Design 155Mbps Network Interface Card (NIC)
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT77905D Datasheet(HTML) 1 Page - Integrated Device Technology

  IDT77905D Datasheet HTML 1Page - Integrated Device Technology IDT77905D Datasheet HTML 2Page - Integrated Device Technology IDT77905D Datasheet HTML 3Page - Integrated Device Technology IDT77905D Datasheet HTML 4Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
Integrated Device Technology, Inc.
®
COMMERCIAL TEMPERATURE RANGE
JANUARY 1997
©1996 Integrated Device Technology, Inc.
8.14
1
NICStAR™ Reference Design
155Mbps Network Interface
Card (NIC)
ADVANCE INFORMATION
IDT77904C/D
IDT77905C/D
FUNCTIONAL BLOCK DIAGRAM
IDT
77201
SAR
E
2
PROM
32K
x8
SRAM
32K
x8
SRAM
32K
x8
SRAM
32K
x8
SRAM
50MHz
Osc
77904/5C only
IDT
77155
PHY
ODL (77904C/D)
or
RJ45 +
Magnetics
(77905C/D)
19MHz
Osc
IDT74FCT
3384Q
PAL
FEATURES:
• Complete 155Mbps PCI-bus ATM Network Interface
Card
• Supports 33MHz, 32-bit PCI bus
• 155Mbps Multimode fiber optical interface (77904)
• 155Mbps UTP-5 PHY interface (77905)
• Complete reference design including schematics, bill of
materials, and data bases needed for production.
• Capable of supporting up to 16K receive connections
• Supports tens of thousands of transmit connections
•E2 PROM layout for Sub-vendor ID
• Small Form Factor: 2.5 x 6 inches
• "SARWIN" software evaluation program available for
Windows 3.1™
• Third Party Software available:
- Telogy Networks
Windows NT™ Drivers and other Windows Drivers
21 Firstfield Road, Gaithersburg, Maryland 20878
(301) 527-2788 (phone) (301) 417-0324 (FAX)
hluterman@telogy.com
- Harris & Jefferies
Novel Netware™ Drivers
888 Washington Street, Dedham,
Massachusetts, 02026
(617) 329-3200 (phone) (617) 329-4148 (FAX)
chrisb@hjinc,com
- Advancenet Systems Inc.
Windows NT™ and Windows 95™ Drivers
406 Timbermill Rd., Durham, North Carolina 27713
(919) 544-5601 (phone) (919) 544-4601 (FAX)
j.harford@ieee.org or
75141,2635@compuserve.com
DESCRIPTION:
The IDT77904 and IDT77905 are designed to provide
stable reference platforms for evaluation, design, and produc-
tion of a 155Mbps NIC. The IDT77904 provides a fiber media
physical (PHY) interface; the 77905 supports Unshielded
Twisted Pair, Category 5 (UTP-5) cabling. Otherwise identi-
cal, they both feature complete PCI-bus ATM NIC functional-
ity, plugging directly into PCI bus expansion slots.
COMPATIBILITY AND CONFIGURATION
The board is designed for use in PCI systems, which may
include PC compatibles, MIPS, Alpha, Windows NT systems,
future PowerPC Macintosh systems, and so on. It supports
the 32 bit, 33 MHz, 5V part of the PCI spec, although this also
permits operation in a 64-bit, 33 MHz, 5V PCI slot.
OVERVIEW
The heart of the board is the IDT 77201 NICStAR™, which
is an ATM Segmentation And Reassembly (SAR) controller.
The NICStAR™ connects directly to the PCI bus, a private


Similar Part No. - IDT77905D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77901C IDT-IDT77901C Datasheet
76Kb / 5P
   NICStAR Evaluation Board for IDT77201 PCI Segmentation and Reassembly Controller
IDT77901D IDT-IDT77901D Datasheet
76Kb / 5P
   NICStAR Evaluation Board for IDT77201 PCI Segmentation and Reassembly Controller
More results

Similar Description - IDT77905D

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT77914 IDT-IDT77914 Datasheet
26Kb / 4P
   NICStAR??Reference Design 155Mbps Network Interface Card NIC
IDT77916 IDT-IDT77916 Datasheet
20Kb / 2P
   NICStAR Reference Design 25Mbps ATM Network Interface Card NIC with PCI interface and UTP3
logo
Texas Instruments
DP8390D TI1-DP8390D Datasheet
943Kb / 58P
[Old version datasheet]   NIC Network Interface Controller
logo
National Semiconductor ...
DP8390D NSC-DP8390D Datasheet
689Kb / 56P
   NIC Network Interface Controller
logo
Zoran Corporation
SUPRAHD-640 ZORAN-SUPRAHD-640 Datasheet
116Kb / 2P
   Reference Design
logo
International Rectifier
IRISMPS1 IRF-IRISMPS1 Datasheet
187Kb / 12P
   REFERENCE DESIGN
logo
Powerex Power Semicondu...
BP7B-LS POWEREX-BP7B-LS Datasheet
206Kb / 6P
   BP7B ??L-Series IPM Interface Circuit Reference Design
logo
Microchip Technology
MCP1603 MICROCHIP-MCP1603_08 Datasheet
279Kb / 18P
   Tiny Reference Design
01/02/08
logo
Taoglas antenna solutio...
DTAD.01.A.50 TAOGLAS-DTAD.01.A.50 Datasheet
2Mb / 24P
   Complete Reference Design
logo
Zoran Corporation
SUPRAHD-680 ZORAN-SUPRAHD-680 Datasheet
95Kb / 2P
   DTV Reference Design
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com