Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT72240L50TPB Datasheet(PDF) 10 Page - Integrated Device Technology

Part # IDT72240L50TPB
Description  CMOS SyncFIFOO 64 x 8, 256 x 8, 512 x 8, 1024 x 8, 2048 x 8 and 4096 x 8
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT72240L50TPB Datasheet(HTML) 10 Page - Integrated Device Technology

Back Button IDT72240L50TPB Datasheet HTML 6Page - Integrated Device Technology IDT72240L50TPB Datasheet HTML 7Page - Integrated Device Technology IDT72240L50TPB Datasheet HTML 8Page - Integrated Device Technology IDT72240L50TPB Datasheet HTML 9Page - Integrated Device Technology IDT72240L50TPB Datasheet HTML 10Page - Integrated Device Technology IDT72240L50TPB Datasheet HTML 11Page - Integrated Device Technology IDT72240L50TPB Datasheet HTML 12Page - Integrated Device Technology IDT72240L50TPB Datasheet HTML 13Page - Integrated Device Technology IDT72240L50TPB Datasheet HTML 14Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
5.12
10
IDT72420/72200/72210/72220/72230/72240 CMOS SyncFIFO
64 X 8, 256 X 8, 512 X 8, 1024 X 8, 2048 X 8 and 4096 X 8
MILITARY AND COMMERCIAL TEMPERATURE RANGES
NOTE:
1. When tSKEW1
≥ minimum specification, tFRL maximum = tCLK + tSKEW1
When tSKEW1 < minimum specification, tFRL maximum = 2tCLK + tSKEW1 or tCLK + tSKEW1
The Latency Timing apply only at the Empty Boundry (
EF = LOW).
Figure 5. First Data Word Latency Timing
WCLK
D0 - D7
WEN
RCLK
EF
Q0 - Q7
REN
tDS
tSKEW1
tFRL
tENS
tREF
tA
D0
D1
D2
D3
D0
D1
(first valid write)
tOE
tOLZ
OE
tA
(1)
2680 drw 07


Similar Part No. - IDT72240L50TPB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT72240L10TPG IDT-IDT72240L10TPG Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72240L15TPG IDT-IDT72240L15TPG Datasheet
97Kb / 11P
   CMOS SyncFIFO
IDT72240L25TPG IDT-IDT72240L25TPG Datasheet
97Kb / 11P
   CMOS SyncFIFO
More results

Similar Description - IDT72240L50TPB

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM2716B ETC1-AM2716B Datasheet
711Kb / 14P
   2048 X 8 - BIT / 4096 X 8 - BIT EPROM
logo
Integrated Device Techn...
IDT72421 IDT-IDT72421 Datasheet
196Kb / 14P
   CMOS SyncFIFOO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
IDT72205LB IDT-IDT72205LB Datasheet
181Kb / 16P
   CMOS SyncFIFOO 256 x 18, 512 x 18, 1024 x 18, 2048 x 18 and 4096 x 18
logo
ATMEL Corporation
AT25080B ATMEL-AT25080B Datasheet
575Kb / 22P
   SPI Serial EEPROMs 8K (1024 x 8) 16K (2048 x 8)
logo
Integrated Device Techn...
IDT723631 IDT-IDT723631 Datasheet
269Kb / 23P
   CMOS SyncFIFOO 512 x 36, 1024 x 36, 2048 x 36
logo
ATMEL Corporation
AT24C04B ATMEL-AT24C04B Datasheet
690Kb / 26P
   Two-wire Serial EEPROM 4K (512 x 8) 8K (1024 x 8)
AT25010A ATMEL-AT25010A_07 Datasheet
351Kb / 18P
   SPI Automotive Temperature Serial EEPROMs 1K (128 x 8) 2K (256 x 8) 4K (512 x 8)
logo
Integrated Device Techn...
IDT72201 IDT-IDT72201 Datasheet
199Kb / 19P
   CMOS SyncFIFO 64 X 9, 256 x 9, 512 x 9, 1024 X 9, 2048 X 9 and 4096 x 9
logo
Intersil Corporation
HM-6642 INTERSIL-HM-6642 Datasheet
37Kb / 8P
   512 x 8 CMOS PROM
HM-6642883 INTERSIL-HM-6642883 Datasheet
365Kb / 9P
   512 x 8 CMOS PROM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com