Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

73404-1070 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 73404-1070
Description  50 Ohms, FAKRA/SMB Right-Angle PCB Jack Receptacle
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

73404-1070 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  73404-1070 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 01/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
73404-1070
Status:
Active
Overview:
FAKRA II SMB and FAKRA RF Connector Systems
Description:
50 Ohms, FAKRA/SMB Right-Angle PCB Jack Receptacle, Anti-tip Feature, Die Cast
Shroud, PCB Standoffs, Code Z/Water Blue
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73404
Comments
Die cast keying shroud
Overview
FAKRA II SMB and FAKRA RF Connector Systems
Product Name
FAKRA, SMB
Style
PCB
UPC
756054759165
Wire/Cable Type
N/A
Physical
Gender
Jack
Keying to Mating Part
Yes
Net Weight
8.785/g
Orientation
Right Angle
PCB Mounting
Through Hole
PCB Thickness - Recommended
2.40mm
Packaging Type
Tray
Panel Mount
No
Panel Mount Method
N/A
Reverse Polar
No
Electrical
Impedance
50#
Solder Process Data
Lead-free Process Capability
SMC & Wave Capable (TH only)
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73404-106
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant RF
Product
REACH SVHC
Not Reviewed
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
73404Series
This document was generated on 01/14/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 73404-1070

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73404-1033 MOLEX11-73404-1033 Datasheet
32Kb / 1P
   50 Ohms, FAKRA/SMB Straight Jack, 18.50mm Bulkhead Flange, Crimp, RG-174,
73404-1060 MOLEX11-73404-1060 Datasheet
33Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle PCB Jack Receptacle, Anti-tip Feature
73404-1061 MOLEX11-73404-1061 Datasheet
33Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle PCB Jack Receptacle, Anti-tip Feature
73404-1062 MOLEX11-73404-1062 Datasheet
33Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle PCB Jack Receptacle, Anti-tip Feature
73404-1063 MOLEX11-73404-1063 Datasheet
33Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle PCB Jack Receptacle, Anti-tip Feature
More results

Similar Description - 73404-1070

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0734040819 MOLEX11-0734040819 Datasheet
51Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle PCB Jack Receptacle
0734040820 MOLEX11-0734040820 Datasheet
51Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle PCB Jack Receptacle
73404-0812 MOLEX11-73404-0812 Datasheet
33Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle PCB Jack Receptacle, Anti-tip Feature
73404-1064 MOLEX11-73404-1064 Datasheet
33Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle PCB Jack Receptacle, Anti-tip Feature
0734041070 MOLEX11-0734041070 Datasheet
68Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle PCB Jack Receptacle, Anti-tip Feature
0734040812 MOLEX11-0734040812 Datasheet
51Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle PCB Jack Receptacle, Anti-tip Feature
0734040818 MOLEX11-0734040818 Datasheet
51Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle PCB Jack Receptacle, Anti-tip Feature,
0734041061 MOLEX11-0734041061 Datasheet
68Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle PCB Jack Receptacle, Anti-tip Feature
73404-1068 MOLEX11-73404-1068 Datasheet
33Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle PCB Jack Receptacle, Anti-tip Feature
0734040811 MOLEX11-0734040811 Datasheet
51Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle PCB Jack Receptacle, Anti-tip Feature
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com