Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

73404-0819 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 73404-0819
Description  50 Ohms, FAKRA/SMB Right-Angle PCB Jack Receptacle, Anti-tip Feature, Code K/
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

73404-0819 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  73404-0819 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 12/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
73404-0819
Status:
Active
Overview:
FAKRA II SMB and FAKRA RF Connector Systems
Description:
50 Ohms, FAKRA/SMB Right-Angle PCB Jack Receptacle, Anti-tip Feature, Code K/
Curry Yellow
Documents:
Drawing (PDF)
RoHS Certificate of Compliance (PDF)
General
Product Family
RF/Coax Connectors
Series
73404
Overview
FAKRA II SMB and FAKRA RF Connector Systems
Product Name
FAKRA, SMB
Style
PCB
UPC
756054162514
Wire/Cable Type
N/A
Physical
Gender
Jack
Keying to Mating Part
Yes
Net Weight
6.325/g
Orientation
Right Angle
PCB Mounting
Through Hole
PCB Thickness - Recommended
2.40mm
Packaging Type
Tray
Panel Mount
No
Panel Mount Method
N/A
Reverse Polar
No
Electrical
Impedance
50#
Solder Process Data
Duration at Max. Process Temperature (seconds)
10
Lead-free Process Capability
SMC & Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
2
Process Temperature max. C
260
Material Info
Reference - Drawing Numbers
Sales Drawing
SD-73404-081, SD-73404-081-PKG
Series
image - Reference only
EU RoHS
China RoHS
RoHS Compliant RF
Product
REACH SVHC
Contains SVHC: No
Low-Halogen Status
Low-Halogen
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
73404Series
This document was generated on 12/10/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 73404-0819

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
73404-0819 MOLEX-73404-0819 Datasheet
261Kb / 3P
   SMB JACK, FAKRA,R/A, PCB 50 OHMS SMB-J/PCB
2012/02/07
More results

Similar Description - 73404-0819

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
0734040819 MOLEX-0734040819_V01 Datasheet
40Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle PCB Jack Receptacle, Anti-tip Feature, Code K/Curry Yellow
73404-0818 MOLEX11-73404-0818 Datasheet
33Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle PCB Jack Receptacle, Anti-tip Feature, Code I/
73404-0820 MOLEX11-73404-0820 Datasheet
33Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle PCB Jack Receptacle, Anti-tip Feature, Code Z/
73404-0810 MOLEX11-73404-0810 Datasheet
33Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle PCB Jack Receptacle, Anti-tip Feature, Code A/
73404-0811 MOLEX11-73404-0811 Datasheet
33Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle PCB Jack Receptacle, Anti-tip Feature, Code B/
73404-0815 MOLEX11-73404-0815 Datasheet
33Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle PCB Jack Receptacle, Anti-tip Feature, Code F/
73404-0816 MOLEX11-73404-0816 Datasheet
33Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle PCB Jack Receptacle, Anti-tip Feature, Code G/
73404-0814 MOLEX11-73404-0814 Datasheet
33Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle PCB Jack Receptacle, Anti-tip Feature, Code E/
73404-0817 MOLEX11-73404-0817 Datasheet
33Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle PCB Jack Receptacle, Anti-tip Feature, Code H/
0734041067 MOLEX11-0734041067 Datasheet
68Kb / 1P
   50 Ohms, FAKRA/SMB Right-Angle PCB Jack Receptacle, Anti-tip Feature
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com