Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT16652ATPF Datasheet(PDF) 9 Page - Integrated Device Technology

Part # IDT74FCT16652ATPF
Description  FAST CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT16652ATPF Datasheet(HTML) 9 Page - Integrated Device Technology

  IDT74FCT16652ATPF Datasheet HTML 1Page - Integrated Device Technology IDT74FCT16652ATPF Datasheet HTML 2Page - Integrated Device Technology IDT74FCT16652ATPF Datasheet HTML 3Page - Integrated Device Technology IDT74FCT16652ATPF Datasheet HTML 4Page - Integrated Device Technology IDT74FCT16652ATPF Datasheet HTML 5Page - Integrated Device Technology IDT74FCT16652ATPF Datasheet HTML 6Page - Integrated Device Technology IDT74FCT16652ATPF Datasheet HTML 7Page - Integrated Device Technology IDT74FCT16652ATPF Datasheet HTML 8Page - Integrated Device Technology IDT74FCT16652ATPF Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 9 / 9 page
background image
IDT54/74FCT16652T/AT/CT/ET, FCT162652T/AT/CT/ET
FAST CMOS 16-BIT BUS TRANSCEIVER/REGISTER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
9
ORDERING INFORMATION
IDT
XX
FCT XXXX
Device Type
X
Package
X
Process
Blank
B
PV
PA
PF
E
16652T
16652AT
16652CT
16652ET
162652T
162652AT
162652CT
162652ET
Commercial
MIL-STD-883, Class B
Shrink Small Outline Package (SO56-1)
Thin Shrink Small Outline Package (SO56-2)
Thin Very Small Outline Package (SO56-3)
CERPACK (E56-1)
Non-Inverting 16-Bit Bus Transceiver/Register
Temperature
Range
54
74
–55
°C to +125°C
–40
°C to +85°C
2549 drw 14
Integrated Device Technology, Inc.
2975 Stender Way, Santa Clara, CA 95054-3090
Telephone: (408) 727-6116
FAX 408-492-8674
Integrated Device Technology, Inc. reserves the right to make changes to the specifications in this data sheet in order to improve design or performance and to supply the best possible product.


Similar Part No. - IDT74FCT16652ATPF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT16601AT IDT-IDT74FCT16601AT Datasheet
116Kb / 7P
   FAST CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74FCT16601ATPA IDT-IDT74FCT16601ATPA Datasheet
116Kb / 7P
   FAST CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74FCT16601ATPF IDT-IDT74FCT16601ATPF Datasheet
116Kb / 7P
   FAST CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74FCT16601ATPV IDT-IDT74FCT16601ATPV Datasheet
116Kb / 7P
   FAST CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
IDT74FCT16601CT IDT-IDT74FCT16601CT Datasheet
116Kb / 7P
   FAST CMOS 18-BIT UNIVERSAL BUS TRANSCEIVER WITH 3-STATE OUTPUTS
More results

Similar Description - IDT74FCT16652ATPF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT16646T IDT-IDT74FCT16646T Datasheet
177Kb / 9P
   FAST CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS (3-STATE)
IDT74FCT163652 IDT-IDT74FCT163652 Datasheet
166Kb / 9P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
IDT74FCT163646 IDT-IDT74FCT163646 Datasheet
154Kb / 9P
   3.3V CMOS 16-BIT BUS TRANSCEIVER/ REGISTERS
logo
Pericom Semiconductor C...
PI74FCT162374T PERICOM-PI74FCT162374T Datasheet
90Kb / 7P
   Fast CMOS 16-Bit Registers (3-State)
PI74FCT821T PERICOM-PI74FCT821T Datasheet
85Kb / 7P
   Fast CMOS Bus Interface Registers
logo
Integrated Device Techn...
IDT74LVCH162245A IDT-IDT74LVCH162245A_15 Datasheet
243Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVC16245A IDT-IDT74LVC16245A_15 Datasheet
121Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCHR162245A IDT-IDT74LVCHR162245A_15 Datasheet
242Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74LVCH16245A IDT-IDT74LVCH16245A_15 Datasheet
242Kb / 6P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
IDT74ALVC162245 IDT-IDT74ALVC162245_09 Datasheet
96Kb / 7P
   3.3V CMOS 16-BIT BUS TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com