Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT54FCT16823BTPF Datasheet(PDF) 7 Page - Integrated Device Technology

Part # IDT54FCT16823BTPF
Description  FAST CMOS 18-BIT REGISTER
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT54FCT16823BTPF Datasheet(HTML) 7 Page - Integrated Device Technology

  IDT54FCT16823BTPF Datasheet HTML 1Page - Integrated Device Technology IDT54FCT16823BTPF Datasheet HTML 2Page - Integrated Device Technology IDT54FCT16823BTPF Datasheet HTML 3Page - Integrated Device Technology IDT54FCT16823BTPF Datasheet HTML 4Page - Integrated Device Technology IDT54FCT16823BTPF Datasheet HTML 5Page - Integrated Device Technology IDT54FCT16823BTPF Datasheet HTML 6Page - Integrated Device Technology IDT54FCT16823BTPF Datasheet HTML 7Page - Integrated Device Technology IDT54FCT16823BTPF Datasheet HTML 8Page - Integrated Device Technology IDT54FCT16823BTPF Datasheet HTML 9Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
IDT54/74FCT16823AT/BT/CT/ET, 162823AT/BT/CT/ET
FAST CMOS 18-BIT REGISTER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
5.16
7
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
2772 tbl 10
NOTES:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. Skew between any two outputs of the same package switching in the same direction. This parameter is guaranteed by design.
4. This limit is guaranteed but not tested.
5. This condition is guaranteed but not tested.
FCT16823CT/162823CT
FCT16823ET/162823ET
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
tPHL
Propagation Delay
xCLK to xQx
CL = 50pF
RL = 500
1.5
6.0
1.5
7.0
1.5
4.4
ns
CL = 300pF(5)
RL = 500
1.5
12.5
1.5
13.5
1.5
8.0
tPHL
Propagation Delay
x
CLR to xQx
CL = 50pF
RL = 500
1.5
8.0
1.5
8.5
1.5
4.4
ns
tPZH
tPZL
Output Enable Time
x
OE to xQx
CL = 50pF
RL = 500
1.5
7.0
1.5
8.0
1.5
4.4
ns
CL = 300pF(5)
RL = 500
1.5
12.5
1.5
13.5
1.5
9.0
tPHZ
tPLZ
Output Disable Time
x
OE to xQx
CL = 5pF(5)
RL = 500
1.5
6.2
1.5
6.2
1.5
3.6
ns
CL = 50pF
RL = 500
1.5
6.5
1.5
6.5
1.5
3.6
tSU
Set-up Time HIGH or LOW
xDx to xCLK
CL = 50pF
RL = 500
3.0
3.0
1.5
ns
tH
Hold Time HIGH or LOW
xDx to xCLK
1.5
1.5
0.0
ns
tSU
Set-up Time HIGH or LOW
x
CLKEN to xCLK
3.0
3.0
2.5
ns
tH
Hold Time HIGH or LOW
x
CLKEN to xCLK
0
0
0.0
ns
tW
xCLK Pulse Width
HIGH or LOW
6.0
6.0
3.0(4)
———
ns
tW
x
CLR Pulse Width LOW
6.0
6.0
3.0(4)
———
ns
tREM
Recovery Time x
CLR to xCLK
6.0
6.0
3.0
ns
tSK(o) Output Skew(3)
0.5
0.5
0.5
ns


Similar Part No. - IDT54FCT16823BTPF

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT54FCT16827AT IDT-IDT54FCT16827AT Datasheet
120Kb / 8P
   FAST CMOS 20-BIT BUFFERS
IDT54FCT16827ATE IDT-IDT54FCT16827ATE Datasheet
120Kb / 8P
   FAST CMOS 20-BIT BUFFERS
IDT54FCT16827ATEB IDT-IDT54FCT16827ATEB Datasheet
120Kb / 8P
   FAST CMOS 20-BIT BUFFERS
IDT54FCT16827ATPA IDT-IDT54FCT16827ATPA Datasheet
120Kb / 8P
   FAST CMOS 20-BIT BUFFERS
IDT54FCT16827ATPAB IDT-IDT54FCT16827ATPAB Datasheet
120Kb / 8P
   FAST CMOS 20-BIT BUFFERS
More results

Similar Description - IDT54FCT16823BTPF

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT162823AT RENESAS-IDT74FCT162823AT Datasheet
243Kb / 8P
   FAST CMOS 18-BIT REGISTER
SEPTEMBER 2009
logo
Pericom Semiconductor C...
PI74FCT16823T PERICOM-PI74FCT16823T Datasheet
80Kb / 8P
   Fast CMOS 18-Bit Registers
logo
Renesas Technology Corp
IDT74FCT16374AT RENESAS-IDT74FCT16374AT Datasheet
259Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
MARCH 2019
logo
Integrated Device Techn...
IDT74FCT162374AT IDT-IDT74FCT162374AT Datasheet
73Kb / 7P
   FAST CMOS 16-BIT REGISTER (3-STATE)
IDT54FCT16374T IDT-IDT54FCT16374T Datasheet
126Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
logo
Renesas Technology Corp
IDT74FCT162374AT RENESAS-IDT74FCT162374AT Datasheet
239Kb / 8P
   FAST CMOS 16-BIT REGISTER (3-STATE)
SEPTEMBER 2009
IDT74FCT162501AT RENESAS-IDT74FCT162501AT Datasheet
241Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
logo
Integrated Device Techn...
IDT74FCT16500AT IDT-IDT74FCT16500AT Datasheet
122Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
logo
Pericom Semiconductor C...
PI74LPT16501 PERICOM-PI74LPT16501 Datasheet
56Kb / 5P
   Fast CMOS 18-Bit Registered Transceivers
logo
Renesas Technology Corp
IDT74FCT162500AT RENESAS-IDT74FCT162500AT Datasheet
243Kb / 8P
   FAST CMOS 18-BIT REGISTERED TRANSCEIVER
SEPTEMBER 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com