Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT244QB Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT74FCT244QB
Description  3.3V CMOS OCTAL BUFFER/LINE DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT244QB Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT74FCT244QB Datasheet HTML 1Page - Integrated Device Technology IDT74FCT244QB Datasheet HTML 2Page - Integrated Device Technology IDT74FCT244QB Datasheet HTML 3Page - Integrated Device Technology IDT74FCT244QB Datasheet HTML 4Page - Integrated Device Technology IDT74FCT244QB Datasheet HTML 5Page - Integrated Device Technology IDT74FCT244QB Datasheet HTML 6Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
IDT54/74FCT3244/A
3.3V CMOS OCTAL BUFFER/LINE DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
8.11
4
NOTES:
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. Propagation Delays and Enable/Disable times are with VCC = 3.3V
±0.3V, Normal Range. For VCC = 2.7V to 3.6V, Extended Range, all Propagation Delays
and Enable/Disable times should be degraded by 20%.
POWER SUPPLY CHARACTERISTICS
FCT3244
FCT3244A
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Condition(1)
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Min.(2)
Max.
Unit
tPLH
tPHL
Propagation Delay
xAx to xYx
CL = 50pF
RL = 500
1.5
6.5
1.5
7.0
1.5
4.8
1.5
5.1
ns
tPZH
tPZL
Output Enable Time
1.5
8.0
1.5
8.5
1.5
6.2
1.5
6.5
ns
tPHZ
tPLZ
Output Disable Time
1.5
7.0
1.5
7.5
1.5
5.6
1.5
5.9
ns
2779 tbl 07
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
(3)
NOTES:
1. For conditions shown as max. or min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 3.3V, +25
°C ambient.
3. Per TTL driven input; all other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fCPNCP/2 + fiNi)
ICC = Quiescent Current (ICCL, ICCH and ICCZ)
∆ICC = Power Supply Current for a TTL High Input
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
NCP = Number of Clock Inputs at fCP
fi = Input Frequency
Ni = Number of Inputs at fi
2779 tbl 06
Symbol
Parameter
Test Conditions(1)
Min.
Typ.(2)
Max.
Unit
∆ICC
Quiescent Power Supply Current
VCC = Max.
VIN = VCC – 0.6V(3)
2.0
30
µA
ICCD
Dynamic Power Supply
Current(4)
VCC = Max.
Outputs Open
50% Duty Cycle
x
OE = GND
One Input Toggling
VIN = VCC
VIN = GND
—60
85
µA/
MHz
IC
Total Power Supply Current(6)
VCC = Max.
VIN = VCC
0.6
0.9
mA
Outputs Open
VIN = GND
fi = 10MHz
50% Duty Cycle
x
OE = GND
VIN = VCC –0.6V
VIN = GND
0.6
0.9
One Bit Toggling
VCC = Max.
Outputs Open
fi = 2.5MHz
VIN = VCC
VIN = GND
1.2
1.7(5)
50% Duty Cycle
x
OE = GND
Eight Bits Toggling
VIN = VCC –0.6V
VIN = GND
1.2
1.8(5)


Similar Part No. - IDT74FCT244QB

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT244 IDT-IDT74FCT244 Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT244 IDT-IDT74FCT244 Datasheet
128Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT244A IDT-IDT74FCT244A Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT244A IDT-IDT74FCT244A Datasheet
128Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT244AD IDT-IDT74FCT244AD Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results

Similar Description - IDT74FCT244QB

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74FCT3244 RENESAS-74FCT3244 Datasheet
166Kb / 7P
   3.3V CMOS OCTAL BUFFER/LINE DRIVER
Feb.11.20
logo
Integrated Device Techn...
74FCT2244T IDT-74FCT2244T Datasheet
52Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_06 Datasheet
71Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT540AT IDT-IDT74FCT540AT_16 Datasheet
78Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT240 IDT-IDT74FCT240 Datasheet
155Kb / 8P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT540T IDT-74FCT540T Datasheet
50Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2240AT IDT-IDT74FCT2240AT Datasheet
65Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT_16 Datasheet
80Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
74FCT540 IDT-74FCT540 Datasheet
96Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
IDT74FCT2244AT IDT-IDT74FCT2244AT Datasheet
69Kb / 6P
   FAST CMOS OCTAL BUFFER/LINE DRIVER
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com