Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT88915TT100 Datasheet(PDF) 8 Page - Integrated Device Technology

Part # IDT74FCT88915TT100
Description  LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT88915TT100 Datasheet(HTML) 8 Page - Integrated Device Technology

Back Button IDT74FCT88915TT100 Datasheet HTML 3Page - Integrated Device Technology IDT74FCT88915TT100 Datasheet HTML 4Page - Integrated Device Technology IDT74FCT88915TT100 Datasheet HTML 5Page - Integrated Device Technology IDT74FCT88915TT100 Datasheet HTML 6Page - Integrated Device Technology IDT74FCT88915TT100 Datasheet HTML 7Page - Integrated Device Technology IDT74FCT88915TT100 Datasheet HTML 8Page - Integrated Device Technology IDT74FCT88915TT100 Datasheet HTML 9Page - Integrated Device Technology IDT74FCT88915TT100 Datasheet HTML 10Page - Integrated Device Technology IDT74FCT88915TT100 Datasheet HTML 11Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
IDT54/74FCT88915TT 55/70/100/133
LOW SKEW PLL-BASED CMOS CLOCK DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
9.7
8
1:2 INPUT TO "Q" OUTPUT FREQUENCY
RELATIONSHIP
In this application, the Q/2 output is connected to the
FEEDBACK input. The internal PLL will line up the positive
edges of Q/2 and SYNC, thus the Q/2 frequency will equal the
SYNC frequency. The Q outputs (Q0-Q4, Q5) will always run
at 2X the Q/2 frequency, and the 2Q output will run at 4X the
Q/2 frequency.
1:1 INPUT TO "Q" OUTPUT FREQUENCY
RELATIONSHIP
In this application, the Q4 output is connected to the
FEEDBACK input. The internal PLL will line up the positive
edges of Q4 and SYNC, thus the Q4 frequency (and the rest
of the "Q" outputs) will equal the SYNC frequency. The Q/2
output will always run at 1/2 the Q frequency, and the 2Q
output will run at 2X the Q frequency.
The frequency relationship shown here is applicable to all
Q outputs (Q0, Q1, Q2, Q3 and Q4).
2:1 INPUT TO "Q" OUTPUT FREQUENCY
RELATIONSHIP
In this application, the 2Q output is connected to the
FEEDBACK input. The internal PLL will line up the positive
edges of 2Q and SYNC, thus the 2Q frequency will equal the
SYNC frequency. The Q/2 output will always run at 1/4 the
2Q frequency, and the Q output will run at 1/2 the 2Q
frequency.
Figure 2c. Wiring Diagram and Frequency Relationships With 2Q
Output Feedback
Q/2
Q3
Q2
PLL_EN
Q1
Q0
FQ_SEL
FEEDBACK
REF_SEL
SYNC(0)
VCC(AN)
LF
GND(AN)
Q4
RST
Q5
2Q
FCT88915TT
LOW
50MHz signal
12.5MHz feedback signal
HIGH
HIGH
HIGH
25MHz
"Q"
Clock
Outputs
12.5 MHz
input
3072 drw 07
Allowable Input Frequency Range:
10MHz to (f2Q FMAX Spec /4 (for FREQ_SEL HIGH)
5MHz to (f2Q FMAX Spec /8 (for FREQ_SEL LOW)
Figure 2a. Wiring Diagram and Frequency Relationships With Q/2
Output Feedback
Q/2
Q3
Q2
PLL_EN
Q1
Q0
FQ_SEL
FEEDBACK
REF_SEL
SYNC(0)
VCC(AN)
LF
GND(AN)
Q4
RST
Q5
2Q
FCT88915TT
LOW
50MHz signal
25MHz feedback signal
HIGH
HIGH
HIGH
25MHz
"Q"
Clock
Outputs
25MHz
input
12.5MHz
signal
3072 drw 08
Allowable Input Frequency Range:
20MHz to (f2Q FMAX Spec)/2 (for FREQ_SEL HIGH)
10MHz to (f2Q FMAX Spec)/4 (for FREQ_SEL LOW)
Figure 2b. Wiring Diagram and Frequency Relationships With Q4
Output Feedback
Q/2
Q3
Q2
PLL_EN
Q1
Q0
FQ_SEL
FEEDBACK
REF_SEL
SYNC(0)
VCC(AN)
LF
GND(AN)
Q4
RST
Q5
2Q
FCT88915TT
LOW
50MHz feedback signal
HIGH
HIGH
HIGH
25MHz
"Q"
Clock
Outputs
50MHz
input
12.5MHz
input
3072 drw 09
Allowable Input Frequency Range:
40MHz to (f2Q FMAX Spec) (for FREQ_SEL HIGH)
20MHz to (f2Q FMAX Spec)/2 (for FREQ_SEL LOW)


Similar Part No. - IDT74FCT88915TT100

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT807BT IDT-IDT74FCT807BT Datasheet
130Kb / 7P
   FAST CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT807BT IDT-IDT74FCT807BT Datasheet
85Kb / 8P
   FAST CMOS 1-TO-10 CLOCK DRIVER
logo
Renesas Technology Corp
IDT74FCT807BT RENESAS-IDT74FCT807BT Datasheet
244Kb / 9P
   FAST CMOS 1-TO-10 CLOCK DRIVER
2019
logo
Integrated Device Techn...
IDT74FCT807BTD IDT-IDT74FCT807BTD Datasheet
130Kb / 7P
   FAST CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT807BTDB IDT-IDT74FCT807BTDB Datasheet
130Kb / 7P
   FAST CMOS 1-TO-10 CLOCK DRIVER
More results

Similar Description - IDT74FCT88915TT100

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT388915T IDT-IDT74FCT388915T Datasheet
145Kb / 11P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER WITH (3-STATE)
IDT74FCT388915T IDT-IDT74FCT388915T_05 Datasheet
1Mb / 10P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
logo
Renesas Technology Corp
IDT74FCT388915T RENESAS-IDT74FCT388915T Datasheet
506Kb / 13P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
MARCH 2016
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T_01 Datasheet
143Kb / 12P
   Low Voltage Low Skew CMOS PLL Clock Driver, 3-State
logo
Integrated Device Techn...
IDT74FCT3932-100 IDT-IDT74FCT3932-100 Datasheet
131Kb / 9P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915TFN55 MOTOROLA-MC88915TFN55 Datasheet
216Kb / 20P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
   Low Skew CMOS PLL Clock Driver
MC88915 MOTOROLA-MC88915 Datasheet
147Kb / 13P
   Low Skew CMOS PLL Clock Driver
MC88LV926 MOTOROLA-MC88LV926 Datasheet
108Kb / 10P
   LOW SKEW CMOS PLL 68060 CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com