Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT841BP Datasheet(PDF) 5 Page - Integrated Device Technology

Part # IDT74FCT841BP
Description  HIGH-PERFORMANCE CMOS BUS INTERFACE LATCHES
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT841BP Datasheet(HTML) 5 Page - Integrated Device Technology

  IDT74FCT841BP Datasheet HTML 1Page - Integrated Device Technology IDT74FCT841BP Datasheet HTML 2Page - Integrated Device Technology IDT74FCT841BP Datasheet HTML 3Page - Integrated Device Technology IDT74FCT841BP Datasheet HTML 4Page - Integrated Device Technology IDT74FCT841BP Datasheet HTML 5Page - Integrated Device Technology IDT74FCT841BP Datasheet HTML 6Page - Integrated Device Technology IDT74FCT841BP Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
IDT54/74FCT841A/B/C
HIGH-PERFORMANCE CMOS BUS INTERFACE LATCHES
MILITARY AND COMMERCIAL TEMPERATURE RANGES
7.22
5
SWITCHING CHARACTERISTICS OVER OPERATING RANGE
FCT841A
FCT841B
FCT841C
Com'l.
Mil.
Com'l.
Mil.
Com'l.
Mil.
Symbol
Parameter
Conditions(1) Min.
(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. Min.(2) Max. Unit
tPLH
tPHL
Propagation Delay
DI to YI (LE = HIGH)
CL = 50pF
RL = 500
1.5
9.0
1.5
10.0 1.5
6.5
1.5
7.5
1.5
5.5
1.5
6.3
ns
CL = 300pF(4)
RL = 500
1.5
13.0 1.5
15.0 1.5
13.0 1.5
15.0 1.5
13.0 1.5
15.0
tPLH
tPHL
Propagation Delay
LE to YI
CL = 50pF
RL = 500
1.5
12.0 1.5
13.0 1.5
8.0
1.5
10.5 1.5
6.4
1.5
6.8
ns
CL = 300pF(4)
RL = 500
1.5
16.0 1.5
20.0 1.5
15.5 1.5
18.0 1.5
15.0 1.5
16.0
tPLH
Propagation Delay,
PRE to YI
CL = 50pF
1.5
12.0 1.5
14.0 1.5
8.0
1.5
10.0 1.5
7.0
1.5
9.0
ns
tPHL
RL = 500
1.5
14.0 1.5
17.0 1.5
10.0 1.5
13.0 1.5
9.0
1.5
12.0
tPHL
Propagation Delay,
CLR to YI
1.5
13.0 1.5
14.0 1.5
10.0 1.5
11.0 1.5
9.0
1.5
10.0
ns
tPLH
1.5
14.0 1.5
17.0 1.5
10.0 1.5
10.0 1.5
9.0
1.5
9.0
tPZH
tPZL
Output Enable Time
OE to YI
CL = 50pF
RL = 500
1.5
11.5 1.5
13.0 1.5
8.0
1.5
8.5
1.5
6.5
1.5
7.3
ns
CL = 300pF(4)
RL = 500
1.5
23.0 1.5
25.0 1.5
14.0 1.5
15.0 1.5
12.0 1.5
13.0
tPHZ
tPLZ
Output Disable Time
OE to Y I
CL = 5pF(4)
RL = 500
1.5
7.0
1.5
9.0
1.5
6.0
1.5
6.5
1.5
5.7
1.5
6.0
ns
CL = 50pF
RL = 500
1.5
8.0
1.5
10.0 1.5
7.0
1.5
7.5
1.5
6.0
1.5
6.3
tSU
Data to LE Set-up Time
CL = 50pF
2.5
2.5
2.5
2.5
2.5
2.5
ns
tH
Data to LE Hold Time
RL = 500
2.5
3.0
2.5
2.5
2.5
2.5
ns
tW
LE Pulse Width(3)
HIGH
4.0
5.0
4.0
4.0
4.0
4.0
ns
tW
PRE Pulse Width(3)
LOW
5.0
7.0
4.0
4.0
4.0
4.0
ns
tW
CLR Pulse Width(3)
LOW
4.0
5.0
4.0
4.0
4.0
4.0
ns
tREM
Recovery Time
PRE to LE
4.0
4.0
4.0
4.0
4.0
4.0
ns
tREM
Recovery Time
CLR to LE
3.0
3.0
3.0
3.0
3.0
3.0
ns
NOTES:
2607 tbl 07
1. See test circuit and waveforms.
2. Minimum limits are guaranteed but not tested on Propagation Delays.
3. These parameters are guaranteed but not tested.
4. These conditions are guaranteed but not tested.


Similar Part No. - IDT74FCT841BP

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT841BT IDT-IDT74FCT841BT Datasheet
138Kb / 7P
   FAST CMOS BUS INTERFACE LATCHES
IDT74FCT841BTD IDT-IDT74FCT841BTD Datasheet
138Kb / 7P
   FAST CMOS BUS INTERFACE LATCHES
IDT74FCT841BTDB IDT-IDT74FCT841BTDB Datasheet
138Kb / 7P
   FAST CMOS BUS INTERFACE LATCHES
IDT74FCT841BTE IDT-IDT74FCT841BTE Datasheet
138Kb / 7P
   FAST CMOS BUS INTERFACE LATCHES
IDT74FCT841BTEB IDT-IDT74FCT841BTEB Datasheet
138Kb / 7P
   FAST CMOS BUS INTERFACE LATCHES
More results

Similar Description - IDT74FCT841BP

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM29843 AMD-AM29843 Datasheet
597Kb / 15P
   HIGH PERFORMANCE BUS INTERFACE LATCHES
logo
Integrated Device Techn...
IDT74FCT841AT IDT-IDT74FCT841AT Datasheet
138Kb / 7P
   FAST CMOS BUS INTERFACE LATCHES
IDT54FCT821A IDT-IDT54FCT821A Datasheet
77Kb / 7P
   HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT74FCT821A IDT-IDT74FCT821A Datasheet
186Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT821AT IDT-IDT74FCT821AT Datasheet
178Kb / 9P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTERS
IDT74FCT823AT IDT-IDT74FCT823AT_06 Datasheet
78Kb / 7P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
IDT54FCT823 IDT-IDT54FCT823 Datasheet
89Kb / 7P
   HIGH PERFORMANCE CMOS BUS INTERFACE REGISTER
logo
Renesas Technology Corp
IDT74FCT823AT RENESAS-IDT74FCT823AT Datasheet
678Kb / 8P
   HIGH-PERFORMANCE CMOS BUS INTERFACE REGISTER
February 19, 2009
logo
NXP Semiconductors
74F842 PHILIPS-74F842 Datasheet
103Kb / 12P
   Bus interface latches
2004 Jan 23
74F841 PHILIPS-74F841 Datasheet
206Kb / 18P
   Bus interface latches
1999 Jun 23
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com