Electronic Components Datasheet Search |
|
IDT74FCT388915T70PY Datasheet(PDF) 9 Page - Integrated Device Technology |
|
IDT74FCT388915T70PY Datasheet(HTML) 9 Page - Integrated Device Technology |
9 / 11 page IDT54/74FCT388915T 70/100/133/150 3.3V LOW SKEW PLL-BASED CLOCK DRIVER MILITARY AND COMMERCIAL TEMPERATURE RANGES 9.8 9 CMMU CMMU CPU CMMU CMMU CMMU CMMU CMMU CPU CMMU CMMU CMMU PLL 2f PLL 2f CPU CARD CPU CARD CLOCK @f SYSTEM CLOCK SOURCE FCT388915T FCT388915T DISTRIBUTE CLOCK @f CLOCK @2f at point of use MEMORY CONTROL PLL 2f MEMORY CARDS CLOCK @2f at point of use FCT388915T Figure 4. Multiprocessing Application Using the FCT388915T for Frequency Multiplication and Low Board-to-Board skew FCT388915T System Level Testing Functionality When the PLL_EN pin is LOW, the PLL is bypassed and the FCT388915T is in low frequency "test mode". In test mode (with FREQ_SEL HIGH), the 2Q output is inverted from the selected SYNC input, and the Q outputs are divide-by-2 (negative edge triggered) of the SYNC input, and the Q/2 output is divide-by-4 (negative edge triggered). With FREQ_SEL LOW the 2Q output is divide-by-2 of the SYNC, the Q outputs divide-by-4, and the Q/2 output divide-by-8. These relationships can be seen in the block diagram. A recommended test configuration would be to use SYNC0 or SYNC1 as the test clock input, and tie PLL_EN and REF_SEL together and connect them to the test select logic. This functionality is needed since most board-level testers run at 1 MHz or below, and theFCT 388915T cannot lock onto that low of an input frequency. In the test mode described above, any test frequency test can be used. 3052 drw 13 |
Similar Part No. - IDT74FCT388915T70PY |
|
Similar Description - IDT74FCT388915T70PY |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |