Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GM6202 Datasheet(PDF) 2 Page - Guilin Strong Micro-Electronics Co., Ltd.

Part # GM6202
Description  Three-terminal Voltage Regulator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  GSME [Guilin Strong Micro-Electronics Co., Ltd.]
Direct Link  http://www.gsme.com.cn
Logo GSME - Guilin Strong Micro-Electronics Co., Ltd.

GM6202 Datasheet(HTML) 2 Page - Guilin Strong Micro-Electronics Co., Ltd.

  GM6202 Datasheet HTML 1Page - Guilin Strong Micro-Electronics Co., Ltd. GM6202 Datasheet HTML 2Page - Guilin Strong Micro-Electronics Co., Ltd. GM6202 Datasheet HTML 3Page - Guilin Strong Micro-Electronics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
桂 林 斯 壯 微 電 子 有 限 責 任 公 司
Guilin Strong Micro-Electronics Co.,Ltd.
GM6202
ELECTRICAL CHARACTERISTICS 電特性
(Unless otherwise noted 如無特殊說明,CIN=10uF,COUT=10uF,Ta=25℃)
Characteristic
特性參數
Symbol
符號
Test Condition
測試條件
Min
最小值
Typ
典型值
Max
最大值
Unit
單位
Output Voltage
輸出電壓
VOUT
VIN=VOUT+1V, IOUT=30mA
VOUT(S)
×0.98
VOUT(S)
VOUT(S)
×1.02
V
Output Current
輸出電流
IOUT
VIN=VOUT(S)+1V
150
mA
Dropout Voltage
落差電壓
VDROP
IOUT=100mA
VOUT(S)<5V
900
1000
mV
5V≤VOUT(S)≤10V
440
550
12V≤VOUT(S)≤24V
290
380
Load Regulation
负载電壓偏差
ΔVOUT
VIN=VOUT(S)+1V,
1mA≤IOUT≤100mA
50
100
mV
Line Regulation
线性電壓偏差
ΔVOUT
ΔVIN×VOUT
VOUT(S)+1V≤VIN≤25V,
IOUT=1mA
0.05
0.2
%
V
Quiescent Current
静态電流
Iq
VIN=VOUT(S)+1V
10
25
uA
Temperature
Coefficient
溫度系數
ΔVOUT
ΔTa×VOUT
VIN=VOUT(S)+1V,IOUT=30mA,
0℃≤Ta≤70℃
±100
ppm
Input Voltage
輸入電壓
VIN
——
VOUT
+1
VOUT
+6
V
Ripple Rejection
纹波抑制
RR
VIN=VOUT(S)+1V, f =1.0KHz,
IOUT=10mA
40
dB


Similar Part No. - GM6202

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
GM6201 GTM-GM6201 Datasheet
994Kb / 8P
   CMOS POSITIVE VOLTAGE REGULATOR
logo
E-Tech Electronics LTD
GM6201 ETL-GM6201 Datasheet
1,004Kb / 8P
   C M O S P o s i t i v e Vo l t a g e R e g u l a t o r
logo
Guilin Strong Micro-Ele...
GM6206 GSME-GM6206 Datasheet
309Kb / 3P
   LDO Voltage Regulator
logo
Hynix Semiconductor
GM62093A HYNIX-GM62093A Datasheet
87Kb / 6P
   12x8 CROSSPOINT SWITCH WITH CONTROL MEMORY
More results

Similar Description - GM6202

ManufacturerPart #DatasheetDescription
logo
TOKO, Inc
TK116XXU TOKO-TK116XXU Datasheet
78Kb / 14P
   THREE-TERMINAL VOLTAGE REGULATOR
logo
Guangdong Kexin Industr...
78L05-23 KEXIN-78L05-23 Datasheet
417Kb / 1P
   Three-Terminal Voltage Regulator
78L03 KEXIN-78L03 Datasheet
365Kb / 1P
   Three-Terminal Voltage Regulator
LM79L09 KEXIN-LM79L09 Datasheet
63Kb / 1P
   Three-terminal Voltage Regulator
logo
Galaxy Semi-Conductor H...
BL79LXX BILIN-BL79LXX Datasheet
192Kb / 10P
   Three-terminal voltage regulator
logo
TECH PUBLIC Electronics...
78L05 TECHPUBLIC-78L05 Datasheet
1Mb / 3P
   Three-Terminal Voltage Regulator
TP78L05T3 TECHPUBLIC-TP78L05T3 Datasheet
1Mb / 3P
   Three-Terminal Voltage Regulator
logo
DONGGUAN YOU FENG WEI E...
78L05-SOT23 YFWDIODE-78L05-SOT23 Datasheet
1Mb / 2P
   Three-Terminal Voltage Regulator
logo
Guangdong Kexin Industr...
78L05 KEXIN-78L05 Datasheet
380Kb / 1P
   Three-Terminal Voltage Regulator
logo
Sirectifier Semiconduct...
BL79LXX SIRECTIFIER-BL79LXX Datasheet
216Kb / 10P
   Three-terminal voltage regulator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com