Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT88915TT Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT74FCT88915TT
Description  LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT88915TT Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74FCT88915TT Datasheet HTML 1Page - Integrated Device Technology IDT74FCT88915TT Datasheet HTML 2Page - Integrated Device Technology IDT74FCT88915TT Datasheet HTML 3Page - Integrated Device Technology IDT74FCT88915TT Datasheet HTML 4Page - Integrated Device Technology IDT74FCT88915TT Datasheet HTML 5Page - Integrated Device Technology IDT74FCT88915TT Datasheet HTML 6Page - Integrated Device Technology IDT74FCT88915TT Datasheet HTML 7Page - Integrated Device Technology IDT74FCT88915TT Datasheet HTML 8Page - Integrated Device Technology IDT74FCT88915TT Datasheet HTML 9Page - Integrated Device Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
IDT54/74FCT88915TT 55/70/100/133
LOW SKEW PLL-BASED CMOS CLOCK DRIVER
MILITARY AND COMMERCIAL TEMPERATURE RANGES
9.7
2
PIN CONFIGURATIONS
PIN DESCRIPTION
3072 tbl 01
Pin Name
I/O
Description
SYNC(0)
I
Reference clock input.
SYNC(1)
I
Reference clock input.
REF_SEL
I
Chooses reference between SYNC (0) & SYNC (1). (Refer to functional block diagram).
FREQ_SEL
I
Selects between
÷1 and ÷2 frequency options. (Refer to functional block diagram).
FEEDBACK
I
Feedback input to phase detector.
LF
I
Input for external loop filter connection.
Q0-Q4
O
Clock output.
Q5
O
Inverted clock output.
2Q
O
Clock output (2 x Q frequency).
Q/2
O
Clock output (Q frequency
÷ 2).
LOCK
O
Indicates phase lock has been achieved (HIGH when locked).
OE/RST
I
Asynchronous reset (active LOW) and output enable (active HIGH). When HIGH, outputs are
enabled. When LOW, outputs are in HIGH impedance.
PLL_EN
I
Disables phase-lock for low frequency testing. (Refer to functional block diagram).
Q/2
GND
Q3
VCC
Q2
GND
LOCK
25
24
23
22
21
20
19
FEEDBK
REF_SEL
SYNC(0)
VCC(AN)
LF
GND(AN)
SYNC(1)
5
6
7
8
9
10
11
12
13
14
15
16
17
18
J28-1,
L28-1
28
4
3
2
1
27
26
3072 drw 02
5
6
7
8
9
10
VCC
OE/RST
FEEDBACK
1
2
3
4
20
19
18
17
16
15
14
13
Q4
12
11
GND
Q/2
REF_SEL
SYNC(0)
VCC(AN)
LF
VCC
GND
Q3
VCC
Q2
GND
GND(AN)
LOCK
Q5
2Q
SO28-7
21
22
23
24
SYNC(1)
FREQ_SEL
GND
Q0
VCC
Q1
GND
PLL_EN
25
26
27
28
3072 drw 03
SSOP
TOP VIEW
PLCC/LCC
TOP VIEW


Similar Part No. - IDT74FCT88915TT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT807BT IDT-IDT74FCT807BT Datasheet
130Kb / 7P
   FAST CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT807BT IDT-IDT74FCT807BT Datasheet
85Kb / 8P
   FAST CMOS 1-TO-10 CLOCK DRIVER
logo
Renesas Technology Corp
IDT74FCT807BT RENESAS-IDT74FCT807BT Datasheet
244Kb / 9P
   FAST CMOS 1-TO-10 CLOCK DRIVER
2019
logo
Integrated Device Techn...
IDT74FCT807BTD IDT-IDT74FCT807BTD Datasheet
130Kb / 7P
   FAST CMOS 1-TO-10 CLOCK DRIVER
IDT74FCT807BTDB IDT-IDT74FCT807BTDB Datasheet
130Kb / 7P
   FAST CMOS 1-TO-10 CLOCK DRIVER
More results

Similar Description - IDT74FCT88915TT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT388915T IDT-IDT74FCT388915T Datasheet
145Kb / 11P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER WITH (3-STATE)
IDT74FCT388915T IDT-IDT74FCT388915T_05 Datasheet
1Mb / 10P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
logo
Renesas Technology Corp
IDT74FCT388915T RENESAS-IDT74FCT388915T Datasheet
506Kb / 13P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER (WITH 3-STATE)
MARCH 2016
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T_01 Datasheet
143Kb / 12P
   Low Voltage Low Skew CMOS PLL Clock Driver, 3-State
logo
Integrated Device Techn...
IDT74FCT3932-100 IDT-IDT74FCT3932-100 Datasheet
131Kb / 9P
   3.3V LOW SKEW PLL-BASED CMOS CLOCK DRIVER
logo
Motorola, Inc
MC88LV915T MOTOROLA-MC88LV915T Datasheet
127Kb / 11P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915TFN55 MOTOROLA-MC88915TFN55 Datasheet
216Kb / 20P
   LOW SKEW CMOS PLL CLOCK DRIVER
MC88915FN70 MOTOROLA-MC88915FN70 Datasheet
154Kb / 13P
   Low Skew CMOS PLL Clock Driver
MC88915 MOTOROLA-MC88915 Datasheet
147Kb / 13P
   Low Skew CMOS PLL Clock Driver
MC88LV926 MOTOROLA-MC88LV926 Datasheet
108Kb / 10P
   LOW SKEW CMOS PLL 68060 CLOCK DRIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com