Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT377CTD Datasheet(PDF) 4 Page - Integrated Device Technology

Part # IDT74FCT377CTD
Description  FAST CMOS OCTAL D FLIP-FLOP WITH CLOCK ENABLE
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT377CTD Datasheet(HTML) 4 Page - Integrated Device Technology

  IDT74FCT377CTD Datasheet HTML 1Page - Integrated Device Technology IDT74FCT377CTD Datasheet HTML 2Page - Integrated Device Technology IDT74FCT377CTD Datasheet HTML 3Page - Integrated Device Technology IDT74FCT377CTD Datasheet HTML 4Page - Integrated Device Technology IDT74FCT377CTD Datasheet HTML 5Page - Integrated Device Technology IDT74FCT377CTD Datasheet HTML 6Page - Integrated Device Technology IDT74FCT377CTD Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
6.14
4
IDT54/74FCT377T/AT/CT/DT
FAST CMOS OCTAL D FLIP-FLOP WITH CLOCK ENABLE
MILITARY AND COMMERCIAL TEMPERATURE RANGES
POWER SUPPLY CHARACTERISTICS
Symbol
Parameter
Test Conditions
(1)
Min.
Typ.
(2)
Max.
Unit
∆ICC
Quiescent Power Supply
VCC = Max.
0.5
2.0
mA
Current TTL Inputs HIGH
VIN = 3.4V
(3)
ICCD
Dynamic Power Supply
VCC = Max., Outputs Open
VIN = VCC
0.15
0.25
mA/
Current
(4)
CE = GND
VIN = GND
MHz
One Input Toggling
50% Duty Cycle
IC
Total Power Supply
VCC = Max., Outputs Open
VIN = VCC
1.5
3.5
mA
Current
(6)
fCP = 10MHz
VIN = GND
CE = GND
VIN = 3.4V
2.0
5.5
One Bit Toggling
VIN = GND
fi = 5MHz
50% Duty Cycle
VCC = Max., Outputs Open
VIN = VCC
3.8
7.3
(5)
fCP = 10MHz, 50% Duty Cycle
VIN = GND
CE = GND
VIN = 3.4V
6.0
16.3
(5)
Eight Bits Toggling
VIN = GND
fi = 2.5MHz
50% Duty Cycle
NOTES:
1. For conditions shown as Max. or Min., use appropriate value specified under Electrical Characteristics for the applicable device type.
2. Typical values are at VCC = 5.0V, +25
°C ambient.
3. Per TTL driven input (VIN = 3.4V). All other inputs at VCC or GND.
4. This parameter is not directly testable, but is derived for use in Total Power Supply Calculations.
5. Values for these conditions are examples of the ICC formula. These limits are guaranteed but not tested.
6. IC = IQUIESCENT + IINPUTS + IDYNAMIC
IC = ICC +
∆ICC DHNT + ICCD (fCP/2 + fiNi)
ICC = Quiescent Current
∆ICC = Power Supply Current for a TTL High Input (VIN = 3.4V)
DH = Duty Cycle for TTL Inputs High
NT = Number of TTL Inputs at DH
ICCD = Dynamic Current Caused by an Input Transition Pair (HLH or LHL)
fCP = Clock Frequency for Register Devices (Zero for Non-Register Devices)
fi = Input Frequency
Ni = Number of Inputs at fi
All currents are in milliamps and all frequencies are in megahertz.
2639 tbl 05


Similar Part No. - IDT74FCT377CTD

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
IDT74FCT377CT RENESAS-IDT74FCT377CT Datasheet
251Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH CLOCK ENABLE
OCTOBER 2009
IDT74FCT377CTQG RENESAS-IDT74FCT377CTQG Datasheet
251Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH CLOCK ENABLE
OCTOBER 2009
IDT74FCT377CTSOG RENESAS-IDT74FCT377CTSOG Datasheet
251Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH CLOCK ENABLE
OCTOBER 2009
More results

Similar Description - IDT74FCT377CTD

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI74FCT377T PERICOM-PI74FCT377T Datasheet
44Kb / 3P
   FAST CMOS OCTAL D FLIP-FLOP WITH CLOCK ENABLE
logo
Renesas Technology Corp
IDT74FCT377AT RENESAS-IDT74FCT377AT Datasheet
251Kb / 7P
   FAST CMOS OCTAL D FLIP-FLOP WITH CLOCK ENABLE
OCTOBER 2009
logo
National Semiconductor ...
54AC377 NSC-54AC377 Datasheet
177Kb / 8P
   Octal D Flip-Flop with Clock Enable
logo
Motorola, Inc
MC74AC377 MOTOROLA-MC74AC377 Datasheet
215Kb / 6P
   OCTAL D FLIP-FLOP WITH CLOCK ENABLE
logo
ON Semiconductor
MC74ACT377MEL ONSEMI-MC74ACT377MEL Datasheet
111Kb / 12P
   Octal D Flip-Flop with Clock Enable
May, 2001 ??Rev.6
logo
National Semiconductor ...
54F377DM NSC-54F377DM Datasheet
143Kb / 8P
   Octal D Flip-Flop with Clock Enable
54ACTQ377 NSC-54ACTQ377 Datasheet
167Kb / 6P
   Octal D Flip-Flop with Clock Enable
logo
ON Semiconductor
MC74AC377 ONSEMI-MC74AC377_15 Datasheet
102Kb / 9P
   Octal D Flip-Flop with Clock Enable
March, 2015 ??Rev. 10
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377_08 Datasheet
426Kb / 13P
   Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
SN74F377A TI1-SN74F377A_16 Datasheet
813Kb / 13P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com