Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

IDT74FCT827B Datasheet(PDF) 2 Page - Integrated Device Technology

Part # IDT74FCT827B
Description  HIGH-PERFORMANCE CMOS BUFFERS
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology

IDT74FCT827B Datasheet(HTML) 2 Page - Integrated Device Technology

  IDT74FCT827B Datasheet HTML 1Page - Integrated Device Technology IDT74FCT827B Datasheet HTML 2Page - Integrated Device Technology IDT74FCT827B Datasheet HTML 3Page - Integrated Device Technology IDT74FCT827B Datasheet HTML 4Page - Integrated Device Technology IDT74FCT827B Datasheet HTML 5Page - Integrated Device Technology IDT74FCT827B Datasheet HTML 6Page - Integrated Device Technology IDT74FCT827B Datasheet HTML 7Page - Integrated Device Technology  
Zoom Inzoom in Zoom Outzoom out
 2 / 7 page
background image
7.20
2
IDT54/74FCT827A/B/C
HIGH-PERFORMANCE CMOS BUFFERS
MILITARY AND COMMERCIAL TEMPERATURE RANGES
LOGIC SYMBOL
PIN CONFIGURATIONS
PIN DESCRIPTION
FUNCTION TABLE
(1)
NOTE:
2609 tbl 03
1. H = HIGH, L = LOW, X = Don’t Care, Z = High Impedance
2609 tbl 02
ABSOLUTE MAXIMUM RATINGS
(1)
CAPACITANCE (TA = +25
°C, f = 1.0MHz)
NOTES:
2609 tbl 04
1. Stresses greater than those listed under ABSOLUTE MAXIMUM
RATINGS may cause permanent damage to the device. This is a stress
rating only and functional operation of the device at these or any other
conditions above those indicated in the operational sections of this
specification is not implied. Exposure to absolute maximum rating
con-
ditions for extended periods may affect reliability. No terminal voltage may
exceed VCC by +0.5V unless otherwise noted.
2. Input and VCC terminals only.
3. Outputs and I/O terminals only.
Symbol
Parameter(1)
Conditions
Typ.
Max.
Unit
CIN
Input
Capacitance
VIN = 0V
6
10
pF
COUT
Output
Capacitance
VOUT = 0V
8
12
pF
NOTE:
2609 tbl 05
1. This parameter is measured at characterization but not tested.
DIP/CERPACK/SOIC
TOP VIEW
LCC
TOP VIEW
Symbol
Rating
Commercial
Military
Unit
VTERM(2) Terminal Voltage
with Respect to
GND
–0.5 to +7.0
–0.5 to +7.0
V
VTERM(3) Terminal Voltage
with Respect to
GND
–0.5 to VCC
–0.5 to VCC
V
TA
Operating
Temperature
0 to +70
–55 to +125
°C
TBIAS
Temperature
Under Bias
–55 to +125
–65 to +135
°C
TSTG
Storage
Temperature
–55 to +125
–65 to +150
°C
PT
Power Dissipation
0.5
0.5
W
IOUT
DC Output
Current
120
120
mA
OE1
D0-9
Y0-9
10
OE2
OE1
D0
D1
D2
D3
D4
D5
D6
D7
GND
Y0
Y1
Y2
Y3
Y4
Y6
Y5
Y7
VCC
1
2
3
4
5
6
7
8
9
10
13
14
15
16
17
18
19
20
P24-1
D24-1
E24-1
&
SO24-2
11
12
21
22
23
24
D8
D9
Y8
Y9
INDEX
D2
Y2
Y3
Y4
NC
Y5
32
20
19
1
4
5
6
7
8
18
17
16
15
14
9
10
11
1213
L28-1
D3
D4
NC
D5
D6
D7
Y6
Y7
21
22
23
24
25
26
27
28
OE2
10
2609 drw 02
2609 drw 03
2609 drw 04
Name
I/O
Description
OEI
I
When both are LOW, the outputs are
enabled. When either one or both are
HIGH, the outputs are High Z.
DI
I
10-bit data input.
YI
O
10-bit data output.
Inputs
Output
OE
OE1
OE
OE2
DI
YI
Function
L
L
L
L
L
H
L
H
Transparent
H
X
X
H
X
X
Z
Z
Three-State


Similar Part No. - IDT74FCT827B

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDT74FCT827BT IDT-IDT74FCT827BT Datasheet
127Kb / 7P
   FAST CMOS 10-BIT BUFFERS
IDT74FCT827BTD IDT-IDT74FCT827BTD Datasheet
127Kb / 7P
   FAST CMOS 10-BIT BUFFERS
IDT74FCT827BTDB IDT-IDT74FCT827BTDB Datasheet
127Kb / 7P
   FAST CMOS 10-BIT BUFFERS
IDT74FCT827BTE IDT-IDT74FCT827BTE Datasheet
127Kb / 7P
   FAST CMOS 10-BIT BUFFERS
IDT74FCT827BTEB IDT-IDT74FCT827BTEB Datasheet
127Kb / 7P
   FAST CMOS 10-BIT BUFFERS
More results

Similar Description - IDT74FCT827B

ManufacturerPart #DatasheetDescription
logo
System Logic Semiconduc...
SL74HCT126 SLS-SL74HCT126 Datasheet
44Kb / 5P
   Quad 3-State Noninverting Buffers(High-Performance Silicon-Gate CMOS)
logo
KODENSHI_AUK CORP.
KK74HCT126A KODENSHI-KK74HCT126A Datasheet
212Kb / 6P
   Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
logo
STMicroelectronics
74LVC125A STMICROELECTRONICS-74LVC125A_04 Datasheet
239Kb / 12P
   LOW VOLTAGE CMOS QUAD BUS BUFFERS (3-STATE) HIGH PERFORMANCE
logo
IK Semicon Co., Ltd
IN74HCT125A IKSEMICON-IN74HCT125A Datasheet
199Kb / 6P
   Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
IN74HCT126A IKSEMICON-IN74HCT126A Datasheet
199Kb / 6P
   Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
logo
STMicroelectronics
74LVC244A STMICROELECTRONICS-74LVC244A Datasheet
175Kb / 9P
   LOW VOLTAGE CMOS QUAD BUS BUFFERS (3-STATE) HIGH PERFORMANCE
February 2002
logo
KODENSHI_AUK CORP.
KK74HCT125A KODENSHI-KK74HCT125A Datasheet
504Kb / 6P
   Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
logo
List of Unclassifed Man...
AD5424 ETC1-AD5424 Datasheet
88Kb / 5P
   Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
logo
System Logic Semiconduc...
SL74HCT125 SLS-SL74HCT125 Datasheet
45Kb / 5P
   Quad 3-State Noninverting Buffers(High-Performance Silicon-Gate CMOS)
logo
Integral Corp.
IN74HC125A INTEGRAL-IN74HC125A Datasheet
88Kb / 5P
   Quad 3-State Noninverting Buffers High-Performance Silicon-Gate CMOS
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com