Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FQU13N10TU Datasheet(PDF) 3 Page - Fairchild Semiconductor

Part # FQU13N10TU
Description  N-Channel QFET MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQU13N10TU Datasheet(HTML) 3 Page - Fairchild Semiconductor

  FQU13N10TU Datasheet HTML 1Page - Fairchild Semiconductor FQU13N10TU Datasheet HTML 2Page - Fairchild Semiconductor FQU13N10TU Datasheet HTML 3Page - Fairchild Semiconductor FQU13N10TU Datasheet HTML 4Page - Fairchild Semiconductor FQU13N10TU Datasheet HTML 5Page - Fairchild Semiconductor FQU13N10TU Datasheet HTML 6Page - Fairchild Semiconductor FQU13N10TU Datasheet HTML 7Page - Fairchild Semiconductor FQU13N10TU Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
©2000 Fairchild Semiconductor Corporation
FQD13N10 Rev. C1
www.fairchildsemi.com
3
Typical Characteristics
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
10
-1
10
0
10
1
150℃
Notes :
1. V
GS = 0V
2. 250μs Pulse Test
25℃
V
SD, Source-Drain voltage [V]
24
2
8
10
10
-1
10
0
10
1
Notes :
1. V
DS = 40V
2. 250μs Pulse Test
-55℃
150℃
25℃
V
GS , Gate-Source Voltage [V]
10
-1
0
10
1
10
-1
10
0
10
1
V
GS
Top :
15.0 V
10.0 V
8.0 V
7.0 V
6.0 V
5.5 V
5.0 V
Bottom : 4.5 V
Notes :
1. 250μs Pulse Test
2. T
C = 25
10
V
DS, Drain-Source Voltage [V]
0
0
1
2030
40
0.0
0.2
0.4
0.6
0.8
V
GS = 20V
V
GS = 10V
Note : T
J = 25
I
D, Drain Current [A]
0
2
8
6
10
12
0
2
4
6
8
10
12
V
DS = 50V
80V
V
DS =
Note : I
D = 12.8A
Q
G, Total Gate Charge [nC]
10
-1
0
10
1
0
150
300
450
600
750
900
C
iss = Cgs + Cgd (Cds = shorted)
C
oss = Cds + Cgd
C
rss = Cgd
Notes :
1. V
GS = 0 V
2. f = 1 MHz
C
rss
C
oss
C
iss
10
V
DS, Drain-Source Voltage [V]
Figure 5. Capacitance Characteristics
Figure 6. Gate Charge Characteristics
Figure 3. On-Resistance Variation vs.
Drain Current and Gate Voltage
Figure 4. Body Diode Forward Voltage
Variation vs. Source Current
and Temperature
Figure 2. Transfer Characteristics
Figure 1. On-Region Characteristics
6
4


Similar Part No. - FQU13N10TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQU13N10 FAIRCHILD-FQU13N10 Datasheet
619Kb / 9P
   100V N-Channel MOSFET
FQU13N10 FAIRCHILD-FQU13N10 Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
logo
Inchange Semiconductor ...
FQU13N10 ISC-FQU13N10 Datasheet
330Kb / 2P
   isc N-Channel MOSFET Transistor
2023-10-11
logo
Fairchild Semiconductor
FQU13N10L FAIRCHILD-FQU13N10L Datasheet
548Kb / 9P
   100V LOGIC N-Channel MOSFET
FQU13N10L FAIRCHILD-FQU13N10L Datasheet
998Kb / 10P
   N-Channel QFET MOSFET
More results

Similar Description - FQU13N10TU

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FQB5N90 FAIRCHILD-FQB5N90_13 Datasheet
709Kb / 9P
   N-Channel QFET MOSFET
FQT7N10TF FAIRCHILD-FQT7N10TF Datasheet
628Kb / 8P
   N-Channel QFET MOSFET
FQD4N25TM FAIRCHILD-FQD4N25TM Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
FQD18N20V2 FAIRCHILD-FQD18N20V2_13 Datasheet
737Kb / 9P
   N-Channel QFET MOSFET
FQPF13N50T FAIRCHILD-FQPF13N50T Datasheet
1Mb / 10P
   N-Channel QFET MOSFET
FQD19N10 FAIRCHILD-FQD19N10_13 Datasheet
545Kb / 8P
   N-Channel QFET MOSFET
FQD13N10 FAIRCHILD-FQD13N10_13 Datasheet
1Mb / 9P
   N-Channel QFET MOSFET
FQD19N10L FAIRCHILD-FQD19N10L_13 Datasheet
530Kb / 8P
   N-Channel QFET MOSFET
FQP6N80C FAIRCHILD-FQP6N80C_13 Datasheet
855Kb / 10P
   N-Channel QFET MOSFET
FQT7N10LTF FAIRCHILD-FQT7N10LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com