Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FDD5N50F Datasheet(PDF) 1 Page - Fairchild Semiconductor

Part # FDD5N50F
Description  N-Channel MOSFET, FRFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD5N50F Datasheet(HTML) 1 Page - Fairchild Semiconductor

  FDD5N50F Datasheet HTML 1Page - Fairchild Semiconductor FDD5N50F Datasheet HTML 2Page - Fairchild Semiconductor FDD5N50F Datasheet HTML 3Page - Fairchild Semiconductor FDD5N50F Datasheet HTML 4Page - Fairchild Semiconductor FDD5N50F Datasheet HTML 5Page - Fairchild Semiconductor FDD5N50F Datasheet HTML 6Page - Fairchild Semiconductor FDD5N50F Datasheet HTML 7Page - Fairchild Semiconductor FDD5N50F Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
tm
December 2007
©2007 Fairchild Semiconductor Corporation
FDD5N50F Rev. A1
www.fairchildsemi.com
1
UniFET
TM
FDD5N50F
N-Channel MOSFET, FRFET
500V, 3.5A, 1.55
Features
•RDS(on) = 1.25Ω ( Typ.)@ VGS = 10V, ID = 1.75A
• Low gate charge ( Typ. 11nC)
• Low Crss ( Typ. 5pF)
• Fast switching
• 100% avalanche tested
• Improved dv/dt capability
• RoHS compliant
Description
These N-Channel enhancement mode power field effect
transistors are produced using Fairchild’s proprietary, planar
stripe, DMOS technology.
This advanced technology has been especially tailored to
minimize on-state resistance, provide superior switching
performance, and withstand high energy pluse in the avalanche
and commutation mode. These devices are well suited for high
efficient switched mode power suppliesand active power factor-
correction.
D
G
S
G
S
D
D-PAK
MOSFET Maximum Ratings T
C = 25
oC unless otherwise noted*
Thermal Characteristics
Symbol
Parameter
Ratings
Units
VDSS
Drain to Source Voltage
500
V
VGSS
Gate to Source Voltage
±30
V
ID
Drain Current
-Continuous (TC = 25oC)
3.5
A
-Continuous (TC = 100oC)
2.1
IDM
Drain Current
- Pulsed
(Note 1)
14
A
EAS
Single Pulsed Avalanche Energy
(Note 2)
257
mJ
IAR
Avalanche Current
(Note 1)
3.5
A
EAR
Repetitive Avalanche Energy
(Note 1)
4
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
4.5
V/ns
PD
Power Dissipation
(TC = 25oC)
40
W
- Derate above 25oC0.3
W/oC
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
oC
TL
Maximum Lead Temperature for Soldering Purpose,
1/8” from Case for 5 Seconds
300
oC
Symbol
Parameter
Ratings
Units
RθJC
Thermal Resistance, Junction to Case
1.4
oC/W
RθJA
Thermal Resistance, Junction to Ambient
110


Similar Part No. - FDD5N50F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FDD5N50F FAIRCHILD-FDD5N50F Datasheet
641Kb / 8P
   N-Channel MOSFET, FRFET 500V, 3.5A, 1.55廓
logo
Inchange Semiconductor ...
FDD5N50F ISC-FDD5N50F Datasheet
297Kb / 2P
   isc N-Channel MOSFET Transistor
More results

Similar Description - FDD5N50F

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
FCH47N60NF FAIRCHILD-FCH47N60NF Datasheet
301Kb / 8P
   N-Channel MOSFET, FRFET
FDP5N50U FAIRCHILD-FDP5N50U Datasheet
230Kb / 10P
   N-Channel MOSFET, FRFET
FCA36N60NF FAIRCHILD-FCA36N60NF Datasheet
269Kb / 8P
   N-Channel MOSFET, FRFET
FDH45N50F FAIRCHILD-FDH45N50F Datasheet
1Mb / 7P
   500V N-Channel MOSFET, FRFET
FCH47N60F FAIRCHILD-FCH47N60F_13 Datasheet
290Kb / 8P
   N-Channel SuperFET FRFET MOSFET
FDH45N50F FAIRCHILD-FDH45N50F_08 Datasheet
1Mb / 7P
   500V N-Channel MOSFET, FRFET
FCA47N60F FAIRCHILD-FCA47N60F Datasheet
196Kb / 8P
   600V N-Channel MOSFET, FRFET
FDH45N50F_0605 FAIRCHILD-FDH45N50F_0605 Datasheet
1Mb / 7P
   500V N-Channel MOSFET, FRFET
FCH76N60NF FAIRCHILD-FCH76N60NF Datasheet
539Kb / 8P
   600V N-Channel MOSFET, FRFET
FCH041N60F FAIRCHILD-FCH041N60F Datasheet
339Kb / 9P
   600V N-Channel MOSFET, FRFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com